Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ET-D75LE6 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ET-D75LE6
Description  3-Chip DLP??Projector
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ET-D75LE6 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ET-D75LE6 Datasheet HTML 1Page - Panasonic Semiconductor ET-D75LE6 Datasheet HTML 2Page - Panasonic Semiconductor ET-D75LE6 Datasheet HTML 3Page - Panasonic Semiconductor ET-D75LE6 Datasheet HTML 4Page - Panasonic Semiconductor ET-D75LE6 Datasheet HTML 5Page - Panasonic Semiconductor ET-D75LE6 Datasheet HTML 6Page - Panasonic Semiconductor ET-D75LE6 Datasheet HTML 7Page - Panasonic Semiconductor ET-D75LE6 Datasheet HTML 8Page - Panasonic Semiconductor ET-D75LE6 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
BTU value
Max 4,096 BTU
Laser Diode (Laser class: Class 1)
Luminance life for set: 20,000 hours at half luminance (normal)/
24,000 hours at half luminance (Eco)
* Temperature: 35°C
(95°F), Altitude 700m (22ft 12in), Dust: 0.15mg/m3
43,800 hours at constant luminance (Longlife1)
61,320 hours at constant luminance (Longlife2)
87,600 hours at constant luminance (Longlife3)
Specifications
Main unit
Power supply
Power consumption
DLP™ chip
Panel size
Display method
Pixels
Lens
Light source
Screen size
Brightness*2
Center-to-corner uniformity*2
Contrast*2
Resolution
Scanning frequency
SDI
HDMI/DVI-D
AC 100–240 V 50/60 Hz
1,200 W (1,280 VA) (0.3 W with STANDBY MODE set to ECO.*1 4 W with
STANDBY MODE
set to NORMAL.),
Average power consumption
NORMAL: 800W ECO: 680W LONG LIFE1: 620W LONG LIFE 2: 590W
LONG LIFE 3: 550W
*Operating Temperature: 25 °C (77 °F), Altitude: 700m (22 ft 12 in),
ICE627087: 2008 Broadcast contents,
Picture mode: Dynamic, Dynamic Contrast3
24.4 mm (0.96 inches) diagonal (16:10 aspect ratio)
DLP™ chip ×3 (R, G, B), DLP™ projection system
2,304,000 (1,920 × 1,200) × 3, total of 6,912,000 pixels
Optional powered zoom/focus lenses
1.78–25.4 m (70–1,000 inches) (16:10 aspect ratio)
1.78–15.24 m (70– 600 inches) with the ET-D75LE8 (16:10 aspect ratio)
3.05–15.24 m (120 –600 inches) with the ET-D75LE90 (16:10 aspect ratio)
12,000 lumens
90%
20,000:1 (full on/full off, in Dynamic Contrast 3 mode)
1,920 × 1,200 pixels (Input signals that exceed this resolution will be
converted to 1,920 × 1,200 pixels.)
Dual-link HD-SDI signal (RGB 4:4:4 12-bit/10-bit):
SMPTE ST 372 compliant: 1125(1080)/60i, 1125(1080)/50i,
1125(1080)/25p, 1125(1080)/24p, 1125(1080)/24sF, 1125(1080)/30p
Single-link HD-SDI
Dual-link HD-SDI signal (X Y Z 4:4:4 12-bit):
SMPTE ST 372 compliant: 2048 ×1080/24p, 2048 ×1080/24sF,
2048 ×1080/24p, 2048 ×1080/24sF,
Dual-link 3G-SDI signal
SMPTE ST 425 compliant: 1125(1080)/60i, 1125(1080)/50i,
2048 × 1080/48p, 2048 × 1080/50p, 2048 × 1080/60p
(RGB 4:4:4 12-bit/10-bit):
3G-SDI signal (RGB 4:4:4 12-bit/10-bit):
SMPTE ST 424 compliant: 1125(1080)/60i, 1125(1080)/50i,
1125(1080)/25p, 1125(1080)/24p, 1125(1080)/24sF, 1125(1080)/30p
3G-SDI signal (YPBPR 4:2:2 10-bit):
SMPTE ST 424 compliant: 1125(1080)/60p, 1125(1080)/50p
(YPBPR 4:4:4 12-bit/10-bit):
Dual-link 3G-SDI signal
SMPTE ST 425 compliant: 1125(1080)/60i, 1125(1080)/50i,
2048 × 1080/48p, 2048 × 1080/50p, 2048 × 1080/60p
signal (YPBPR 4:2:2 10-bit):
SMPTE ST 292 compliant: 750(720)/60p, 750(720)/50p, 1125(1035)/60i,
1125(1080)/60i, 1125(1080)/50i, 1125(1080)/25p, 1125(1080)/24p,
1125(1080)/24sF, 1125(1080)/30p
SD-SDI signal (YCBCR 4:2:2 10-bit):
SMPTE ST 259 compliant: 525i(480i), 625i(576i)
Horizontal: 15 kHz–100 kHz, vertical: 24 Hz – 120 Hz,
dot clock: 25 MHz – 162 MHz
RGB
Horizontal: 15 kHz–100 kHz, vertical: 24 Hz – 120 Hz,
dot clock: 162 MHz or less
PT-
RZ12K
3-Chip DLP™ Projector
As of September 2015
2/14
SFD15M030


Similar Part No. - ET-D75LE6

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ET-D75LE6 PANASONIC-ET-D75LE6 Datasheet
492Kb / 2P
   Zoom Lens
ET-D75LE6 PANASONIC-ET-D75LE6 Datasheet
2Mb / 19P
   3-Chip DLP??Projector
More results

Similar Description - ET-D75LE6

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PT-DW17K2 PANASONIC-PT-DW17K2 Datasheet
1Mb / 11P
   3-Chip DLP??Projector
PT-DS12K PANASONIC-PT-DS12K Datasheet
1Mb / 18P
   3-Chip DLP Projector
PT-DZ16K PANASONIC-PT-DZ16K Datasheet
2Mb / 14P
   3-Chip DLP Projector
PT-DW11K PANASONIC-PT-DW11K Datasheet
1Mb / 18P
   3-Chip DLP Projector
PT-DZ16K2 PANASONIC-PT-DZ16K2 Datasheet
1Mb / 12P
   3-Chip DLP??Projector
PT-DZ21K PANASONIC-PT-DZ21K Datasheet
1Mb / 19P
   3-Chip DLP Projector
PT-RQ13K PANASONIC-PT-RQ13K Datasheet
2Mb / 19P
   3-Chip DLP??Projector
PT-DS20K PANASONIC-PT-DS20K Datasheet
1Mb / 18P
   3-Chip DLP Projector
PT-DS20K2 PANASONIC-PT-DS20K2 Datasheet
1Mb / 13P
   3-Chip DLP Projector
PT-DZ21K2 PANASONIC-PT-DZ21K2 Datasheet
1Mb / 14P
   3-Chip DLP??Projector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com