Electronic Components Datasheet Search |
|
ET-MDNHM10 Datasheet(PDF) 1 Page - Panasonic Semiconductor |
|
ET-MDNHM10 Datasheet(HTML) 1 Page - Panasonic Semiconductor |
|
1 / 1 page 151.1(5-15/16) As of November 2015 SFL15A018 1/ 1 unit : mm (inch) NOTE: This illustration is not drawn to scale. S P E C F I L E ET- MDNHM10 Interface Board for HDMI 2 input Specifications Compatible slot : SLOT NX specifications ( Specifications and appearance are subject to change for improvement without notice. ) Compatible frequencies : • Resolution • Dot clock frequency : 25 MHz~594 MHz HDMI 19-pin ×2 Terminals : [Digital signal] HDCP 2.2 compatible,Deep color compliant, for single link only Movie signal resolution : 480i*1/576i*1~ 4,096 x 2,160 Still picture signal resolution : 640 x 400~2,560 x 1,600( non-interlace ) Dimensions ( W × H × D ) : 151 × 38.5 × 142 mm ( 5-15/16˝ × 1-17/32˝ × 5-19/32˝ ) Weight : Approx. 350 g*2 ( 12.3 oz*2 ) Applicable projector : PT-RQ13K (As of November 2015) *1 Pixel-Repetition signal (dot clock frequency 27.0 MHz) only. *2 Average value. May differ depending on models. Dimensions Description This is an input board for mounting to the PT-RQ13K 3-chip DLP™ projector, and it allows input of two HDMI signal systems. * This unit does not operate as a stand-alone unit. Use it by mounting to the PT-RQ13K 3-chip DLP™ projector ( sold separately ). * It is recommended that installation and removal of the interface board for the main projector unit should be carried out by a qualified technician. Please contact the place of purchase. |
Similar Part No. - ET-MDNHM10 |
|
Similar Description - ET-MDNHM10 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |