Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D1U54P-12-CONC Datasheet(PDF) 8 Page - Murata Power Solutions Inc.

Part # D1U54P-12-CONC
Description  54mm 1U Front End AC-DC Power Supply Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

D1U54P-12-CONC Datasheet(HTML) 8 Page - Murata Power Solutions Inc.

  D1U54P-12-CONC Datasheet HTML 1Page - Murata Power Solutions Inc. D1U54P-12-CONC Datasheet HTML 2Page - Murata Power Solutions Inc. D1U54P-12-CONC Datasheet HTML 3Page - Murata Power Solutions Inc. D1U54P-12-CONC Datasheet HTML 4Page - Murata Power Solutions Inc. D1U54P-12-CONC Datasheet HTML 5Page - Murata Power Solutions Inc. D1U54P-12-CONC Datasheet HTML 6Page - Murata Power Solutions Inc. D1U54P-12-CONC Datasheet HTML 7Page - Murata Power Solutions Inc. D1U54P-12-CONC Datasheet HTML 8Page - Murata Power Solutions Inc. D1U54P-12-CONC Datasheet HTML 9Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
D1U54P-W-650-12-HBxC Series
54mm 1U Front End AC-DC Power Supply Converter
D1U54P-W-650-12-HBxC.A02 Page 8 of 9
www.murata-ps.com/support
WIRING DIAGRAM FOR OUTPUT
VSB
Load
+12V
Load
D1U54P
D1U54P
V1_SENSE
(Main Output Remote Sense)
V1_SENSE
(Main Output Remote Sense)
V1_SENSE_R
V1_SENSE_R
+12V Main Output Return
+12V Main Output Return
+12V Main Output
+12V Main Output
ISHARE
ISHARE
VSB
VSB
VSB_Return
VSB_Return
PS_ON
PS_ON
PS_KILL
PS_KILL
Dotted lines show optional remote sense connections.
Optional remote sense lines can be attached to a load that is a distance
away from the power supply to improve regulation at the load.
FET, BJT, wire or
switch (debounced)
to turn on +12V
Main Output
E3
E3
6 -10
6-10
1 - 5
1 - 5
D3
D3
B5
B5
A1, B1, C1,
D1, E1
A1, B1, C1,
D1, E1
A2, B2
A2, B2
B4
B4
A5
A5
CURRENT SHARE NOTES
1. Main Output: Current sharing is achieved using the active current share method details.)
2. Current sharing can be achieved with or without the remote (V_SENSE) connected to the common load.
3. +VSB Outputs can be tied together for redundancy but total combined output power must not exceed the rated standby power. The +VSB output has an internal ORING
MOSFET for additional redundancy/internal short protection.
4. The current sharing pin B5 is connected between sharing units (forming an ISHARE bus). It is an input and/or an output (bi-directional analogue bus) as the voltage on the
line controls the current share between sharing units. A power supply will respond to a change in this voltage but a power supply can also change the voltage depending
on the load drawn from it. On a single unit the voltage on the pin (and the common ISHARE bus would read 8VDC at 100% load. For two units sharing the same load this
would read 4VDC for perfect current sharing (i.e. 50% load per unit).
5. The load for both the main 12V and the VSB rails at initial startup shall not be allowed to exceed the capability of a single unit. The load can be increased after a delay of
3sec (minimum), to allow all sharing units to achieve steady state regulation.
MECHANICAL DIMENSIONS


Similar Part No. - D1U54P-12-CONC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
D1U54P-W-1200-12-HA3PC MURATA-D1U54P-W-1200-12-HA3PC Datasheet
220Kb / 8P
   54mm 1U Front End AC-DC Power Supply Converter
logo
Murata Power Solutions ...
D1U54P-W-1200-12-HA3PC MURATA-PS-D1U54P-W-1200-12-HA3PC Datasheet
220Kb / 8P
   54mm 1U Front End AC-DC Power Supply Converter
D1U54P-W-1200-12-HA3PC MURATA-PS-D1U54P-W-1200-12-HA3PC Datasheet
220Kb / 8P
   54mm 1U Front End AC-DC Power Supply Converter
logo
Murata Manufacturing Co...
D1U54P-W-1200-12-HA4PC MURATA-D1U54P-W-1200-12-HA4PC Datasheet
220Kb / 8P
   54mm 1U Front End AC-DC Power Supply Converter
logo
Murata Power Solutions ...
D1U54P-W-1200-12-HA4PC MURATA-PS-D1U54P-W-1200-12-HA4PC Datasheet
220Kb / 8P
   54mm 1U Front End AC-DC Power Supply Converter
More results

Similar Description - D1U54P-12-CONC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
D1U54P-W-1200-12-HXXC MURATA-PS-D1U54P-W-1200-12-HXXC Datasheet
220Kb / 8P
   54mm 1U Front End AC-DC Power Supply Converter
D1U54P MURATA-PS-D1U54P Datasheet
220Kb / 8P
   54mm 1U Front End AC-DC Power Supply Converter
logo
Murata Manufacturing Co...
D1U54P-W-1200-12-HC4PC MURATA-D1U54P-W-1200-12-HC4PC Datasheet
220Kb / 8P
   54mm 1U Front End AC-DC Power Supply Converter
logo
Murata Power Solutions ...
D1U2-W-400-12-HA4C MURATA-PS-D1U2-W-400-12-HA4C Datasheet
268Kb / 6P
   54mm 1U Front End AC-DC Power Supply Converter
D1U2-D-400-12-HA4C MURATA-PS-D1U2-D-400-12-HA4C Datasheet
263Kb / 6P
   54mm 1U Front End DC-DC Power Supply Converter
D1U54-D-650-12-HBXC MURATA-PS-D1U54-D-650-12-HBXC Datasheet
307Kb / 9P
   54mm 1U Front End DC-DC Power Supply Converter
D1U54 MURATA-PS-D1U54 Datasheet
307Kb / 9P
   54mm 1U Front End DC-DC Power Supply Converter
D1U54-D-2000-12 MURATA-PS-D1U54-D-2000-12 Datasheet
784Kb / 8P
   54mm 1U Front End DC-DC Power Supply Converter
logo
Murata Manufacturing Co...
D1U54-D-1200-12-HC4PC MURATA-D1U54-D-1200-12-HC4PC Datasheet
259Kb / 6P
   54mm 1U Front End DC-DC Power Converter
logo
Murata Power Solutions ...
D1U54-D-1200-12-HX4PC MURATA-PS-D1U54-D-1200-12-HX4PC Datasheet
259Kb / 6P
   54mm 1U Front End DC-DC Power Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com