Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMC1043-5-ACZL-TR Datasheet(PDF) 7 Page - SMSC Corporation

Part # EMC1043-5-ACZL-TR
Description  1째C Triple Temperature Sensor
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1043-5-ACZL-TR Datasheet(HTML) 7 Page - SMSC Corporation

Back Button EMC1043-5-ACZL-TR Datasheet HTML 3Page - SMSC Corporation EMC1043-5-ACZL-TR Datasheet HTML 4Page - SMSC Corporation EMC1043-5-ACZL-TR Datasheet HTML 5Page - SMSC Corporation EMC1043-5-ACZL-TR Datasheet HTML 6Page - SMSC Corporation EMC1043-5-ACZL-TR Datasheet HTML 7Page - SMSC Corporation EMC1043-5-ACZL-TR Datasheet HTML 8Page - SMSC Corporation EMC1043-5-ACZL-TR Datasheet HTML 9Page - SMSC Corporation EMC1043-5-ACZL-TR Datasheet HTML 10Page - SMSC Corporation EMC1043-5-ACZL-TR Datasheet HTML 11Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
1°C Triple Temperature Sensor with Beta Compensation and Hotter of Two Zones
Datasheet
SMSC EMC1043
7
Revision 1.44 (04-14-08)
DATASHEET
Chapter 2 Electrical Specifications
2.1
Absolute Maximum Ratings
Note: Stresses above those listed could cause damage to the device. This is a stress rating only and
functional operation of the device at any other condition above those indicated in the operation
sections of this specification is not implied. When powering this device from laboratory or
system power supplies, it is important that the Absolute Maximum Ratings not be exceeded or
device failure can result. Some power supplies exhibit voltage spikes on their outputs when the
AC power is switched on or off. In addition, voltage transients on the AC power line may appear
on the DC output. If this possibility exists, it is suggested that a clamp circuit be used.
2.2
Electrical Specifications
Table 2.1 Absolute Maximum Ratings
DESCRIPTION
RATING
UNIT
Supply Voltage VDD
-0.3 to 5.0
V
Voltage on SMDATA and SMCLK pins
-0.3 to 5.5
V
Voltage on any other pin
-0.3 to VDD+0.3
V
Operating Temperature Range
-40 to 125
°C
Storage Temperature Range
-55 to 150
°C
Lead Temperature Range
Refer to JEDEC
Spec. J-STD-020
Package Thermal Characteristics for MSOP-8
Thermal Resistance TJA(at 0 air flow)
135.9
°C/W
ESD Rating, All Pins Human Body Model
2000
V
Table 2.2 Electrical Characteristics
VDD=3.0V to 3.6V, TA= -20°C to +85°C, Typical values at TA = 27°C unless otherwise noted
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
DC Power
Supply Voltage
VDD
3.0
3.3
3.6
V
Average Operating Current
IDD
340
400
μA
4 conversions/s
See Table 4.4.
ISTBY
24
μA
Standby mode
Internal Temperature Monitor
Temperature Accuracy
± 1
± 3
°C-20°C≤ T
A ≤85°C
± 1.5
°C0°C < T
A ≤ 85°C
Temperature Resolution
0.125
°C


Similar Part No. - EMC1043-5-ACZL-TR

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1043-5-ACZL-TR SMSC-EMC1043-5-ACZL-TR Datasheet
574Kb / 28P
   1째C Triple Temperature Sensor with Beta Compensation and Hotter of Two Zones
EMC1043-5-ACZL-TR SMSC-EMC1043-5-ACZL-TR Datasheet
593Kb / 29P
   1C Triple Temperature Sensor with Beta Compensation and Hotter of Two Zones
More results

Similar Description - EMC1043-5-ACZL-TR

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1063 SMSC-EMC1063_08 Datasheet
410Kb / 26P
   1째C Triple Temperature Sensor
EMC1053 SMSC-EMC1053_08 Datasheet
437Kb / 28P
   1째C Triple Temperature Sensor
EMC1183 SMSC-EMC1183 Datasheet
539Kb / 48P
   Triple Channel 1째C Temperature Sensor
EMCT03 SMSC-EMCT03_05 Datasheet
385Kb / 16P
   1째C Triple SMBus Temperature Sensor
EMC1187 SMSC-EMC1187 Datasheet
525Kb / 47P
   Triple Channel 1째C Temperature Sensor with Hardware
logo
Microchip Technology
EMC1187 MICROCHIP-EMC1187 Datasheet
525Kb / 47P
   Triple Channel 1째C Temperature Sensor with Hardware
Revision 1.0 07-11-13
EMC1183 MICROCHIP-EMC1183 Datasheet
539Kb / 48P
   Triple Channel 1째C Temperature Sensor with Beta
Revision 1.0 07-11-13
logo
SMSC Corporation
EMC1033 SMSC-EMC1033_08 Datasheet
226Kb / 24P
   1째C Triple SMBus Sensor
EMC1023 SMSC-EMC1023_07 Datasheet
431Kb / 19P
   1째C Triple Temperature Sensor with Resistance Error Correction
EMC1023 SMSC-EMC1023 Datasheet
436Kb / 19P
   1째C Triple Temperature Sensor with Resistance Error Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com