Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMC1002-1-ACZL-TR Datasheet(PDF) 3 Page - SMSC Corporation

Part # EMC1002-1-ACZL-TR
Description  1째C Dual SMBus Sensor
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1002-1-ACZL-TR Datasheet(HTML) 3 Page - SMSC Corporation

  EMC1002-1-ACZL-TR Datasheet HTML 1Page - SMSC Corporation EMC1002-1-ACZL-TR Datasheet HTML 2Page - SMSC Corporation EMC1002-1-ACZL-TR Datasheet HTML 3Page - SMSC Corporation EMC1002-1-ACZL-TR Datasheet HTML 4Page - SMSC Corporation EMC1002-1-ACZL-TR Datasheet HTML 5Page - SMSC Corporation EMC1002-1-ACZL-TR Datasheet HTML 6Page - SMSC Corporation EMC1002-1-ACZL-TR Datasheet HTML 7Page - SMSC Corporation EMC1002-1-ACZL-TR Datasheet HTML 8Page - SMSC Corporation EMC1002-1-ACZL-TR Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
1°C Dual SMBus Sensor with Resistance Error Correction
Datasheet
SMSC EMC1002
3
Revision 1.4 (12-18-07)
DATASHEET
Chapter 1 Pin Configuration
Figure 1.1 EMC1002 Pin Configuration
Note 1.1
This value must be greater than 1k
Ω ±5% and less than or equal to 7.5kΩ ±5%.
Note 1.2
The pull-up resistor must be connected to VDD (pin 1), less than 100pf capacitance on pin.
.
Table 1.1 Pin Description
PIN
PIN NO.
DESCRIPTION
VDD
1
Supply Voltage, 3.0V to 3.6V.
DP
2
Anode connection for remote temperature diode.
DN
3
Cathode connection for remote temperature diode.
ADDR
/THERM
4
Logic output that can be used to turn on/off a fan or throttle a CPU clock
in the event of an over-temperature condition. This is an open-drain
output. For the EMC1002-2, this pin is sampled following power up and
the value of the pull-up resistor determines the SMBus slave address per
Table 1.2 on page 3. Total capacitance on this pin must not exceed 100
pf, and the pull-up resistor must be connected to the same supply voltage
as VDD.
GND
5
Ground.
ALERT
/THERM2
6
Logic output used as interrupt, SMBus alert or as a second THERM
output. This is an open-drain output.
SMDATA
7
SMBus data input/output. This is an open-drain output.
SMCLK
8
SMBus clock input.
Table 1.2 Ordering Information
PART NUMBER
ADDR
/THERM
PULL-UP RESISTOR
SMBUS
ADDRESS
EMC1002-1
1k
Ω or greater
(If unused, connect to GND)
1001 100b
EMC1002-2
7.5k
Ω ±5% Note 1.1 Note 1.2
1001 100b
12k
Ω ±5% Note 1.2
1001 101b
20k
Ω ±5% Note 1.2
0111 100b
33k
Ω ±5% Note 1.2
0111 101b
EMC1002
TOP VIEW
8
7
6
5
1
2
3
4
V
DD
DP
DN
SMCLK
SMDATA
ALERT/THERM2
GND
ADDR/THERM


Similar Part No. - EMC1002-1-ACZL-TR

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1002-1-ACZL-TR SMSC-EMC1002-1-ACZL-TR Datasheet
458Kb / 4P
   1C Dual SmBus Sensor with Resistance Error Correction
EMC1002-1-ACZL-TR SMSC-EMC1002-1-ACZL-TR Datasheet
792Kb / 22P
   1째C Dual SMBus Sensor with Resistance Error Correction
More results

Similar Description - EMC1002-1-ACZL-TR

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1033 SMSC-EMC1033_08 Datasheet
226Kb / 24P
   1째C Triple SMBus Sensor
EMCT03 SMSC-EMCT03_05 Datasheet
385Kb / 16P
   1째C Triple SMBus Temperature Sensor
EMC1002 SMSC-EMC1002_06 Datasheet
792Kb / 22P
   1째C Dual SMBus Sensor with Resistance Error Correction
EMC1033 SMSC-EMC1033_07 Datasheet
824Kb / 25P
   1째C Triple SMBus Sensor with Resistance Error Correction
logo
Maxim Integrated Produc...
MAX6654 MAXIM-MAX6654 Datasheet
222Kb / 16P
   1째C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 2; 1/02
logo
Microchip Technology
EMC1182 MICROCHIP-EMC1182 Datasheet
565Kb / 48P
   Dual Channel 1째C Temperature Sensor with Beta
Revision 1.0 07-11-13
logo
SMSC Corporation
EMC1043 SMSC-EMC1043_08 Datasheet
443Kb / 29P
   1째C Triple Temperature Sensor
EMC1063 SMSC-EMC1063_08 Datasheet
410Kb / 26P
   1째C Triple Temperature Sensor
EMC2101 SMSC-EMC2101_09 Datasheet
1Mb / 57P
   SMBus Fan Control with 1째C Accurate Temperature Monitoring
EMC1046 SMSC-EMC1046_09 Datasheet
591Kb / 37P
   1째C Multiple Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com