Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMC1053-2-ACZL-TR Datasheet(PDF) 6 Page - SMSC Corporation

Part # EMC1053-2-ACZL-TR
Description  1째C Triple Temperature Sensor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1053-2-ACZL-TR Datasheet(HTML) 6 Page - SMSC Corporation

Back Button EMC1053-2-ACZL-TR Datasheet HTML 2Page - SMSC Corporation EMC1053-2-ACZL-TR Datasheet HTML 3Page - SMSC Corporation EMC1053-2-ACZL-TR Datasheet HTML 4Page - SMSC Corporation EMC1053-2-ACZL-TR Datasheet HTML 5Page - SMSC Corporation EMC1053-2-ACZL-TR Datasheet HTML 6Page - SMSC Corporation EMC1053-2-ACZL-TR Datasheet HTML 7Page - SMSC Corporation EMC1053-2-ACZL-TR Datasheet HTML 8Page - SMSC Corporation EMC1053-2-ACZL-TR Datasheet HTML 9Page - SMSC Corporation EMC1053-2-ACZL-TR Datasheet HTML 10Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
1°C Triple Temperature Sensor with Resistance Error Correction & Hotter of Two Zones
Datasheet
Revision 1.44 (04-14-08)
6
SMSC EMC1053
DATASHEET
Chapter 1 Pin Function
Figure 1.1 EMC1053 Pin Diagram
Table 1.1 EMC1053 Pin Description
PIN
PIN NO.
DESCRIPTION
DP1
1
External Diode 1 Positive (anode) Connection
DN1
2
External Diode 1 Negative (cathode) Connection
DP2
3
External Diode 2 Positive (anode) Connection
DN2
4
External Diode 2 Negative (cathode) Connection
GND
5
Ground
VDD
6
Supply Voltage
SMDATA
7
System Management Bus Data - bi-directional data, open drain output
SMCLK
8
System Management Bus Clock Input
8-MSOP
8
7
6
5
1
2
3
4
DP1
DN1
DP2
DN2
SMCLK
SMDATA
VDD
GND


Similar Part No. - EMC1053-2-ACZL-TR

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1053-ACZL-TR SMSC-EMC1053-ACZL-TR Datasheet
574Kb / 26P
   1C Triple Temperature Sensor with Resistance Error Correction and Hotter of Two Zones
More results

Similar Description - EMC1053-2-ACZL-TR

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1043 SMSC-EMC1043_08 Datasheet
443Kb / 29P
   1째C Triple Temperature Sensor
EMC1063 SMSC-EMC1063_08 Datasheet
410Kb / 26P
   1째C Triple Temperature Sensor
EMC1183 SMSC-EMC1183 Datasheet
539Kb / 48P
   Triple Channel 1째C Temperature Sensor
EMCT03 SMSC-EMCT03_05 Datasheet
385Kb / 16P
   1째C Triple SMBus Temperature Sensor
EMC1187 SMSC-EMC1187 Datasheet
525Kb / 47P
   Triple Channel 1째C Temperature Sensor with Hardware
logo
Microchip Technology
EMC1187 MICROCHIP-EMC1187 Datasheet
525Kb / 47P
   Triple Channel 1째C Temperature Sensor with Hardware
Revision 1.0 07-11-13
EMC1183 MICROCHIP-EMC1183 Datasheet
539Kb / 48P
   Triple Channel 1째C Temperature Sensor with Beta
Revision 1.0 07-11-13
logo
SMSC Corporation
EMC1033 SMSC-EMC1033_08 Datasheet
226Kb / 24P
   1째C Triple SMBus Sensor
EMC1023 SMSC-EMC1023_07 Datasheet
431Kb / 19P
   1째C Triple Temperature Sensor with Resistance Error Correction
EMC1023 SMSC-EMC1023 Datasheet
436Kb / 19P
   1째C Triple Temperature Sensor with Resistance Error Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com