Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMC1103-1-AIZL-TR Datasheet(PDF) 1 Page - SMSC Corporation

Part # EMC1103-1-AIZL-TR
Description  SST Compliant Hardware Monitor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1103-1-AIZL-TR Datasheet(HTML) 1 Page - SMSC Corporation

  EMC1103-1-AIZL-TR Datasheet HTML 1Page - SMSC Corporation EMC1103-1-AIZL-TR Datasheet HTML 2Page - SMSC Corporation EMC1103-1-AIZL-TR Datasheet HTML 3Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMSC EMC1103
PRODUCT PREVIEW
Revision 2.7 (07-15-08)
Data Brief
PRODUCT FEATURES
EMC1103
SST Compliant
Hardware Monitor with
Three Temperature
Channels
General Description
The EMC1103 is a one-wire sensor that is capable of
monitoring up to three temperature zones for an Intel PC
platform containing an SST host. The three temperature
zones consist of an internal temperature diode and two
externally connected temperature diodes. In cooperation
with a host device, thermal management and fan control
can be performed. Communication takes place over a
one-wire SST based interface. The internal 11-bit delta-
sigma ADC architecture provides superb linearity, high
accuracy, and excellent noise immunity.
Applications
Desktop PCs, Servers and Workstations
Features
Single Wire Interface (SST based)
— SST 1.0 compliant
— Fixed Address, Discoverable Device
— Nine programmable addresses
— Supports FCS Abort functionality not available in SST
0.9 compliant devices
Resistance Error Correction
Ideality Configuration
Beta Compensation
Two External Temperature Monitors
— 0.125°C resolution
— ±1°C Accuracy (50°C to 70°C)
— Diode Fault Reporting
— Second External Diode configured to read a discrete
diode.
Internal Temperature Monitor
— Range -40°C to +125°C
— 0.125°C resolution
— ±2°C Accuracy (40°C to 70°C)
Supply
— 3.0V to 3.6V
Simplified Block Diagram
EMC1103
Internal
Temp
Diode
Switching
Current
Configuration
Register
Status Register
External 1
Temp Register
Internal Temp
Register
11-bit
delta-sigma
ADC
Digital Mux
and
Byte Interlock
DP1
DN1
DP2
DN2
External 2
Temp Register
SST
ADD1
ADD0


Similar Part No. - EMC1103-1-AIZL-TR

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1103 SMSC-EMC1103 Datasheet
213Kb / 3P
   SST Compliant Hardware Monitor with Three Temperature Channels
More results

Similar Description - EMC1103-1-AIZL-TR

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1102 SMSC-EMC1102_08 Datasheet
231Kb / 3P
   SST Compliant Hardware Monitor
EMC1102 SMSC-EMC1102 Datasheet
333Kb / 3P
   SST Compliant Hardware Monitor with Two Temperature Channels
EMC1103 SMSC-EMC1103 Datasheet
213Kb / 3P
   SST Compliant Hardware Monitor with Three Temperature Channels
EMC1152 SMSC-EMC1152 Datasheet
322Kb / 3P
   SST Compliant Hardware Monitor with Two Temperature Channels and Five Voltage Channels
EMC1133 SMSC-EMC1133 Datasheet
211Kb / 3P
   SST Compliant Hardware Monitor with Three Temperature Channels and Three Voltage Channels
logo
Texas Instruments
LM96194 TI1-LM96194 Datasheet
1Mb / 102P
[Old version datasheet]   TruTherm Hardware Monitor
logo
Analog Devices
ADT7488A AD-ADT7488A Datasheet
470Kb / 16P
   SST Digital Temperature Sensor and Voltage Monitor
REV. 0
ADT7485A AD-ADT7485A Datasheet
404Kb / 16P
   SST Digital Temperature Sensor and Voltage Monitor
REV. 0
logo
ON Semiconductor
ADT7488A ONSEMI-ADT7488A Datasheet
344Kb / 12P
   SST Digital Temperature Sensor and Voltage Monitor
December, 2009 ??Rev. 4
logo
ADL Embedded Solutions
ADLQM67PC-3517UE ADL-ADLQM67PC-3517UE Datasheet
877Kb / 3P
   Hardware monitor with api
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com