Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC54102J256BD64QL Datasheet(PDF) 53 Page - NXP Semiconductors

Part # LPC54102J256BD64QL
Description  32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC54102J256BD64QL Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button LPC54102J256BD64QL Datasheet HTML 49Page - NXP Semiconductors LPC54102J256BD64QL Datasheet HTML 50Page - NXP Semiconductors LPC54102J256BD64QL Datasheet HTML 51Page - NXP Semiconductors LPC54102J256BD64QL Datasheet HTML 52Page - NXP Semiconductors LPC54102J256BD64QL Datasheet HTML 53Page - NXP Semiconductors LPC54102J256BD64QL Datasheet HTML 54Page - NXP Semiconductors LPC54102J256BD64QL Datasheet HTML 55Page - NXP Semiconductors LPC54102J256BD64QL Datasheet HTML 56Page - NXP Semiconductors LPC54102J256BD64QL Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 90 page
background image
LPC5410x
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2016. All rights reserved.
Product data sheet
Rev. 2.6 — 3 October 2016
53 of 90
NXP Semiconductors
LPC5410x
32-bit ARM Cortex-M4/M0+ microcontroller
10.4.1 Electrical pin characteristics
Fig 13. Pin input/output current measurement
aaa-010819
+
-
pin PIO0_n
IOH
Ipu
-
+
pin PIO0_n
IOL
Ipd
VDD
A
A
Conditions: VDD = 1.8 V; on pins PIO0_23 to PIO0_28.
Conditions: VDD = 3.3 V; on pins PIO0_23 to PIO0_28.
Fig 14. I2C-bus pins (high current sink): Typical LOW-level output current IOL versus LOW-level output voltage
VOL


Similar Part No. - LPC54102J256BD64QL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC54102J256BD64 NXP-LPC54102J256BD64 Datasheet
2Mb / 95P
   32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
Rev.2.11-19 September2019
More results

Similar Description - LPC54102J256BD64QL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC54101J256BD64QL NXP-LPC54101J256BD64QL Datasheet
1Mb / 90P
   32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
Rev. 2.6-3 October 2016
LPC54101J512BD64QL NXP-LPC54101J512BD64QL Datasheet
1Mb / 90P
   32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
Rev. 2.6-3 October 2016
LPC54102J512BD64QL NXP-LPC54102J512BD64QL Datasheet
1Mb / 90P
   32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
Rev. 2.6-3 October 2016
LPC54101J512UK49Z NXP-LPC54101J512UK49Z Datasheet
1Mb / 90P
   32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
Rev. 2.6-3 October 2016
LPC5410X NXP-LPC5410X Datasheet
2Mb / 95P
   32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
Rev.2.11-19 September2019
LPC51U68 NXP-LPC51U68 Datasheet
2Mb / 93P
   32-bit ARM Cortex-M0 MCU; 96 KB SRAM; 256 KB flash, Crystal-less USB operation, Flexcomm Interface, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC, Temperature sensor
Rev. 1.3-18 May 2018
logo
STMicroelectronics
STM32C031X4 STMICROELECTRONICS-STM32C031X4 Datasheet
2Mb / 108P
   Arm®Cortex®-M0 32-bit MCU, 32 KB Flash, 12 KB RAM,2 x USART, timers, ADC, comm. I/Fs, 2-3.6 V
Rev 3 December 2022
STM32C011X4 STMICROELECTRONICS-STM32C011X4 Datasheet
1Mb / 94P
   Arm®Cortex®-M0 32-bit MCU, 32 KB Flash, 6 KB RAM,2 x USART, timers, ADC, comm. I/Fs, 2-3.6 V
December 2022 Rev 3
logo
NXP Semiconductors
LPC111XLV NXP-LPC111XLV Datasheet
1Mb / 53P
   32-bit ARM Cortex-M0 MCU; up to 32 kB flash, 8 kB SRAM; 8-bit ADC
Rev. 2-10 October 2012
LPC112X NXP-LPC112X Datasheet
1Mb / 63P
   32-bit ARM Cortex-M0 microcontroller; 64 kB flash and 8 kB SRAM; 12-bit ADC
Rev. 1-24 February 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com