Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC54101J512UK49Z Datasheet(PDF) 78 Page - NXP Semiconductors

Part # LPC54101J512UK49Z
Description  32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC54101J512UK49Z Datasheet(HTML) 78 Page - NXP Semiconductors

Back Button LPC54101J512UK49Z Datasheet HTML 74Page - NXP Semiconductors LPC54101J512UK49Z Datasheet HTML 75Page - NXP Semiconductors LPC54101J512UK49Z Datasheet HTML 76Page - NXP Semiconductors LPC54101J512UK49Z Datasheet HTML 77Page - NXP Semiconductors LPC54101J512UK49Z Datasheet HTML 78Page - NXP Semiconductors LPC54101J512UK49Z Datasheet HTML 79Page - NXP Semiconductors LPC54101J512UK49Z Datasheet HTML 80Page - NXP Semiconductors LPC54101J512UK49Z Datasheet HTML 81Page - NXP Semiconductors LPC54101J512UK49Z Datasheet HTML 82Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 90 page
background image
LPC5410x
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2016. All rights reserved.
Product data sheet
Rev. 2.6 — 3 October 2016
78 of 90
NXP Semiconductors
LPC5410x
32-bit ARM Cortex-M4/M0+ microcontroller
CL - Crystal load capacitance
CPad - Pad capacitance of the RTCXIN and RTCXOUT pins (~3 pF).
CParasitic – Parasitic or stray capacitance of external circuit.
Although CParasitic can be ignored in general, the actual board layout and placement of
external components influences the optimal values of external load capacitors. Therefore,
it is recommended to fine tune the values of external load capacitors on actual hardware
board to get the accurate clock frequency. For fine tuning, output the RTC Clock to one of
the GPIOs and optimize the values of external load capacitors for minimum frequency
deviation.
Remark: The crystals with lower CL (< 12.5 pF) values are not recommended.
13.5.1 RTC Printed Circuit Board (PCB) design guidelines
Connect the crystal and external load capacitors on the PCB as close as possible
(within 20 mm) to the oscillator input and output pins of the chip.
The length of traces in the oscillation circuit should be as short as possible and must
not cross other signal lines.
Ensure that the load capacitors CX1, CX2, and CX3, in case of third overtone crystal
usage, have a common ground plane.
Loops must be made as small as possible to minimize the noise coupled in through
the PCB and to keep the parasitics as small as possible.
Lay out the ground (GND) pattern under crystal unit.
Do not lay out other signal lines under crystal unit for multi-layered PCB.
Table 34.
Recommended values for the RTC external 32.768 kHz oscillator CL, RS, DL, and
CX1/CX2 components
Crystal load
capacitance CL
Maximum crystal
series resistance RS
Maximum crystal
drive level DL
External load
capacitors CX1/CX2
12.5 pF
< 70 k
0.5
W
22 pF, 22 pF


Similar Part No. - LPC54101J512UK49Z

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC54101J512UK49 NXP-LPC54101J512UK49 Datasheet
2Mb / 95P
   32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
Rev.2.11-19 September2019
More results

Similar Description - LPC54101J512UK49Z

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC54101J256BD64QL NXP-LPC54101J256BD64QL Datasheet
1Mb / 90P
   32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
Rev. 2.6-3 October 2016
LPC54101J512BD64QL NXP-LPC54101J512BD64QL Datasheet
1Mb / 90P
   32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
Rev. 2.6-3 October 2016
LPC54102J256BD64QL NXP-LPC54102J256BD64QL Datasheet
1Mb / 90P
   32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
Rev. 2.6-3 October 2016
LPC54102J512BD64QL NXP-LPC54102J512BD64QL Datasheet
1Mb / 90P
   32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
Rev. 2.6-3 October 2016
LPC5410X NXP-LPC5410X Datasheet
2Mb / 95P
   32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
Rev.2.11-19 September2019
LPC51U68 NXP-LPC51U68 Datasheet
2Mb / 93P
   32-bit ARM Cortex-M0 MCU; 96 KB SRAM; 256 KB flash, Crystal-less USB operation, Flexcomm Interface, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC, Temperature sensor
Rev. 1.3-18 May 2018
logo
STMicroelectronics
STM32C031X4 STMICROELECTRONICS-STM32C031X4 Datasheet
2Mb / 108P
   Arm®Cortex®-M0 32-bit MCU, 32 KB Flash, 12 KB RAM,2 x USART, timers, ADC, comm. I/Fs, 2-3.6 V
Rev 3 December 2022
STM32C011X4 STMICROELECTRONICS-STM32C011X4 Datasheet
1Mb / 94P
   Arm®Cortex®-M0 32-bit MCU, 32 KB Flash, 6 KB RAM,2 x USART, timers, ADC, comm. I/Fs, 2-3.6 V
December 2022 Rev 3
logo
NXP Semiconductors
LPC111XLV NXP-LPC111XLV Datasheet
1Mb / 53P
   32-bit ARM Cortex-M0 MCU; up to 32 kB flash, 8 kB SRAM; 8-bit ADC
Rev. 2-10 October 2012
LPC112X NXP-LPC112X Datasheet
1Mb / 63P
   32-bit ARM Cortex-M0 microcontroller; 64 kB flash and 8 kB SRAM; 12-bit ADC
Rev. 1-24 February 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com