Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C15 Datasheet(PDF) 10 Page - XP Power Limited

Part # C15
Description  MINIATURE, REGULATED HIGH VOLTAGE DC TO DC CONVERTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

C15 Datasheet(HTML) 10 Page - XP Power Limited

Back Button C15 Datasheet HTML 4Page - XP Power Limited C15 Datasheet HTML 5Page - XP Power Limited C15 Datasheet HTML 6Page - XP Power Limited C15 Datasheet HTML 7Page - XP Power Limited C15 Datasheet HTML 8Page - XP Power Limited C15 Datasheet HTML 9Page - XP Power Limited C15 Datasheet HTML 10Page - XP Power Limited C15 Datasheet HTML 11Page - XP Power Limited C15 Datasheet HTML 12Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
4711CR
WWW.XPPOWER.COM
PAGE 10
PRODUCT DESCRIPTION
PRODUCT DESCRIPTION
Onboard Potentiometer: connect pins 7 to 4 and 8 to 3, turn
potentiometer to adjust high voltage.
OR
Remote Potentiometer: connect wiper arm to pin 3, other sides
to pins 4 and 2.
OR
Remote Analog Signal: apply programming voltage to pin 3,
return to pin 2.
PROGRAMMING INSTRUCTIONS
15S SUB-MIN 'D'
RECEPTACLE
AMP # 747909-2
1.80
(45.72)
SOLDER
CUP SIDE
1
15
8
15P SUB MIN-D
PLUG (MALE)
AMP # 747841-4
.05 (1.27)
THICK
.50
(12.7)
3.83 (97.28)
.90 (22.86)
1.33
(33.78)
SHV
MATING
CONNECTOR
5.00 (127.00)
1.312
(33.32)
.82 (20.83)
2.33
(59.18)
ADJUST
GAIN
2.200 (55.88)
ANODIZED
ALUMINUM
MOUNTING PLATE
#4-40 MTG HOLE
4 PLACES
.25 (6.35)
1.300
(33.02)
SHV
CONNECTOR
OUTPUT
1
15
9
8
1
15
8
1
8 15
MTG HARDWARE
SUPPLIED
TOP VIEW
These adapters provide convenient prototyping and evaluation during
system development and integration. They allow C Series modules to
be mounted to a chassis instead of designed into a PC board.
Extra filtering on the input and output improves performance. A schottky
diode on the input provides reverse polarity protection. Input connector
is via a 15P SUB MIN-D plug (mate supplied) and output is via an SHV
style coaxial connector (mate supplied).
ORDERING INFORMATION:
Please note when ordering a CM3 the C Series is not included and must
be ordered separately.
C SERIES
CM3: MODELS C25, C25N, C30, C30N, C40 and C40N
Dimensions are in inches (metric equivalents are in parentheses)
Dimensional tolerances: .xx +/- 0.02 (0.51mm)
.xxx +/- 0.005 (0.127mm)


Similar Part No. - C15

ManufacturerPart #DatasheetDescription
logo
Powerbox
C15 POWERBOX-C15 Datasheet
2Mb / 2P
   1 WATTS 100-8KV SINGLE OUTPUT DC/DC INDUSTRIAL
logo
Amphenol Corporation
C15-71869-XXX AMPHENOL-C15-71869-XXX Datasheet
151Kb / 1P
   d-sub technical data
logo
Crystek Corporation
C15-SMD CRYSTEKCRYSTAL-C15-SMD Datasheet
110Kb / 1P
   32.768KHz Ultra-Miniature SMD
logo
New Jersey Semi-Conduct...
C150 NJSEMI-C150 Datasheet
181Kb / 2P
   High Power Silicon Controlled Rectifier
logo
Powerbox
C1500 POWERBOX-C1500 Datasheet
87Kb / 3P
   Overvoltage protection with auto restart
More results

Similar Description - C15

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
CB101 XPPOWER-CB101 Datasheet
495Kb / 7P
   MINIATURE, REGULATED HIGH VOLTAGE DC TO DC CONVERTERS
SIP90-0.1W XPPOWER-SIP90-0.1W Datasheet
646Kb / 4P
   REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
logo
Burr-Brown (TI)
DCR01 BURR-BROWN-DCR01_07 Datasheet
326Kb / 18P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
DCR02 BURR-BROWN-DCR02 Datasheet
174Kb / 12P
   Miniature, 2W Isolated REGULATED DC/DC CONVERTERS
DCR02 BURR-BROWN-DCR02_07 Datasheet
320Kb / 14P
   Miniature, 2W Isolated REGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCR010503P TI1-DCR010503P_14 Datasheet
326Kb / 19P
[Old version datasheet]   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCR01 BURR-BROWN-DCR01 Datasheet
151Kb / 9P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCR021205 TI1-DCR021205 Datasheet
349Kb / 14P
[Old version datasheet]   Miniature, 2W Isolated REGULATED DC/DC CONVERTERS
logo
XP Power Limited
CA02 XPPOWER-CA02 Datasheet
1Mb / 7P
   PRECISION REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
CA02-T XPPOWER-CA02-T Datasheet
853Kb / 7P
   PRECISION REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com