Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC54101J256BD64QL Datasheet(PDF) 5 Page - NXP Semiconductors

Part # LPC54101J256BD64QL
Description  32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC54101J256BD64QL Datasheet(HTML) 5 Page - NXP Semiconductors

  LPC54101J256BD64QL Datasheet HTML 1Page - NXP Semiconductors LPC54101J256BD64QL Datasheet HTML 2Page - NXP Semiconductors LPC54101J256BD64QL Datasheet HTML 3Page - NXP Semiconductors LPC54101J256BD64QL Datasheet HTML 4Page - NXP Semiconductors LPC54101J256BD64QL Datasheet HTML 5Page - NXP Semiconductors LPC54101J256BD64QL Datasheet HTML 6Page - NXP Semiconductors LPC54101J256BD64QL Datasheet HTML 7Page - NXP Semiconductors LPC54101J256BD64QL Datasheet HTML 8Page - NXP Semiconductors LPC54101J256BD64QL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 90 page
background image
LPC5410x
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2016. All rights reserved.
Product data sheet
Rev. 2.6 — 3 October 2016
5 of 90
NXP Semiconductors
LPC5410x
32-bit ARM Cortex-M4/M0+ microcontroller
The LPC5410x LQFP64 package has the following top-side marking:
First line: LPC5410xJyyy
– x: 2 = dual core (M4, M0+), 1 = single core (M4)
– yyy: flash size
Second line: BD64
Third line: xxxxxxxxxxxx
Fourth line: xxxyywwx[R]z
– yyww: Date code with yy = year and ww = week.
– xR = boot code version and device revision.
The LPC5410x WLCSP49 package has the following top-side marking:
First line: LPC5410x
– x: 2 = dual core (M4, M0+), 1 = single core (M4)
Second line: JxxxUK49
– xxx: flash size
Third line: xxxxxxxx
Fourth line: xxxyyww
– yyww: Date code with yy = year and ww = week.
Fifth line: xxxxx
Sixth line: NXP x[R]z
– xR = boot code version and device revision.
Table 3.
Device revision table
Revision identifier (R)
Revision description
‘1B’
Initial device revision with boot code version 17.1.
‘1C’
Second device revision with boot code version 17.1.


Similar Part No. - LPC54101J256BD64QL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC54101J256BD64 NXP-LPC54101J256BD64 Datasheet
2Mb / 95P
   32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
Rev.2.11-19 September2019
More results

Similar Description - LPC54101J256BD64QL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC54101J512BD64QL NXP-LPC54101J512BD64QL Datasheet
1Mb / 90P
   32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
Rev. 2.6-3 October 2016
LPC54102J256BD64QL NXP-LPC54102J256BD64QL Datasheet
1Mb / 90P
   32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
Rev. 2.6-3 October 2016
LPC54102J512BD64QL NXP-LPC54102J512BD64QL Datasheet
1Mb / 90P
   32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
Rev. 2.6-3 October 2016
LPC54101J512UK49Z NXP-LPC54101J512UK49Z Datasheet
1Mb / 90P
   32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
Rev. 2.6-3 October 2016
LPC5410X NXP-LPC5410X Datasheet
2Mb / 95P
   32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
Rev.2.11-19 September2019
LPC51U68 NXP-LPC51U68 Datasheet
2Mb / 93P
   32-bit ARM Cortex-M0 MCU; 96 KB SRAM; 256 KB flash, Crystal-less USB operation, Flexcomm Interface, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC, Temperature sensor
Rev. 1.3-18 May 2018
logo
STMicroelectronics
STM32C031X4 STMICROELECTRONICS-STM32C031X4 Datasheet
2Mb / 108P
   Arm®Cortex®-M0 32-bit MCU, 32 KB Flash, 12 KB RAM,2 x USART, timers, ADC, comm. I/Fs, 2-3.6 V
Rev 3 December 2022
STM32C011X4 STMICROELECTRONICS-STM32C011X4 Datasheet
1Mb / 94P
   Arm®Cortex®-M0 32-bit MCU, 32 KB Flash, 6 KB RAM,2 x USART, timers, ADC, comm. I/Fs, 2-3.6 V
December 2022 Rev 3
logo
NXP Semiconductors
LPC111XLV NXP-LPC111XLV Datasheet
1Mb / 53P
   32-bit ARM Cortex-M0 MCU; up to 32 kB flash, 8 kB SRAM; 8-bit ADC
Rev. 2-10 October 2012
LPC112X NXP-LPC112X Datasheet
1Mb / 63P
   32-bit ARM Cortex-M0 microcontroller; 64 kB flash and 8 kB SRAM; 12-bit ADC
Rev. 1-24 February 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com