Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMC1438 Datasheet(PDF) 39 Page - SMSC Corporation

Part # EMC1438
Description  1째C Multiple Temperature Sensor with Hardware Controlled Standby & Hottest of Multiple Zones
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1438 Datasheet(HTML) 39 Page - SMSC Corporation

Back Button EMC1438 Datasheet HTML 35Page - SMSC Corporation EMC1438 Datasheet HTML 36Page - SMSC Corporation EMC1438 Datasheet HTML 37Page - SMSC Corporation EMC1438 Datasheet HTML 38Page - SMSC Corporation EMC1438 Datasheet HTML 39Page - SMSC Corporation EMC1438 Datasheet HTML 40Page - SMSC Corporation EMC1438 Datasheet HTML 41Page - SMSC Corporation EMC1438 Datasheet HTML 42Page - SMSC Corporation EMC1438 Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
1°C Multiple Temperature Sensor with Hardware Controlled Standby & Hottest of Multiple Zones
Datasheet
SMSC EMC1438
39
Revision 1.0 (04-29-10)
DATASHEET
6.14
Hottest Temperature Registers
The Hottest Temperature Registers store the measured hottest temperature of all the selected external
diode channels (see Section 5.3.3, "“Hottest Of” Comparison"). If no External diodes are selected, the
High Byte Register will read 80h. The data format is the same as the temperature channels.
6.15
Hottest Temperature Status Register
The Hottest Temperature Status Register flags which external diode temperature is hottest (see
Section 5.3.3, "“Hottest Of” Comparison").
Bit 7 - EXT7 - The External Diode 7 channel is the hottest.
Bit 6 - EXT6 - The External Diode 6 channel is the hottest.
Bit 4 - EXT5 - The External Diode 5 channel is the hottest.
Bit 3 - EXT4 - The External Diode 4 channel is the hottest.
Bit 3 - EXT3 - The External Diode 3 channel is the hottest.
Bit 2 - EXT2 - The External Diode 2 channel is the hottest.
Bit 1 - EXT1 - The External Diode 1 channel is the hottest.
Bit 0 - INT - The Internal Diode channel is the hottest.
6.16
High Limit Status Register
Table 6.19 Hottest Temperature Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
32h
R
Hottest
Temperature
High Byte
Sign
64
32
16
8
4
2
1
80h
33h
R
Hottest
Temperature
Low Byte
0.5
0.25
0.125
-
-
-
-
-
00h
Table 6.20 Hottest Temperature Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
34h
R
Hottest
Temperature
Status
EXT7
EXT6
EXT5
EXT4
EXT3
EXT2
EXT1
INT
00h
Table 6.21 High Limit Status Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
35h
R-C
High Limit
Status
E7
HIGH
E6
HIGH
E5
HIGH
E4
HIGH
E3
HIGH
E2
HIGH
E1
HIGH
I
HIGH
00h


Similar Part No. - EMC1438

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1402 SMSC-EMC1402 Datasheet
622Kb / 37P
   1째C Temperature Sensor with Beta Compensation
EMC1402-1-ACZL-TR SMSC-EMC1402-1-ACZL-TR Datasheet
622Kb / 37P
   1째C Temperature Sensor with Beta Compensation
EMC1402-1-ACZL-TR SMSC-EMC1402-1-ACZL-TR Datasheet
671Kb / 40P
   1째C Temperature Sensor with Beta Compensation
EMC1402-2-ACZL-TR SMSC-EMC1402-2-ACZL-TR Datasheet
622Kb / 37P
   1째C Temperature Sensor with Beta Compensation
EMC1402-2-ACZL-TR SMSC-EMC1402-2-ACZL-TR Datasheet
671Kb / 40P
   1째C Temperature Sensor with Beta Compensation
More results

Similar Description - EMC1438

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
EMC1428 MICROCHIP-EMC1428 Datasheet
564Kb / 53P
   1째C Multiple Temperature Sensor with HW Thermal Shutdown & Hottest of Thermal Zones
10/28/13
logo
SMSC Corporation
EMC1046 SMSC-EMC1046 Datasheet
574Kb / 36P
   1째C Multiple Temperature Sensor with Beta Compensation and Hottest of Thermal Zones
EMC1428 SMSC-EMC1428 Datasheet
764Kb / 47P
   1째C Multiple Temperature Sensor with HW Thermal Shutdown & Hottest of Thermal Zones
EMC1046 SMSC-EMC1046_09 Datasheet
591Kb / 37P
   1째C Multiple Temperature Sensor
logo
Microchip Technology
EMC1412 MICROCHIP-EMC1412_14 Datasheet
1Mb / 48P
   Multiple Channel 1째C Temperature Sensor with Beta Compensation
10/28/13
logo
SMSC Corporation
EMC2113 SMSC-EMC2113 Datasheet
1Mb / 85P
   RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
logo
Microchip Technology
EMC2113 MICROCHIP-EMC2113_13 Datasheet
1Mb / 88P
   RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
10/28/13
logo
SMSC Corporation
EMC1043 SMSC-EMC1043 Datasheet
574Kb / 28P
   1째C Triple Temperature Sensor with Beta Compensation and Hotter of Two Zones
EMC1073 SMSC-EMC1073 Datasheet
742Kb / 45P
   Multiple Channel 1째C Temperature Sensors with Selectable Address
logo
Microchip Technology
EMC1413 MICROCHIP-EMC1413_14 Datasheet
1Mb / 54P
   Multiple Channel 1째C Temperature Sensors with Beta Compensation
10/28/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com