Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AG10 Datasheet(PDF) 2 Page - XP Power Limited

Part No. AG10
Description  ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AG10 Datasheet(HTML) 2 Page - XP Power Limited

  AG10 Datasheet HTML 1Page - XP Power Limited AG10 Datasheet HTML 2Page - XP Power Limited AG10 Datasheet HTML 3Page - XP Power Limited AG10 Datasheet HTML 4Page - XP Power Limited AG10 Datasheet HTML 5Page - XP Power Limited AG10 Datasheet HTML 6Page - XP Power Limited AG10 Datasheet HTML 7Page - XP Power Limited AG10 Datasheet HTML 8Page - XP Power Limited AG10 Datasheet HTML 9Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
4718L02
PAGE 2
INPUT CURRENT
AG MODELS - 1 Watt
AGH MODELS - 1.5 Watt
VIN
NO-LOAD
FULL-LOAD
NO-LOAD
FULL-LOAD
5 VDC
<200mA
<470mA
<300mA
<550mA
12 VDC
<100mA
<185mA
<125mA
<250mA
24 VDC
<25mA
<60mA
<40mA
<120mA
WWW.XPPOWER.COM
OUTPUT VOLTAGE*2
(To select polarity, see pg. 12 - How to Order)
STANDARD 1 WATT - AG MODEL
1.5 WATT OPTION - AGH MODEL
MODEL
MAXIMUM
OUTPUT
CURRENT*1
RIPPLE
P-P*4
MODEL
MAXIMUM
OUTPUT
CURRENT*1
RIPPLE
P-P*4
0 to 100 VDC
AG01
10 mA
5%
AGH01*7
15 mA
4%
0 to 200 VDC
AG02
5 mA
1%
AGH02
7.5 mA
3%
0 to 250 VDC
AG025
4 mA
.90%
AGH025
6 mA
1.2%
0 to 300 VDC
AG03
3.33 mA
.70%
AGH03
5 mA
.70%
0 to 400 VDC
AG04
2.5mA
.50%
AGH04
3.75 mA
.75%
0 to 500 VDC
AG05
2 mA
.50%
AGH05
3 mA
.70%
0 to 600 VDC
AG06
1.67 mA
1%
AGH06
2.5 mA
2%
0 to 700 VDC
AG07
1.43 mA
.50%
AGH07
2.15 mA
1.2%
0 to 800 VDC
AG08
1.25 mA
1%
AGH08
1.87 mA
1.2%
0 to 900 VDC
AG09
1.1 mA
1%
AGH09
1.67 mA
1.2%
0 to 1000 VDC
AG10
1 mA
.79%
AGH10
1.5 mA
1%
0 to 1200 VDC
AG12
0.83 mA
.50%
AGH12
1.25 mA
.60%
0 to 1500 VDC
AG15
0.67 mA
.40%
AGH15
1 mA
.60%
0 to 2000 VDC
AG20
0.5 mA
.30%
AGH20
0.75 mA
.50%
0 to 3000 VDC
AG30
0.33 mA
.20%
AGH30
0.5 mA
.20%
0 to 4000 VDC
AG40
0.25 mA
.12%
0 to 5000 VDC
AG50
0.2 mA
.15%
0 to 6000 VDC
AG60
0.167 mA
.15%
AGH60
0.25 mA
.25%
AG SERIES
ELECTRICAL SPECIFICATIONS*3


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn