Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AG10 Datasheet(PDF) 10 Page - XP Power Limited

Part No. AG10
Description  ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AG10 Datasheet(HTML) 10 Page - XP Power Limited

Back Button AG10 Datasheet HTML 2Page - XP Power Limited AG10 Datasheet HTML 3Page - XP Power Limited AG10 Datasheet HTML 4Page - XP Power Limited AG10 Datasheet HTML 5Page - XP Power Limited AG10 Datasheet HTML 6Page - XP Power Limited AG10 Datasheet HTML 7Page - XP Power Limited AG10 Datasheet HTML 8Page - XP Power Limited AG10 Datasheet HTML 9Page - XP Power Limited AG10 Datasheet HTML 10Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
4718L02
PAGE 10
WWW.XPPOWER.COM
HOW TO ORDER
AG - Model
20 - Output Voltage/100 (See table)
EXAMPLE:
AG20N-12T (AG - Model, 20 - Output Voltage, N - Negative, 12 - Input Voltage,
T - Extended Operating Temperature)
PART NUMBER SELECTOR:
Model Number:
AG 20 N - 12 T
T - Extended Operating Temperature
12 - Input Voltage
N - Polarity Designator
ORDERING INFORMATION
ORDER CODE
AVAILABILITY
OUTPUT VOLTAGE
1 WATT
AG
ALL
1.5 WATT
AGH
ALL
POLARITY DESIGNATOR
POSITIVE OUTPUT
P
ALL
NEGATIVE OUTPUT
N
ALL
INPUT VOLTAGE
5 VDC
5
ALL/Except AGH01 Model
12 VDC
12
UP TO 3KV
24 VDC
24
UP TO 3KV
OPTIONS
EXTENDED TEMP
T
AG MODELS/1W
*Note:
1. At maximum rated output voltage.
2. Output Voltage is load dependent. Under light or no-load conditions, reduce the Input Voltage so maximum rated Output Voltage is not exceeded.
3. Specifications after 30 minute warm-up, full-load, at 25ºC, unless otherwise noted.
4. Ripple may be reduced substantially by the addition of an external RC filter.
5. Volume will vary depending on package size.
6. Proper thermal management techniques are required to maintain safe case temperature at maximum power output.
7. The AGH01 is only available in 12V or 24V.
OPTION CODES
AG SERIES
XP EMCO reserves the right to make changes on products and literature, including specifications, without notice. XP EMCO standard product models are not recommended for “copy-exact” applications or any other application restricting product
changes. “Copy-exact” options are available. Please contact an XP EMCO sales representative for more details.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn