Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AG10 Datasheet(PDF) 6 Page - XP Power Limited

Part No. AG10
Description  ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AG10 Datasheet(HTML) 6 Page - XP Power Limited

Back Button AG10 Datasheet HTML 2Page - XP Power Limited AG10 Datasheet HTML 3Page - XP Power Limited AG10 Datasheet HTML 4Page - XP Power Limited AG10 Datasheet HTML 5Page - XP Power Limited AG10 Datasheet HTML 6Page - XP Power Limited AG10 Datasheet HTML 7Page - XP Power Limited AG10 Datasheet HTML 8Page - XP Power Limited AG10 Datasheet HTML 9Page - XP Power Limited AG10 Datasheet HTML 10Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
4718L02
PAGE 6
TOP VIEW
TOP VIEW
RECOMMENDED
PCB LAYOUT
BOTTOM VIEW
AG Series
PIN #
FUNCTION
1
(–) INPUT
2
(+) INPUT
3
HV OUT
4
HV RTN
5
CONTROL
PARAMETER
VALUE
WEIGHT
0.3 OZ (8.51 GRAMS)
VOLUME
<0.156 CUBIC INCHES (2.556 CUBIC CENTIMETERS)
BODY DIMENSIONS
1.32L (33.53L) x 0.45W (11.43W) x 0.25H (6.35H)
BODY + WING
DIMENSIONS
1.32L (33.53L) x 0.69W (17.53W) x 0.25H (6.35H)
AG SERIES & AGH SERIES
WWW.XPPOWER.COM
MECHANICAL SPECIFICATIONS (6,000V)
DIMENSIONS ARE IN INCHES (METRIC EQUIVALENTS ARE IN PARENTHESIS)
DIMENSIONAL TOLERANCES: .XX = +-0.02 (0.51), .XXX = +-0.005 ( 0.127)


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn