Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMC2104 Datasheet(PDF) 71 Page - SMSC Corporation

Part # EMC2104
Description  Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2104 Datasheet(HTML) 71 Page - SMSC Corporation

Back Button EMC2104_11 Datasheet HTML 67Page - SMSC Corporation EMC2104_11 Datasheet HTML 68Page - SMSC Corporation EMC2104_11 Datasheet HTML 69Page - SMSC Corporation EMC2104_11 Datasheet HTML 70Page - SMSC Corporation EMC2104_11 Datasheet HTML 71Page - SMSC Corporation EMC2104_11 Datasheet HTML 72Page - SMSC Corporation EMC2104_11 Datasheet HTML 73Page - SMSC Corporation EMC2104_11 Datasheet HTML 74Page - SMSC Corporation EMC2104_11 Datasheet HTML 75Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 99 page
background image
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
Datasheet
SMSC EMC2104
71
Revision 1.78 (02-28-11)
DATASHEET
6.26
Fan Step Registers
The Fan Step Registers, along with the Update Time, controls the ramp rate of the fan driver response
calculated by the RPM based Fan Speed Control Algorithm. The value of the registers represents the
maximum step size each fan driver will take between update times (see Section 6.22).
When the FSC algorithm is enabled, Ramp Rate control is automatically used. When the FSC is not
active, then Ramp Rate control can be enabled by asserting the EN_RRC bit (see Section 6.23)
APPLICATION NOTE: The UPDATE bits and Fan Step Register settings operate independently of the RPM based
Fan Speed Control Algorithm and will always limit the fan drive setting. That is, if the
programmed fan drive setting (either in determined by the RPM based Fan Speed Control
Algorithm, the Look Up Table, or by manual settings) exceeds the current fan drive setting
by greater than the Fan Step Register setting, the EMC2104 will limit the fan drive change
to the value of the Fan Step Register. It will use the Update Time to determine how often to
update the drive settings.
APPLICATION NOTE: If the Fan Speed Control Algorithm is used, the default settings in the Fan Configuration 2
Register will cause the maximum fan step settings to be ignored.
The Fan Step Registers are software locked.
Table 6.40 Spin Time
SPINUP_TIME[1:0]
TOTAL SPIN UP TIME
10
0
0
250 ms
0
1
500 ms (default)
1
0
1 sec
1
1
2 sec
Table 6.41 Fan Step Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
47h
R/W
Fan 1 Max
Step
-
-
32
16
8
4
2
1
10h
87h
R/W
Fan 2 Max
Step
-
-
32
16
8
4
2
1
10h


Similar Part No. - EMC2104_11

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC2104-BP SMSC-EMC2104-BP Datasheet
1Mb / 101P
   Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
More results

Similar Description - EMC2104_11

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC2104 SMSC-EMC2104 Datasheet
1Mb / 101P
   Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
EMC2103DB SMSC-EMC2103DB Datasheet
293Kb / 9P
   RPM-Based Fan Controller with Hardware Thermal Shutdown
logo
Microchip Technology
EMC2103 MICROCHIP-EMC2103 Datasheet
874Kb / 85P
   RPM-Based Fan Controller with Hardware Thermal Shutdown
10/28/13
logo
SMSC Corporation
EMC2106 SMSC-EMC2106 Datasheet
1Mb / 106P
   Dual RPM-Based Linear Fan Controller with Hardware Thermal Shutdown
EMC2106 SMSC-EMC2106_09 Datasheet
2Mb / 106P
   Dual RPM-Based Linear Fan Controller with Hardware Thermal Shutdown
EMC2112 SMSC-EMC2112 Datasheet
930Kb / 65P
   RPM-Based Linear Fan Controller with Hardware Thermal Shutdown
EMC2105 SMSC-EMC2105_09 Datasheet
1Mb / 89P
   RPM-Based High Side Fan Controller with Hardware Thermal Shutdown
EMC2105 SMSC-EMC2105 Datasheet
1Mb / 90P
   RPM-Based High Side Fan Controller with Hardware Thermal Shutdown
logo
Microchip Technology
EMC2113 MICROCHIP-EMC2113_13 Datasheet
1Mb / 88P
   RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
10/28/13
logo
SMSC Corporation
EMC2113 SMSC-EMC2113 Datasheet
1Mb / 85P
   RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com