Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMC2104 Datasheet(PDF) 54 Page - SMSC Corporation

Part # EMC2104
Description  Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2104 Datasheet(HTML) 54 Page - SMSC Corporation

Back Button EMC2104_11 Datasheet HTML 50Page - SMSC Corporation EMC2104_11 Datasheet HTML 51Page - SMSC Corporation EMC2104_11 Datasheet HTML 52Page - SMSC Corporation EMC2104_11 Datasheet HTML 53Page - SMSC Corporation EMC2104_11 Datasheet HTML 54Page - SMSC Corporation EMC2104_11 Datasheet HTML 55Page - SMSC Corporation EMC2104_11 Datasheet HTML 56Page - SMSC Corporation EMC2104_11 Datasheet HTML 57Page - SMSC Corporation EMC2104_11 Datasheet HTML 58Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 99 page
background image
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
Datasheet
Revision 1.78 (02-28-11)
54
SMSC EMC2104
DATASHEET
6.7
REC Configuration Register
The REC Configuration Register determines whether Resistance Error Correction is used for each
external diode channel. The REC Configuration Register is software locked.
Bit 2 - REC3 - Controls the Resistive Error Correction functionality of External Diode 3 and External
Diode 4 (if APD is enabled, see Section 6.9)
‘0’ - the REC functionality for External Diode 3 is disabled
‘1’ (default) - the REC functionality for External Diode 3 is enabled.
Bit 1 - REC2 - Controls the Resistive Error Correction functionality of External Diode 2.
‘0’ - the REC functionality for External Diode 2 is disabled
‘1’ (default) - the REC functionality for External Diode 2 is enabled.
Bit 0 - REC1 - Controls the Resistive Error Correction functionality of External Diode 1. This bit is
locked if the SHDN_SEL pin is not pulled to VDD (see Table 6.1).
‘0’ - the REC functionality for External Diode 1 is disabled
‘1’ (default) - the REC functionality for External Diode 1 is enabled.
0
0101
0.197
0
0110
0.260
0
0111
0.342
0
1000
0.449
0
1001
0.591
0
1010
0.778
0
1011
1.024
0
1100
1.348
0
1101
1.773
0
1110
2.333
0
1111
Disabled
1
X
X
X
X
Automatically detected
Table 6.10 REC Configuration Register
ADDR
R/W
REGISTER
B7B6
B5B4
B3B2
B1B0
DEFAULT
17h
R/W
REC
Configuration
-
-
-
-
-
REC3
REC2
REC1
07h
Table 6.9 Beta Compensation Look Up Table (continued)
AUTO
BETAX[3:0]
MINIMUM BETA
3210


Similar Part No. - EMC2104_11

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC2104-BP SMSC-EMC2104-BP Datasheet
1Mb / 101P
   Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
More results

Similar Description - EMC2104_11

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC2104 SMSC-EMC2104 Datasheet
1Mb / 101P
   Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
EMC2103DB SMSC-EMC2103DB Datasheet
293Kb / 9P
   RPM-Based Fan Controller with Hardware Thermal Shutdown
logo
Microchip Technology
EMC2103 MICROCHIP-EMC2103 Datasheet
874Kb / 85P
   RPM-Based Fan Controller with Hardware Thermal Shutdown
10/28/13
logo
SMSC Corporation
EMC2106 SMSC-EMC2106 Datasheet
1Mb / 106P
   Dual RPM-Based Linear Fan Controller with Hardware Thermal Shutdown
EMC2106 SMSC-EMC2106_09 Datasheet
2Mb / 106P
   Dual RPM-Based Linear Fan Controller with Hardware Thermal Shutdown
EMC2112 SMSC-EMC2112 Datasheet
930Kb / 65P
   RPM-Based Linear Fan Controller with Hardware Thermal Shutdown
EMC2105 SMSC-EMC2105_09 Datasheet
1Mb / 89P
   RPM-Based High Side Fan Controller with Hardware Thermal Shutdown
EMC2105 SMSC-EMC2105 Datasheet
1Mb / 90P
   RPM-Based High Side Fan Controller with Hardware Thermal Shutdown
logo
Microchip Technology
EMC2113 MICROCHIP-EMC2113_13 Datasheet
1Mb / 88P
   RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
10/28/13
logo
SMSC Corporation
EMC2113 SMSC-EMC2113 Datasheet
1Mb / 85P
   RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com