Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2620 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2620
Description  FAMILY OF LOW POER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH SHUTDOWN
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2620 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV2620 Datasheet HTML 5Page - Texas Instruments TLV2620 Datasheet HTML 6Page - Texas Instruments TLV2620 Datasheet HTML 7Page - Texas Instruments TLV2620 Datasheet HTML 8Page - Texas Instruments TLV2620 Datasheet HTML 9Page - Texas Instruments TLV2620 Datasheet HTML 10Page - Texas Instruments TLV2620 Datasheet HTML 11Page - Texas Instruments TLV2620 Datasheet HTML 12Page - Texas Instruments TLV2620 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
www.ti.com
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
−40 −25 −10 5
20 35 50 65 80 95 110 125
TA − Free-Air Temperature − °C
SR−
SR+
VDD = 2.7 V
AV = 1
V(step) = 1 V to 2.2 V
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
−40 −25 −10 5
20 35 50 65 80 95 110 125
TA − Free-Air Temperature − °C
SR−
SR+
VDD = 5 V
AV = 1
V(step) = 1 V to 4.5 V
0
1
2
3
4
5
6
7
8
9
10
11
12
2.7 3.0 3.3 3.6 3.9 4.2 4.5 4.8 5.1 5.4 5.7 6.0
VDD − Supply Voltage − V
SR−
SR+
AV = 1
V(step) = 1 V to 2 V
TA = 25° C
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
CL − Load Capacitance − pF
10
300
100
VDD = 2.7 V and 5 V
RL = 2 kΩ
AV = 1
TA = 25°C
Rnull = 100
Rnull = 0
Rnull = 20
0
50
100
150
200
250
300
350
400
450
500
VDD = 2.7 V and 5 V
TA = 25° C
f − Frequency − Hz
10
1k
100k
10k
100
0
1
2
3
4
5
6
7
8
9
−0.10.00.10.20.30.40.50.60.70.80.91.01.11.21.31.4
1
2
3
4
5
t − Time −
µs
0
VDD = 5 V
VIC = 3.5 V
RL = 2 kΩ
CL = 10 pF
AV = 1
TA = 25°C
VO
VIC
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
2.40
2.45
2.50
2.55
2.60
2.65
2.70
2.75
2.80
−0.10.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
2.40
2.45
2.50
2.55
2.60
t − Time −
µs
VDD = 5 V
VIC = 100 mV
RL = 2 kΩ
CL = 10 pF
AV = 1
TA = 25°C
VO
VIC
0.0
0.2
0.4
0.6
0.8
1.0
1.2
TLV2620, TLV2621
TLV2622, TLV2623
TLV2624, TLV2625
SLOS251D – DECEMBER 2000 – REVISED JANUARY 2005
SLEW RATE
SLEW RATE
SLEW RATE
vs
vs
vs
SUPPLY VOLTAGE
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 13.
Figure 14.
Figure 15.
EQUIVALENT INPUT NOISE
PHASE MARGIN
VOLTAGE
vs
vs
LOAD CAPACITANCE
FREQUENCY
Figure 16.
Figure 17.
VOLTAGE-FOLLOWER LARGE-SIGNAL
VOLTAGE-FOLLOWER SMALL-SIGNAL
PULSE RESPONSE
PULSE RESPONSE
Figure 18.
Figure 19.
9


Similar Part No. - TLV2620

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2620 TI-TLV2620 Datasheet
1Mb / 25P
[Old version datasheet]   FAMILY OF LOW-POWER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2620IDBVR TI-TLV2620IDBVR Datasheet
1Mb / 25P
[Old version datasheet]   FAMILY OF LOW-POWER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2620IDBVRG4 TI-TLV2620IDBVRG4 Datasheet
1Mb / 25P
[Old version datasheet]   FAMILY OF LOW-POWER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2620IDBVT TI-TLV2620IDBVT Datasheet
1Mb / 25P
[Old version datasheet]   FAMILY OF LOW-POWER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2620IDBVTG4 TI-TLV2620IDBVTG4 Datasheet
1Mb / 25P
[Old version datasheet]   FAMILY OF LOW-POWER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV2620

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2620 TI-TLV2620_07 Datasheet
1Mb / 25P
[Old version datasheet]   FAMILY OF LOW-POWER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2632 TI-TLV2632 Datasheet
794Kb / 24P
[Old version datasheet]   FAMILY OF LOW POWER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH AND WITHOUT SHUTDOWN
TLC080 TI1-TLC080_16 Datasheet
2Mb / 53P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080_07 Datasheet
1Mb / 51P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUPTUP-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI-TLC070 Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080 Datasheet
1Mb / 47P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080_08 Datasheet
2Mb / 51P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI1-TLC070_16 Datasheet
1Mb / 54P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI-TLC070_08 Datasheet
1Mb / 50P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080A TI-TLC080A Datasheet
1Mb / 52P
[Old version datasheet]   FAMILY OF WIDE BANDWIDTH HIGH OUTPUT DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com