Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC12 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC12
Description  PRODUCT NOTIFICATION
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC12 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TLV320AIC12 Datasheet HTML 22Page - Texas Instruments TLV320AIC12 Datasheet HTML 23Page - Texas Instruments TLV320AIC12 Datasheet HTML 24Page - Texas Instruments TLV320AIC12 Datasheet HTML 25Page - Texas Instruments TLV320AIC12 Datasheet HTML 26Page - Texas Instruments TLV320AIC12 Datasheet HTML 27Page - Texas Instruments TLV320AIC12 Datasheet HTML 28Page - Texas Instruments TLV320AIC12 Datasheet HTML 29Page - Texas Instruments TLV320AIC12 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 50 page
background image
3–13
SCLK
FS
DIN
DOUT
16-Bit DAC Data (Sample 1)
16-Bit ADC Data (Sample 1)
Slot Number 0
Slot Number 0
16-Bit DAC Data (Sample 2)
16-Bit ADC Data (Sample 2)
(Sample 3)
(Sample 3)
Data Frame
Data Frame
Figure 3–15. Standard Operation/Continuous Data Transfer Mode: Stand-Alone Timing
SCLK
FS
DIN/
DOUT
0
12
n–1
n–2
n–3
01
2
n–1
n–2
n–3
Master Slave
n–2
Slave
n–3
Slave
2
Slave
1
Slave
0
Master
Slave
n–2
Slave
n–3
Slave
2
Slave
1
Slave
0
Data Frame / Sample 1
NOTE: n is the total number of AIC14s in the cascade
16 SCLKs Per Time Slot
Data Frame / Sample 2
Slot
Number
Figure 3–16. Standard Operation/Continuous Data Transfer Mode: Master-Slave Cascade Timing
3.8.3
Turbo Mode (SCLK)
Setting TURBO = 1 (bit D7) in control register 2 enables the turbo mode that requires the following condition to be
met:
For master with SCLK as output, M
× N > #Devices × mode
Where:
M, N, and P are clock divider values defined in the control register 4.
#Device is the number of the device in cascade.
Mode is equal to 1 for continuous data transfer mode and 2 for programming mode.
For slave, SCLK is the input with max allowable speed of 25 MHz (no condition is required)
The turbo mode is useful for applications that require more bandwidth for multitasking processing per sampling
period. In the turbo mode (see Figure 3–17), the FSs frequency is always the device’s sampling frequency but the
SCLK is running at much higher speed than that described in Section 3.6.1. The output SCLK frequency is equal to
(MCLK/P) in master mode and up to a maximum speed of 25 MHz for both master and slave AIC14. The data/control
frame is still 16-SCLK long and the FS is one-SCLK pulse. Therefore, the DSP can maximize its data processing
bandwidth by taking advantage of time available between the end of AIC14s control frame and the next frame-sync
FS to process other tasks.


Similar Part No. - TLV320AIC12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC12 TI-TLV320AIC12 Datasheet
1Mb / 63P
[Old version datasheet]   LOW-POWER, HIGHLY-INTEGRATED, PROGRAMMABLE 16-Bit, 26-KSPS MONO CODEC
TLV320AIC12CDBT TI-TLV320AIC12CDBT Datasheet
1Mb / 63P
[Old version datasheet]   LOW-POWER, HIGHLY-INTEGRATED, PROGRAMMABLE 16-Bit, 26-KSPS MONO CODEC
TLV320AIC12CDBTG4 TI-TLV320AIC12CDBTG4 Datasheet
1Mb / 63P
[Old version datasheet]   LOW-POWER, HIGHLY-INTEGRATED, PROGRAMMABLE 16-Bit, 26-KSPS MONO CODEC
TLV320AIC12CDBTR TI-TLV320AIC12CDBTR Datasheet
1Mb / 63P
[Old version datasheet]   LOW-POWER, HIGHLY-INTEGRATED, PROGRAMMABLE 16-Bit, 26-KSPS MONO CODEC
TLV320AIC12CDBTRG4 TI-TLV320AIC12CDBTRG4 Datasheet
1Mb / 63P
[Old version datasheet]   LOW-POWER, HIGHLY-INTEGRATED, PROGRAMMABLE 16-Bit, 26-KSPS MONO CODEC
More results

Similar Description - TLV320AIC12

ManufacturerPart #DatasheetDescription
logo
Aavid, Thermal Division...
371924B00032G AAVID-371924B00032G Datasheet
39Kb / 2P
   Product Change Notification
374324B00032 AAVID-374324B00032 Datasheet
55Kb / 2P
   Product Change Notification
4804_REV_D-G AAVID-4804_REV_D-G Datasheet
55Kb / 2P
   Product Change Notification
4880SG AAVID-4880SG Datasheet
38Kb / 2P
   Product Change Notification
7717-15NG AAVID-7717-15NG Datasheet
55Kb / 2P
   Product Change Notification
7717-18DAPG AAVID-7717-18DAPG Datasheet
55Kb / 2P
   Product Change Notification
7717-18NG AAVID-7717-18NG Datasheet
55Kb / 2P
   Product Change Notification
7717-108DAPG AAVID-7717-108DAPG Datasheet
55Kb / 2P
   Product Change Notification
7717-86DAPG AAVID-7717-86DAPG Datasheet
55Kb / 2P
   Product Change Notification
7717-86NG AAVID-7717-86NG Datasheet
55Kb / 2P
   Product Change Notification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com