Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2400254 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2400254
Description  Touch panel - WP 3105S
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2400254 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2400254 Datasheet HTML 1Page - PHOENIX CONTACT 2400254 Datasheet HTML 2Page - PHOENIX CONTACT 2400254 Datasheet HTML 3Page - PHOENIX CONTACT 2400254 Datasheet HTML 4Page - PHOENIX CONTACT 2400254 Datasheet HTML 5Page - PHOENIX CONTACT 2400254 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
https://www.phoenixcontact.com/us/products/2400254
08/29/2016   Page 2 / 6
Touch panel - WP 3105S - 2400254
Technical data
Dimensions
Installation dimension, height
212 mm
Note regarding installation dimension
Installation cutout
Installation dimension, depth
54 mm
Display
Display
26.4 cm/10.4" TFT
Screen resolution
800 x 600 Pixel(s) (SVGA)
Backlighting
LED
Display backlight MTBF
50000 h
Touch technology
Resistive industrial touch screen
Colors
262144 colors
Computer data
Processor
ARM® Cortex®-A8, 800 MHz
Operating systems
Debian GNU/Linux
User software
Midori Browser
RAM
512 MB RAM
Mass storage
256 MB NAND-Flash
Network
1 x Ethernet (10/100 Mbps), RJ45
Interfaces
2x USB Host 2.0
Bus system
without
Optional interfaces
SD slot
Realtime clock
Yes (battery-backed)
Service life of battery
5 years (typical)
General
Material front plate
Aluminum (natural anodized)
Housing material
Steel sheet, zinc-plated
Mounting type
Front installation
Weight
1900 g
Ambient conditions
Degree of protection
IP65 (front), IP20 (back)
NEMA 4X
Ambient temperature (operation)
0 °C ... 50 °C
Ambient temperature (storage/transport)
-25 °C ... 70 °C
Permissible humidity (operation)
20 % ... 85 % (non-condensing)
Permissible humidity (storage/transport)
20 % ... 85 % (non-condensing)
Vibration (operation)
DIN EN 60068-2-6


Similar Part No. - 2400254

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2400251 PHOENIX-2400251 Datasheet
68Kb / 6P
   For operational purposes only - the browser is the only interaction interface
2400253 PHOENIX-2400253 Datasheet
67Kb / 6P
   For operational purposes only - the browser is the only interaction interface
2400255 PHOENIX-2400255 Datasheet
67Kb / 6P
   Touch panel - WP 3120W
More results

Similar Description - 2400254

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2400455 PHOENIX-2400455 Datasheet
67Kb / 6P
   Touch panel - TP 3105S
2913645 PHOENIX-2913645 Datasheet
67Kb / 4P
   Touch panel - WP 06T
2402634 PHOENIX-2402634 Datasheet
69Kb / 6P
   Touch panel - WP 3090W
2400255 PHOENIX-2400255 Datasheet
67Kb / 6P
   Touch panel - WP 3120W
2400285 PHOENIX-2400285 Datasheet
67Kb / 6P
   Touch panel - WP 3150S
2400164 PHOENIX-2400164 Datasheet
65Kb / 6P
   Touch panel - WP 07T/WT
2913409 PHOENIX-2913409 Datasheet
45Kb / 2P
   Touch panel - WP 04M/701902
1148687 PHOENIX-1148687 Datasheet
189Kb / 5P
   Touch panel - WP 4101-WXPS
2913687 PHOENIX-2913687 Datasheet
44Kb / 2P
   Touch panel - WP 07T/701900
1148690 PHOENIX-1148690 Datasheet
196Kb / 5P
   Touch panel - WP 4185-WHPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com