Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2316382 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2316382
Description  Repeater - FB-HSB-DP-SC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2316382 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2316382 Datasheet HTML 1Page - PHOENIX CONTACT 2316382 Datasheet HTML 2Page - PHOENIX CONTACT 2316382 Datasheet HTML 3Page - PHOENIX CONTACT 2316382 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/2316382
08/29/2016   Page 1 / 4
Repeater - FB-HSB-DP-SC - 2316382
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PROFIBUS DP to PROFIBUS PA coupler
Product Description
PROFIBUS head station with a PROFIBUS DP repeater provides network diagnostics and an oscilloscope feature.
Why buy this product
 One communication interface module can drive up to ten individual PROFIBUS DP or PROFIBUS PA modules
 Auto detect any baud rate up to 12 Mbps transparently
 Powerful, embedded web server for configuration and access to network diagnostics
 Manage and configure PROFIBUS field devices using FDT/DTM
Key Commercial Data
Packing unit
1 STK
Weight per Piece (excluding packing)
600.000 g
Custom tariff number
85176200
Country of origin
Netherlands
Technical data
Ambient conditions
Ambient temperature (operation)
-20 °C ... 60 °C
Ambient temperature (storage/transport)
-20 °C ... 60 °C
Degree of protection
IP20
General
Mounting position
On horizontal DIN rail NS 35 in acc. with EN 60715
Net weight
0 g
Color
green
UL, USA/Canada
UL 508 Listed


Similar Part No. - 2316382

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2316381 PHOENIX-2316381 Datasheet
59Kb / 4P
   Converter - FB-HSB-DP-SC/PA
2316383 PHOENIX-2316383 Datasheet
61Kb / 2P
   Power module - FB-HSP-PLUG/24DC/6A
More results

Similar Description - 2316382

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2316381 PHOENIX-2316381 Datasheet
59Kb / 4P
   Converter - FB-HSB-DP-SC/PA
2316370 PHOENIX-2316370 Datasheet
67Kb / 3P
   Converter - FB-HSB-DP/PA
2316373 PHOENIX-2316373 Datasheet
53Kb / 3P
   Repeater - FB-DP-RPTR
2316375 PHOENIX-2316375 Datasheet
45Kb / 2P
   Repeater - FB-PA/SC
2316379 PHOENIX-2316379 Datasheet
318Kb / 9P
   Converter - FB-HSB
Dec 2, 2022
FB-DP-RPTR PHOENIX-FB-DP-RPTR Datasheet
53Kb / 3P
   PROFIBUS DP interface/repeater module
logo
Murrelektronik GmbH
56960 MURR-56960 Datasheet
167Kb / 2P
   MPR67 REPEATER PROFIBUS DP 2 SEGMENTS
04/19
logo
PHOENIX CONTACT
2316374 PHOENIX-2316374 Datasheet
52Kb / 2P
   PROFIBUS DP interface/repeater module with oscilloscope functionality
logo
HARTING Technology Grou...
09-99-000-0987 HARTING-09-99-000-0987 Datasheet
435Kb / 1P
   Removal Tool Han HsB
2021-10-01
logo
Burland Technology Solu...
FB-TFB2 BURLAND-FB-TFB2 Datasheet
788Kb / 1P
   FB-TFB2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com