Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMFA61-T01 Datasheet(PDF) 2 Page - Vitec Power

Part # SMFA61-T01
Description  63W Open Frame Power Supply for Medical Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

SMFA61-T01 Datasheet(HTML) 2 Page - Vitec Power

  SMFA61-T01 Datasheet HTML 1Page - Vitec Power SMFA61-T01 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
90
264
VAC
Input Frequency
47
63
Hz
Output Power Range
Vin=90 to 264 VAC
0
63
W
Input Current (Low Line)
Io=Full load, Vin=115VAC
1.6
A
Input Current (High Line)
Io=Full load, Vin=230VAC
0.8
A
Low Line Inrush Current
Io=Full load, 25°C,Cool start, Vin=115VAC
15
18
A
High Line Inrush Current
Io=Full load, 25°C,Cool start, Vin=230VAC
21
25
A
Efficiency
Io=Full load, Vin=230VAC
70
80
85
%
Line Regulation
Io=Full load
0.5
1
%
Load Regulation
Vin=230VAC
3
7
%
Over Voltage Protection
112
132
%
Over Current Protection
110
150
%
Transient Response
Io=Full load to Half Load, Vin=100VAC
4
mS
Hold-Up Time
Io=Full load, Vin=110VAC
16
mS
Start Up Time
Io=Full load, Vin=100VAC
0.3
1
2
S
* Ripple & Noise (Peak to Peak)
Full load, Vin=90VAC
0.5
1
%
Safety Ground Leakage Current
Io=Full load, Vin=240VAC
0.1
0.3
mA
Temperature Coefficient
All output
-0.04
0.04
%/°C
* Note: The Ripple & Noise which is under 3.3VDC at 2% max
The range of OCP is set between 110-150% of total output power .
Conditions
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Operating Temperature
0
50
70
°C
Storage Temperature
-40
85
°C
Relative Humidity
5
95
%
Operating Temperature at 25°C, Calculated per MIL-HDBK-217F
0.1M
Hrs
De-rate linearly from 100% load at 50°C to 50% load at 70°C
Approvals and Compliances
Parameter
Test Conditions
Min.
Unit
Dielectric Withstanding Voltage for Primary to secondary
Primary to secondary
5656
VDC
Dielectric Withstanding Voltage for Primary to Ground
Primary to ground
2828
VDC
Isolation Resistance
Test Voltage = 500VDC
50
EMI requirements for CISPR-11
Vin=220VAC
B
CLASS
EMI requirements for FCC PART-18
Vin=110VAC
B
CLASS
Mechanical and PIN out
PIN CHART
PIN
MODEL
1
2
3
4
5
6
7
8
(Optional)
SMFA61-SXX
OUT OUT OUT RTN RTN RTN RTN
PFD
SMFA61-DXX
Vo2 Vo1 Vo1 COM COM N/C N/C
PFD
SMFA61-D15
N/C Vo1 Vo1 COM COM Vo3 N/C
PFD
SMFA61-TXX
Vo2 Vo1 Vo1 COM COM Vo3 N/C
PFD
SMFA61-QXX
Vo2 Vo1 Vo1 COM COM Vo3 Vo4
PFD
Note: Vo1: Output#1 Vo2:Output#2 Vo3:Output#3 Vo4:Output#4
Note:
1.Dimensions are shown in mm.
2.Weight: 420g approx.
3.Input connector mates with Molex housing
09-50-3031 and Molex 2478 series crimp terminal.
4.Output connector mates with Molex housing
09-50-3081 and Molex 2478 series crimp


Similar Part No. - SMFA61-T01

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SMFA61-T01 Vitec-SMFA61-T01 Datasheet
426Kb / 2P
   63W Open Frame Power Supply for Medical Equipment
SMFA61-T01-1 Vitec-SMFA61-T01-1 Datasheet
426Kb / 2P
   63W Open Frame Power Supply for Medical Equipment
More results

Similar Description - SMFA61-T01

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SMFA61 Vitec-SMFA61 Datasheet
426Kb / 2P
   63W Open Frame Power Supply for Medical Equipment
SMFA60 Vitec-SMFA60 Datasheet
413Kb / 2P
   63W Open Frame Power Supply for Medical Equipment
SMFA60-SERIES Vitec-SMFA60-SERIES Datasheet
413Kb / 2P
   63W Open Frame Power Supply for Medical Equipment
SIFA60-SERIES Vitec-SIFA60-SERIES Datasheet
534Kb / 3P
   63W Open Frame Power Supply for Industrial Equipment
SIFA61-SERIES Vitec-SIFA61-SERIES Datasheet
535Kb / 3P
   63W Open Frame Power Supply for Industrial Equipment
SIFA60 Vitec-SIFA60 Datasheet
534Kb / 3P
   63W Open Frame Power Supply for Industrial Equipment
SIFA61 Vitec-SIFA61 Datasheet
535Kb / 3P
   63W Open Frame Power Supply for Industrial Equipment
SIFA63 Vitec-SIFA63 Datasheet
545Kb / 3P
   63W Open Frame Power Supply for Industrial Equipment
SIFA63-SERIES Vitec-SIFA63-SERIES Datasheet
545Kb / 3P
   63W Open Frame Power Supply for Industrial Equipment
STFA61-SERIES Vitec-STFA61-SERIES Datasheet
473Kb / 2P
   63W Open Frame Power Supply for I.T. Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com