Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMUA60-S10 Datasheet(PDF) 1 Page - Vitec Power

Part # SMUA60-S10
Description  63W U-Bracket Power Supply for Medical Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

SMUA60-S10 Datasheet(HTML) 1 Page - Vitec Power

  SMUA60-S10 Datasheet HTML 1Page - Vitec Power SMUA60-S10 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMUA60 SERIES
63W U-Bracket Power Supply for Medical Equipment
Wide Input Voltage 90 to 264 VAC, 47 to 63 Hz
Single to Quad Output
Output Voltage Available from 3VDC through 40VDC
Input Surge Current, Over Voltage, Over Load and Output Voltage Protection
Power Fail Detect (Optional)
Class I Insulation
Input connector mates with Molex housing 09-50-3051 and Molex 2478 series crimp
terminal
Output connector mates with Molex housing 09-50-3081and Molex 2478 series crimp
terminal
3 Year Warranty
Approvals:
Single Output
Part Number
Output Voltage
Max. Output Current
Total Regulation
Max. Output Power
SMUA60-S01
3 - 5 VDC
16.6 - 10.0 A
5%
50W
SMUA60-S02
5 - 6 VDC
11.0 - 9.16 A
5%
55W
SMUA60-S03
6 - 8 VDC
10.0 - 7.50 A
5%
60W
SMUA60-S04
8 - 11 VDC
7.87 - 5.72 A
3%
63W
SMUA60-S05
11 - 13 VDC
5.72 - 4.84 A
3%
63W
SMUA60-S05-1
11 - 13 VDC
4.09 - 3.46 A
3%
45W
SMUA60-S06
13 - 16 VDC
4.84 - 3.93 A
3%
63W
SMUA60-S07
16 - 21 VDC
3.93 - 3.00 A
3%
63W
SMUA60-S08
21 - 27 VDC
3.00 - 2.33 A
2%
63W
SMUA60-S09
27 - 33 VDC
2.33 - 1.90 A
2%
63W
SMUA60-S10
33 - 40 VDC
1.90 - 1.57 A
2%
63W
Multi Output
Part Number
Output 1
Output 2
Output 3
Output 4
Max. Output
Power
Vonom Iomin
Iomax Regmax Vonom Iomin
Iomax Regmax Vonom Iomin
Iomax Regmax Vonom Iomin
Iomax Regmax
SMUA60-D00
+3.3V
1.4A
7A
7%
+12V
0.6A
3A
5%
59.1W
SMUA60-D01
+5V
0.7A
7A
5%
+12V
0.3A
3A
5%
63W
SMUA60-D02
+5V
0.7A
7A
5%
+15V
0.3A
3A
5%
63W
SMUA60-D03
+5V
0.7A
7A
5%
+24V
0.4A
2A
5%
63W
SMUA60-D04
+3.3V
1.4A
7A
7%
+5V
0.5A
5A
5%
48.1W
SMUA60-D15
+5V
0.7A
7A
5%
-24V
0.2A
2A
5%
63W
SMUA60-T00
+3.3V
1.2A
6A
7%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
63W
SMUA60-T00-1
+3.3V
1.2A
6A
7%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
63W
SMUA60-T01
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
-5V
0A
0.8A
5%
63W
SMUA60-T01-1
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
+5V
0A
0.8A
5%
63W
SMUA60-T02
+5V
0.6A
6A
5%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
63W
SMUA60-T02-1
+5V
0.6A
6A
5%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
63W
SMUA60-T03
+5V
0.6A
6A
5%
+15V
0.3A
3A
5%
-15V
0A
0.8A
5%
63W
SMUA60-T03-1
+5V
0.6A
6A
5%
+15V
0.3A
3A
5%
+15V
0A
0.8A
5%
63W
SMUA60-T05
+5V
1.2A
6A
5%
+24V
0.4A
2A
5%
-12V
0A
0.8A
5%
63W
SMUA60-T05-1
+5V
1.2A
6A
5%
+24V
0.4A
2A
5%
+12V
0A
0.8A
5%
63W
SMUA60-T06
+3.3V
1.2A
6A
7%
+12V
0.6A
3A
5%
-5V
0A
0.8A
5%
59.8W
SMUA60-T06-1
+3.3V
1.2A
6A
7%
+12V
0.6A
3A
5%
+5V
0A
0.8A
5%
59.8W
SMUA60-T08
+3.3V
0.5A
5A
7%
+5V
0.5A
5A
5%
-12V
0A
1A
5%
53.5W
SMUA60-T08-1
+3.3V
0.5A
5A
7%
+5V
0.5A
5A
5%
+12V
0A
1A
5%
53.5W
SMUA60-Q00
+3.3V
1.2A
6A
7%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W
SMUA60-Q00-1
+3.3V
1.2A
6A
7%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W
SMUA60-Q00-2
+3.3V
1.2A
6A
7%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W
SMUA60-Q00-3
+3.3V
1.2A
6A
7%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W
SMUA60-Q01
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
-12V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W
SMUA60-Q01-1
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
-12V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W
SMUA60-Q01-2
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
+12V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W
SMUA60-Q01-3
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
+12V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W
SMUA60-Q02
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
-12V
0A
0.8A
5%
63W
SMUA60-Q02-1
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
+12V
0A
0.8A
5%
63W
SMUA60-Q02-2
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
-12V
0A
0.8A
5%
63W
SMUA60-Q02-3
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
+12V
0A
0.8A
5%
63W
SMUA60-Q03
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
-24V
0A
0.8A
5%
63W
SMUA60-Q03-1
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
+24V
0A
0.8A
5%
63W
SMUA60-Q03-2
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
-24V
0A
0.8A
5%
63W
SMUA60-Q03-3
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
+24V
0A
0.8A
5%
63W
SMUA60-Q04
+5V
0.6A
6A
5%
+15V
0.3A
3A
5%
-15V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W
SMUA60-Q04-1
+5V
0.6A
6A
5%
+15V
0.3A
3A
5%
-15V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W
SMUA60-Q04-2
+5V
0.6A
6A
5%
+15V
0.3A
3A
5%
+15V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W
SMUA60-Q04-3
+5V
0.6A
6A
5%
+15V
0.3A
3A
5%
+15V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W


Similar Part No. - SMUA60-S10

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SMUA60-S10 Vitec-SMUA60-S10 Datasheet
424Kb / 2P
   63W U-Bracket Power Supply for Medical Equipment
More results

Similar Description - SMUA60-S10

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SMUA61-SERIES Vitec-SMUA61-SERIES Datasheet
424Kb / 2P
   63W U-Bracket Power Supply for Medical Equipment
SMUA61 Vitec-SMUA61 Datasheet
424Kb / 2P
   63W U-Bracket Power Supply for Medical Equipment
SMUA60 Vitec-SMUA60 Datasheet
424Kb / 2P
   63W U-Bracket Power Supply for Medical Equipment
SIUA60-SERIES Vitec-SIUA60-SERIES Datasheet
524Kb / 3P
   63W U-Bracket Power Supply for Industrial Equipment
SIUA61-SERIES Vitec-SIUA61-SERIES Datasheet
524Kb / 3P
   63W U-Bracket Power Supply for Industrial Equipment
STUA60 Vitec-STUA60 Datasheet
467Kb / 2P
   63W U-Bracket Power Supply for I.T. Equipment
SIUA63 Vitec-SIUA63 Datasheet
539Kb / 3P
   63W U-Bracket Power Supply for Industrial Equipment
SIUA63-SERIES Vitec-SIUA63-SERIES Datasheet
539Kb / 3P
   63W U-Bracket Power Supply for Industrial Equipment
SIUA61 Vitec-SIUA61 Datasheet
524Kb / 3P
   63W U-Bracket Power Supply for Industrial Equipment
STUA61-SERIES Vitec-STUA61-SERIES Datasheet
464Kb / 2P
   63W U-Bracket Power Supply for I.T. Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com