Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LF398AN Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LF398AN
Description  Monolithic Sample-and-Hold Circuits
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF398AN Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LF398AN Datasheet HTML 2Page - National Semiconductor (TI) LF398AN Datasheet HTML 3Page - National Semiconductor (TI) LF398AN Datasheet HTML 4Page - National Semiconductor (TI) LF398AN Datasheet HTML 5Page - National Semiconductor (TI) LF398AN Datasheet HTML 6Page - National Semiconductor (TI) LF398AN Datasheet HTML 7Page - National Semiconductor (TI) LF398AN Datasheet HTML 8Page - National Semiconductor (TI) LF398AN Datasheet HTML 9Page - National Semiconductor (TI) LF398AN Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Logic Input Configurations (Continued)
Application Hints
Hold Capacitor
Hold step, acquisition time, and droop rate are the major
trade-offs in the selection of a hold capacitor value. Size and
cost may also become important for larger values. Use of the
curves included with this data sheet should be helpful in se-
lecting a reasonable value of capacitance. Keep in mind that
for fast repetition rates or tracking fast signals, the capacitor
drive currents may cause a significant temperature rise in
the LF198.
A significant source of error in an accurate sample and hold
circuit is dielectric absorption in the hold capacitor. A mylar
cap, for instance, may “sag back” up to 0.2% after a quick
change in voltage. A long sample time is required before the
circuit can be put back into the hold mode with this type of
capacitor. Dielectrics with very low hysteresis are polysty-
rene, polypropylene, and Teflon. Other types such as mica
and polycarbonate are not nearly as good. The advantage of
polypropylene over polystyrene is that it extends the maxi-
mum ambient temperature from 85˚C to 100˚C. Most ce-
ramic capacitors are unusable with > 1% hysteresis. Ce-
ramic “NPO” or “COG” capacitors are now available for
125˚C operation and also have low dielectric absorption. For
more exact data, see the curve
Dielectric Absorption Error.
The hysteresis numbers on the curve are final values, taken
after full relaxation. The hysteresis error can be significantly
reduced if the output of the LF198 is digitized quickly after
the hold mode is initiated. The hysteresis relaxation time
constant in polypropylene, for instance, is 10 — 50 ms. If
A-to-D conversion can be made within 1 ms, hysteresis error
will be reduced by a factor of ten.
DC and AC Zeroing
DC zeroing is accomplished by connecting the offset adjust
pin to the wiper ofa1k
Ω potentiometer which has one end
tied to V
+ and the other end tied through a resistor to ground.
The resistor should be selected to give
≈0.6 mA through the
1k potentiometer.
AC zeroing (hold step zeroing) can be obtained by adding an
inverter with the adjustment pot tied input to output. A 10 pF
capacitor from the wiper to the hold capacitor will give ±4mV
hold step adjustment with a 0.01 µF hold capacitor and 5V
logic supply. For larger logic swings, a smaller capacitor
(< 10 pF) may be used.
Logic Rise Time
For proper operation, logic signals into the LF198 must have
a minimum dV/dt of 1.0 V/µs. Slower signals will cause ex-
cessive hold step. If a R/C network is used in front of the
CMOS
7V
≤ V
LOGIC (Hi State) ≤ 15V
DS005692-35
Threshold = 0.6 (V+) + 1.4V
DS005692-36
Threshold = 0.6 (V+) − 1.4V
Op Amp Drive
DS005692-37
Threshold
≈ +4V
DS005692-38
Threshold = −4V
www.national.com
6


Similar Part No. - LF398AN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LF398AN/NOPB TI1-LF398AN/NOPB Datasheet
2Mb / 33P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
LF398AN/NOPB TI1-LF398AN/NOPB Datasheet
3Mb / 38P
[Old version datasheet]   LFx98x Monolithic Sample-and-Hold Circuits
logo
Linear Technology
LF398AN8 LINER-LF398AN8 Datasheet
1Mb / 16P
   Precision Sample and Hold Amplifier
More results

Similar Description - LF398AN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LF398N ETC-LF398N Datasheet
257Kb / 7P
   MONOLITHIC SAMPLE AND HOLD CIRCUITS
logo
Texas Instruments
LF198QML TI1-LF198QML_14 Datasheet
1Mb / 22P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
LF198-N TI1-LF198-N_16 Datasheet
2Mb / 33P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
LF298-MIL TI1-LF298-MIL Datasheet
2Mb / 28P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
LF298MX TI1-LF298MX Datasheet
564Kb / 15P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
logo
JSC ALFA.
1100CK2 ALFA-1100CK2 Datasheet
368Kb / 4P
   Monolithic Sample-and-Hold Circuits
logo
Texas Instruments
LF198QML TI1-LF198QML Datasheet
994Kb / 20P
[Old version datasheet]   LF198QML Monolithic Sample-and-Hold Circuits
JM38510-12501BGA TI-JM38510-12501BGA Datasheet
1,015Kb / 21P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
LF198JAN TI1-LF198JAN Datasheet
966Kb / 19P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
M38510 TI-M38510 Datasheet
988Kb / 21P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com