Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIWA11-S07 Datasheet(PDF) 2 Page - Vitec Power

Part # SIWA11-S07
Description  10W Wall Mount Power Supply for Industrial Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

SIWA11-S07 Datasheet(HTML) 2 Page - Vitec Power

  SIWA11-S07 Datasheet HTML 1Page - Vitec Power SIWA11-S07 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Conditions
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Operating Temperature
-20
40
70
°C
Storage Temperature
-40
85
°C
Relative Humidity
No-Condensing
5
95
%
Operating Temperature at 25°C, Calculated per MIL-HDBK-217F
0.1
M Hrs
De-rate linearly from 100% load at 40°C to 50% load at 70°C
Approvals and Compliance
Parameter
Test Conditions
Min.
Unit
Dielectric Withstanding Voltage for Primary to secondary
Primary to secondary
4242
VDC
EMI requirements for CISPR-22
Vin=220VAC
B
CLASS
EMI requirements for FCC PART-15
Vin=110VAC
B
CLASS
Mechanical and PIN out
Note:
1.
Dimensions are shown in mm.
2.
Weight: 90gs approx.
3.
Optional output connector.


Similar Part No. - SIWA11-S07

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SIWA11-S07 Vitec-SIWA11-S07 Datasheet
289Kb / 2P
   10W Wall Mount Power Supply for Industrial Equipment
More results

Similar Description - SIWA11-S07

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SIWA11 Vitec-SIWA11 Datasheet
289Kb / 2P
   10W Wall Mount Power Supply for Industrial Equipment
MTWA11 Vitec-MTWA11 Datasheet
291Kb / 2P
   10W Wall Mount Power Supply for I.T. Equipment
MTWA11-SERIES Vitec-MTWA11-SERIES Datasheet
291Kb / 2P
   10W Wall Mount Power Supply for I.T. Equipment
logo
Total Power Internation...
TPIPU10 TOTAL-POWER-TPIPU10 Datasheet
237Kb / 2P
   10W wall mount switching power supplies for industrial equipment
logo
Vitec Power
STWA11-SERIES Vitec-STWA11-SERIES Datasheet
288Kb / 2P
   10W Wall Mount Power for I.T. Equipment
STWA11 Vitec-STWA11 Datasheet
288Kb / 2P
   10W Wall Mount Power for I.T. Equipment
SHWA12C Vitec-SHWA12C Datasheet
418Kb / 2P
   12W Wall Mount Power Supply for Medical Equipment
SHWA12C-SERIES Vitec-SHWA12C-SERIES Datasheet
418Kb / 2P
   12W Wall Mount Power Supply for Medical Equipment
PTWA-188-SERIES Vitec-PTWA-188-SERIES Datasheet
297Kb / 2P
   18W Multi-Plug Wall Mount Power Supply for I.T. Equipment
PTWA-183 Vitec-PTWA-183 Datasheet
284Kb / 2P
   18W Multi-Plug Wall Mount Power Supply for I.T. Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com