Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIUA250-SERIES Datasheet(PDF) 2 Page - Vitec Power

Part # SIUA250-SERIES
Description  250W U-Bracket Power Supply for Industrial Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

SIUA250-SERIES Datasheet(HTML) 2 Page - Vitec Power

  SIUA250-SERIES Datasheet HTML 1Page - Vitec Power SIUA250-SERIES Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Conditions
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Operating Temperature
-20
50
70
°C
Storage Temperature
-40
85
°C
Relative Humidity
5
95
%
Operating Temperature at 25°C, Calculated per MIL-HDBK-217F
0.1M
Hrs
De-rate linearly from 100% load at 50°C to 50% load at 70°C
Approvals and Compliance
Parameter
Test Conditions
Min.
Unit
Dielectric Withstanding Voltage for Primary to secondary
Primary to secondary
4242
VDC
Dielectric Withstanding Voltage for Primary to Ground
Primary to ground
2121
VDC
Isolation Resistance
Test Voltage=500VDC
50
EMI requirements for CISPR-22
Vin=220VAC
B
CLASS
EMI requirements for FCC PART-15
Vin=110VAC
B
CLASS
Mechanical
PIN CHART
PIN
MODEL
1
2
3
4
SIUA250-SXX-4pin
RTN
RTN OUT OUT
PIN
MODEL
1
2
3
4
5
6
SIUA250-SXX-6pin
RTN
RTN
RTN OUT OUT OUT
Note:
1.
Dimensions are shown in inches or mm.
2.
Weight: 790gs approx.
3.
Input connector mates with INKLE#DT-2G-B01W-02P and
DINKLE#ESK750V-02P.
4.
Output connector mates with DINKLE#DT-2G-B01W-(04P or 06P)
and DINKLE#ESK750V-(04P or 06P).


Similar Part No. - SIUA250-SERIES

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SIUA250-S05 Vitec-SIUA250-S05 Datasheet
433Kb / 2P
   250W U-Bracket Power Supply for Industrial Equipment
SIUA250-S08 Vitec-SIUA250-S08 Datasheet
433Kb / 2P
   250W U-Bracket Power Supply for Industrial Equipment
SIUA250-S11 Vitec-SIUA250-S11 Datasheet
433Kb / 2P
   250W U-Bracket Power Supply for Industrial Equipment
More results

Similar Description - SIUA250-SERIES

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SIUA250 Vitec-SIUA250 Datasheet
433Kb / 2P
   250W U-Bracket Power Supply for Industrial Equipment
STUA250-SERIES Vitec-STUA250-SERIES Datasheet
423Kb / 2P
   250W U-Bracket Power Supply for I.T. Equipment
STUA250 Vitec-STUA250 Datasheet
423Kb / 2P
   250W U-Bracket Power Supply for I.T. Equipment
SIUA100 Vitec-SIUA100 Datasheet
427Kb / 2P
   100W U-Bracket Power Supply for Industrial Equipment
SIUA150 Vitec-SIUA150 Datasheet
415Kb / 2P
   150W U-Bracket Power Supply for Industrial Equipment
SIUA60-SERIES Vitec-SIUA60-SERIES Datasheet
524Kb / 3P
   63W U-Bracket Power Supply for Industrial Equipment
SIUA61-SERIES Vitec-SIUA61-SERIES Datasheet
524Kb / 3P
   63W U-Bracket Power Supply for Industrial Equipment
SIUA80-SERIES Vitec-SIUA80-SERIES Datasheet
455Kb / 2P
   80W U-Bracket Power Supply for Industrial Equipment
SIUA180-SERIES Vitec-SIUA180-SERIES Datasheet
413Kb / 2P
   180W U-Bracket Power Supply for Industrial Equipment
SIUA81 Vitec-SIUA81 Datasheet
453Kb / 2P
   80W U-Bracket Power Supply for Industrial Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com