Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLP561G Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part No. TLP561G
Description  Triac Driver Programmable Controllers AC-Output Module Solid State Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP561G Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP561G Datasheet HTML 1Page - Toshiba Semiconductor TLP561G Datasheet HTML 2Page - Toshiba Semiconductor TLP561G Datasheet HTML 3Page - Toshiba Semiconductor TLP561G Datasheet HTML 4Page - Toshiba Semiconductor TLP561G Datasheet HTML 5Page - Toshiba Semiconductor TLP561G Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TLP561G
2002-09-25
5
100
80
60
20
40
0
–20
3
1.2
1
0.5
0.3
0.1
–40
2
Ambient temperature Ta (℃)
Normalized IH – Ta
Ambient temperature Ta (℃)
Normalized IFT – Ta
VT = 3V
100
80
60
20
40
0
–20
3
1.2
1
0.5
0.3
0.1
–40
2
Normalized IDRM – Ta
Ambient temperature Ta (℃)
10
3
80
60
40
20
0
100
10
2
10
1
10
0
VDRM = Rated
Ambient temperature Ta (℃)
Normalized VDRM – Ta
1.4
100
80
0
–40
1.2
1.0
0.8
0.6
0.4
0.2
60
40
20
–20
100
80
60
20
40
0
–20
3
1.2
1
0.5
0.3
0.1
–40
2
Ambient temperature Ta (℃)
Normalized VIH – Ta
IF = Rated IFT
100
80
60
20
40
0
–20
3
1.2
1
0.5
0.3
0.1
–40
2
Ambient temperature Ta (℃)
Normalized IIH – Ta
IF = Rated IFT
VT = Rated VDRM


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
TLP3507 TRIAC DRIVER PROGRAMMABLE CONTROLLERS AC-OUTPUT MODULE SOLID STATE RELAY 1  2  3  4  5  More Toshiba Semiconductor
LH1532FP Dual 1 Form A Solid State Relay 1  2  3  4  5  More Vishay Siliconix
PS7112-1A_01 6 PIN DIP SOLID STATE RELAY 1  2  3  4  5  More NEC
LH1512BAC_05 Dual 1 Form A/B C Solid State Relay 1  2  3  4  5  More Vishay Siliconix
LH1529AB Telecom Switch - 1 Form A Solid State Relay 1  2  3  4  Infineon Technologies AG
AD6C101 1 Form A Solid State Relay 1  2  3  4  5  Solid State Optronic
VN5770AK-E Quad smart power solid state relay for complete H bridge configurations 1  2  3  4  5  More STMicroelectronics
53274 Solid State Relay SPST 90VDC - 10A 1  2  3  4  5  List of Unclassifed Manufacturers
LH1523BB Dual 1 Form B Solid State Relay 1  2  3  4  5  More Vishay Siliconix
TLP630 Programmable Controllers AC / DC-Input Module Telecommunication 1  2  3  4  5  More Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn