Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT4016W-T1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT4016W-T1
Description  16-Channel Constant Current LED Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4016W-T1 Datasheet(HTML) 1 Page - ON Semiconductor

  CAT4016W-T1 Datasheet HTML 1Page - ON Semiconductor CAT4016W-T1 Datasheet HTML 2Page - ON Semiconductor CAT4016W-T1 Datasheet HTML 3Page - ON Semiconductor CAT4016W-T1 Datasheet HTML 4Page - ON Semiconductor CAT4016W-T1 Datasheet HTML 5Page - ON Semiconductor CAT4016W-T1 Datasheet HTML 6Page - ON Semiconductor CAT4016W-T1 Datasheet HTML 7Page - ON Semiconductor CAT4016W-T1 Datasheet HTML 8Page - ON Semiconductor CAT4016W-T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2010
July, 2015 − Rev. 5
1
Publication Order Number:
CAT4016/D
CAT4016, CAV4016
16-Channel Constant
Current LED Driver
Description
The CAT4016 is a 16 channel constant current driver for LED
billboard and other general display applications. LED channel
currents are programmed together via an external RSET resistor. Low
output voltage operation on the LED channels as low as 0.4 V (for 2 to
100 mA LED current) allows for more power efficient designs.
A high−speed 4−wire serial interface of up to 25 MHz clock
frequency controls each individual channel using a shift register and
latch configuration. A serial output data pin (SOUT) allows multiple
devices to be cascaded and programmed via one serial interface. The
device also includes a blanking control pin (BLANK) that can be used
to disable all channels independently of the interface.
Thermal shutdown protection is incorporated in the device to
disable the LED outputs if the die temperature exceeds a set limit.
The device is available in the 24−lead SOIC, TSSOP and the
compact TQFN 4 x 4 mm packages.
Features
16 Constant Current−sink Channels
Serial Interface up to 25 MHz Clock Frequency
3 V to 5.5 V Logic Supply
LED Current Range from 2 mA to 100 mA
LED Current set by External RSET Resistor
300 mV LED Dropout at 30 mA
Thermal Shutdown Protection
Available in 24−lead SOIC, TSSOP and 4 x 4 mm TQFN Packages
CAV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
Billboard Display
Marquee Display
Instrument Display
General Purpose Display
This document contains information on some products that are still under development.
ON Semiconductor reserves the right to change or discontinue these products without
notice.
www.onsemi.com
SOIC−24
W SUFFIX
CASE 751BK
MARKING DIAGRAMS (Top Views)
CAT4016W =
CAT4016W−T1
A3B
CAT4016WO
FYMXXXX
TSSOP−24
Y SUFFIX
CASE 948AR
See detailed ordering and shipping information on page 14 of
this data sheet.
ORDERING INFORMATION
LAAA
AXXX
YMCC
OAB
CAT4016YO
3YMXXX
CAT4016Y =
CAT4016Y−T2
TQFN−24
HV6 SUFFIX
CASE 510AM
LAAD
AXXX
YMCC
LAAA =
CAT4016HV6−T2
LAAD =
CAT4016HV6−GT2
TQFN−24
SOIC−24
TSSOP−24
A = Assembly Location
3 = Lead Finish − Matte−Tin
B = Product Revision (Fixed as “B”)
O = Leave Blank
F = Fab Code
Y or YY = Production Year (Last 1 or 2 Digits)
M = Production Month (1−9, A, B, C)
WW = Production Week (01 − 52)
CC = Country Code (Last Two Digits)
XXX or XXXX = Last 3 or 4 Digits
XXX or XXXX = of Assembly Lot Number
VAAA
AXXX
YMCC
VAAA =
CAV4016HV6−T2*
*Product under development.


Similar Part No. - CAT4016W-T1

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4016W-T1 CATALYST-CAT4016W-T1 Datasheet
226Kb / 15P
   16-Channel Constant Current LED Driver
CAT4016W-T1 CATALYST-CAT4016W-T1 Datasheet
231Kb / 15P
   16-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016W-T1 ONSEMI-CAT4016W-T1 Datasheet
293Kb / 15P
   16-Channel Constant Current LED Driver
Doc. No. MD-5028 Rev. D
CAT4016W-T1 ONSEMI-CAT4016W-T1 Datasheet
180Kb / 14P
   16-Channel Constant Current LED Driver
April, 2010 ??Rev. 4
More results

Similar Description - CAT4016W-T1

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016 Datasheet
226Kb / 15P
   16-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016 ONSEMI-CAT4016 Datasheet
180Kb / 14P
   16-Channel Constant Current LED Driver
April, 2010 ??Rev. 4
logo
Leshan Radio Company
LR9026 LRC-LR9026 Datasheet
463Kb / 9P
   16-channel constant current LED driver
logo
LDT Co., Ltd
LD1018 LDT-LD1018 Datasheet
386Kb / 24P
   16 Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016W-T1 ONSEMI-CAT4016W-T1 Datasheet
293Kb / 15P
   16-Channel Constant Current LED Driver
Doc. No. MD-5028 Rev. D
logo
Marktech Corporate
TC62D776CFG MARKTECH-TC62D776CFG_15 Datasheet
525Kb / 33P
   16-Channel Constant-Current LED Driver
TC62D776CFNAG MARKTECH-TC62D776CFNAG_15 Datasheet
567Kb / 33P
   16-Channel Constant-Current LED Driver
logo
LDT Co., Ltd
LD1016H LDT-LD1016H Datasheet
552Kb / 21P
   16 Channel Constant current LED Driver
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016_08 Datasheet
231Kb / 15P
   16-Channel Constant Current LED Driver
logo
SHANGHAI BELLING CO., L...
BL8589 BELLING-BL8589 Datasheet
416Kb / 12P
   16-Channel Constant-Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com