Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT4016 Datasheet(PDF) 8 Page - ON Semiconductor

Part # CAT4016
Description  16-Channel Constant Current LED Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4016 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CAT4016 Datasheet HTML 4Page - ON Semiconductor CAT4016 Datasheet HTML 5Page - ON Semiconductor CAT4016 Datasheet HTML 6Page - ON Semiconductor CAT4016 Datasheet HTML 7Page - ON Semiconductor CAT4016 Datasheet HTML 8Page - ON Semiconductor CAT4016 Datasheet HTML 9Page - ON Semiconductor CAT4016 Datasheet HTML 10Page - ON Semiconductor CAT4016 Datasheet HTML 11Page - ON Semiconductor CAT4016 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
CAT4016, CAV4016
www.onsemi.com
8
Table 5. PIN DESCRIPTION
Name
Function
GND
Ground
SIN
Serial data input pin
CLK
Serial clock input pin
LATCH
Latch serial data to output registers
LED1−LED16
LED channel 1 to 16 cathode terminals
BLANK
Enable / disable all channels
SOUT
Serial data output pin.
RSET
LED current set pin
VDD
Positive supply Voltage
TAB (TQFN package only)
Connect to GND on the PCB
Pin Function
GND is the ground reference pin for the device. This pin
must be connected to the ground plane on the PCB.
SIN is the serial data input. Data is loaded into the internal
register on each rising edge of CLK.
CLK is the serial clock input. On each rising CLK edge, data
is transferred from SIN to the internal 16−bit serial shift
register.
LATCH is the latch data input. On the rising edge of
LATCH, data is loaded from the 16−bit serial shift register
into the output register latch. On the falling edge, this data
is latched in the output register and isolated from the state of
the serial shift register.
LED1 – LED16 are the LED current sink channels. These
pins are connected to the LED cathodes. The current sinks
drive the LEDs with a current equal to 50 times RSET pin
current. For the LED sink to operate correctly, the voltage on
the LED pin must be above 0.4 V.
BLANK is the LED channel enable and disable input pin.
When low, LEDs are enabled according to the output latch
register content. When high, all LEDs are off, while
preserving the data in the output latch register.
SOUT is the serial data output of the 16−bit serial shift
register. This pin is used to cascade several devices on the
serial bus. The SOUT pin is then connected to the SIN input
of the next device on the serial bus to cascade.
RSET is the LED current setting pin. A resistor is connected
between this pin and ground. Each LED channel current is
set to 50 times the current pulled out of the pin. The RSET
pin voltage is regulated to 1.2 V.
VDD is the positive supply pin voltage for the entire device.
A small 1
mF ceramic is recommended close to pin.


Similar Part No. - CAT4016

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016 Datasheet
226Kb / 15P
   16-Channel Constant Current LED Driver
CAT4016 CATALYST-CAT4016 Datasheet
231Kb / 15P
   16-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016 ONSEMI-CAT4016 Datasheet
180Kb / 14P
   16-Channel Constant Current LED Driver
April, 2010 ??Rev. 4
logo
Catalyst Semiconductor
CAT4016HV6-GT2 CATALYST-CAT4016HV6-GT2 Datasheet
231Kb / 15P
   16-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016HV6-GT2 ONSEMI-CAT4016HV6-GT2 Datasheet
293Kb / 15P
   16-Channel Constant Current LED Driver
Doc. No. MD-5028 Rev. D
More results

Similar Description - CAT4016

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016 Datasheet
226Kb / 15P
   16-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016 ONSEMI-CAT4016 Datasheet
180Kb / 14P
   16-Channel Constant Current LED Driver
April, 2010 ??Rev. 4
logo
Leshan Radio Company
LR9026 LRC-LR9026 Datasheet
463Kb / 9P
   16-channel constant current LED driver
logo
LDT Co., Ltd
LD1018 LDT-LD1018 Datasheet
386Kb / 24P
   16 Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016W-T1 ONSEMI-CAT4016W-T1 Datasheet
293Kb / 15P
   16-Channel Constant Current LED Driver
Doc. No. MD-5028 Rev. D
logo
Marktech Corporate
TC62D776CFG MARKTECH-TC62D776CFG_15 Datasheet
525Kb / 33P
   16-Channel Constant-Current LED Driver
TC62D776CFNAG MARKTECH-TC62D776CFNAG_15 Datasheet
567Kb / 33P
   16-Channel Constant-Current LED Driver
logo
LDT Co., Ltd
LD1016H LDT-LD1016H Datasheet
552Kb / 21P
   16 Channel Constant current LED Driver
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016_08 Datasheet
231Kb / 15P
   16-Channel Constant Current LED Driver
logo
SHANGHAI BELLING CO., L...
BL8589 BELLING-BL8589 Datasheet
416Kb / 12P
   16-Channel Constant-Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com