Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT4003BTD-GT3 Datasheet(PDF) 8 Page - ON Semiconductor

Part # CAT4003BTD-GT3
Description  Constant Current Programmable LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4003BTD-GT3 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CAT4003BTD-GT3 Datasheet HTML 4Page - ON Semiconductor CAT4003BTD-GT3 Datasheet HTML 5Page - ON Semiconductor CAT4003BTD-GT3 Datasheet HTML 6Page - ON Semiconductor CAT4003BTD-GT3 Datasheet HTML 7Page - ON Semiconductor CAT4003BTD-GT3 Datasheet HTML 8Page - ON Semiconductor CAT4003BTD-GT3 Datasheet HTML 9Page - ON Semiconductor CAT4003BTD-GT3 Datasheet HTML 10Page - ON Semiconductor CAT4003BTD-GT3 Datasheet HTML 11Page - ON Semiconductor CAT4003BTD-GT3 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
CAT4003B, CAT4004B
http://onsemi.com
8
The LED driver enters a “zero current” shutdown mode if
EN/DIM is held low for longer than 5 ms.
The dimming level is set by the number of pulses on the
EN/DIM after the power−up, as shown in Table 6.
Table 6. DIMMING LEVELS
Full Scale Current in %
Dimming Pulses [n]
100
0
97
1
94
2
90
3
87
4
84
5
81
6
77
7
74
8
71
9
68
10
65
11
61
12
58
13
Full Scale Current in %
Dimming Pulses [n]
55
14
52
15
48
16
45
17
42
18
39
19
35
20
32
21
29
22
26
23
23
24
19
25
16
26
13
27
10
28
6
29
3
30
0
31
100
32


Similar Part No. - CAT4003BTD-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4003BTD-GT3 ONSEMI-CAT4003BTD-GT3 Datasheet
183Kb / 11P
   Constant Current Programmable LED Driver with 32 Dimming Levels
January, 2010 ??Rev. 2
More results

Similar Description - CAT4003BTD-GT3

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7618 SIPEX-SP7618 Datasheet
408Kb / 10P
   Constant Current LED Driver
logo
Texas Instruments
TPS61042 TI-TPS61042 Datasheet
552Kb / 20P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
logo
Diodes Incorporated
AL5890 DIODES-AL5890 Datasheet
824Kb / 17P
   Constant Current LED Driver
logo
First Silicon Co., Ltd
FC2082G FS-FC2082G Datasheet
1Mb / 12P
   LED CONSTANT CURRENT DRIVER
logo
DIWELL Electronics Co.,...
SLE-24 DIWELL-SLE-24 Datasheet
418Kb / 9P
   Constant Current LED Driver
2012/07/19
CALE-48 DIWELL-CALE-48 Datasheet
444Kb / 7P
   Constant Current LED Driver
2016/09/23
logo
Texas Instruments
TPS61043 TI-TPS61043 Datasheet
516Kb / 21P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
logo
ON Semiconductor
CAT4004A ONSEMI-CAT4004A_11 Datasheet
165Kb / 11P
   Constant Current LED Driver
June, 2011 ??Rev. 2
logo
Protek Devices
PA5110 PROTEC-PA5110 Datasheet
178Kb / 7P
   Constant Current LED Driver.
logo
DIWELL Electronics Co.,...
CLE-12 DIWELL-CLE-12 Datasheet
1Mb / 8P
   Constant Current LED Driver
2016/09/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com