Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT4004A Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT4004A
Description  Constant Current LED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4004A Datasheet(HTML) 4 Page - ON Semiconductor

  CAT4004A Datasheet HTML 1Page - ON Semiconductor CAT4004A Datasheet HTML 2Page - ON Semiconductor CAT4004A Datasheet HTML 3Page - ON Semiconductor CAT4004A Datasheet HTML 4Page - ON Semiconductor CAT4004A Datasheet HTML 5Page - ON Semiconductor CAT4004A Datasheet HTML 6Page - ON Semiconductor CAT4004A Datasheet HTML 7Page - ON Semiconductor CAT4004A Datasheet HTML 8Page - ON Semiconductor CAT4004A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CAT4002A, CAT4004A
http://onsemi.com
4
TYPICAL PERFORMANCE CHARACTERISTICS
(CAT4002A, VIN = 4 V, VF = 3.3 V, IOUT = 50 mA (2 LEDs at 25 mA), CIN = 1 mF, TAMB = 25°C unless otherwise specified.)
Figure 3. Quiescent Current vs. RSET Input
Voltage
Figure 4. Quiescent Current vs. Input Voltage
(Full Load)
RSET (kW)
INPUT VOLTAGE (V)
60
40
20
0
0
0.4
0.8
1.2
1.6
2.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
0.6
0.8
1.0
1.2
1.4
Figure 5. LED Current Change vs. Input
Voltage
Figure 6. LED Current Change vs.
Temperature
INPUT VOLTAGE (V)
TEMPERATURE (°C)
5.5
5.0
4.5
4.0
3.5
3.0
2.5
−1.0
−0.8
−0.4
−0.2
0
0.4
0.6
1.0
80
40
0
−40
−10
−8
−4
−2
2
4
8
10
Figure 7. EN/DIM High Threshold vs. Input
Voltage
Figure 8. LED Current vs. RSET Resistor
INPUT VOLTAGE (V)
RSET (kW)
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
0.4
0.8
1.0
1.4
100
10
1
0
10
20
30
40
−0.6
0.2
0.8
120
−6
0
6
0.6
1.2
−40°C
25°C
80°C


Similar Part No. - CAT4004A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4004A ONSEMI-CAT4004A Datasheet
183Kb / 11P
   Constant Current LED Driver with 32 Dimming Levels and Rset
July, 2010 ??Rev. 0
CAT4004AHU2-GT3 ONSEMI-CAT4004AHU2-GT3 Datasheet
183Kb / 11P
   Constant Current LED Driver with 32 Dimming Levels and Rset
July, 2010 ??Rev. 0
CAT4004AHU2-GT3 ONSEMI-CAT4004AHU2-GT3 Datasheet
165Kb / 11P
   Constant Current LED Driver
June, 2011 ??Rev. 2
CAT4004A ONSEMI-CAT4004A_11 Datasheet
165Kb / 11P
   Constant Current LED Driver
June, 2011 ??Rev. 2
More results

Similar Description - CAT4004A

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7618 SIPEX-SP7618 Datasheet
408Kb / 10P
   Constant Current LED Driver
logo
Texas Instruments
TPS61042 TI-TPS61042 Datasheet
552Kb / 20P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
logo
Diodes Incorporated
AL5890 DIODES-AL5890 Datasheet
824Kb / 17P
   Constant Current LED Driver
logo
First Silicon Co., Ltd
FC2082G FS-FC2082G Datasheet
1Mb / 12P
   LED CONSTANT CURRENT DRIVER
logo
DIWELL Electronics Co.,...
SLE-24 DIWELL-SLE-24 Datasheet
418Kb / 9P
   Constant Current LED Driver
2012/07/19
CALE-48 DIWELL-CALE-48 Datasheet
444Kb / 7P
   Constant Current LED Driver
2016/09/23
logo
Texas Instruments
TPS61043 TI-TPS61043 Datasheet
516Kb / 21P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
logo
ON Semiconductor
CAT4004A ONSEMI-CAT4004A_11 Datasheet
165Kb / 11P
   Constant Current LED Driver
June, 2011 ??Rev. 2
logo
Protek Devices
PA5110 PROTEC-PA5110 Datasheet
178Kb / 7P
   Constant Current LED Driver.
logo
DIWELL Electronics Co.,...
CLE-12 DIWELL-CLE-12 Datasheet
1Mb / 8P
   Constant Current LED Driver
2016/09/12
logo
Rohm
BD1754HFN ROHM-BD1754HFN_15 Datasheet
1Mb / 21P
   Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com