Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT4004A Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT4004A
Description  Constant Current LED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4004A Datasheet(HTML) 1 Page - ON Semiconductor

  CAT4004A Datasheet HTML 1Page - ON Semiconductor CAT4004A Datasheet HTML 2Page - ON Semiconductor CAT4004A Datasheet HTML 3Page - ON Semiconductor CAT4004A Datasheet HTML 4Page - ON Semiconductor CAT4004A Datasheet HTML 5Page - ON Semiconductor CAT4004A Datasheet HTML 6Page - ON Semiconductor CAT4004A Datasheet HTML 7Page - ON Semiconductor CAT4004A Datasheet HTML 8Page - ON Semiconductor CAT4004A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2011
June, 2011 − Rev. 2
1
Publication Order Number:
CAT4002A/D
CAT4002A, CAT4004A
Constant Current LED
Driver with 32 Dimming
Levels and Rset
Description
The CAT4002A and CAT4004A provide respectively two and four
matched low dropout current sources to drive LEDs. The CAT400XA
uses an external resistor RSET to set the current in the LED channels.
Each LED channel includes an individual control loop allowing the
device to handle a wide range of LED forward voltages while still
maintaining tight current matching.
The EN/DIM logic inputs supports device enable and a digital
dimming interface for setting the LED channel current with 32 linear
dimming levels.
LEDs can be powered directly from a Lithium−ion battery due to the
low dropout (50 mV at 20 mA) current sinks. The device is available
in the tiny 8−pad UDFN 2 mm x 2 mm package with a max height of
0.55 mm, as well as the 6−lead TSOT−23 and SC−70.
Features
2 and 4 LED Current Sinks with Tight Matching
32 Dimming Levels
Low Dropout Driver 50 mV at 20 mA
No Switching Noise
Shutdown Current less than 1 mA
LED Current set by External Resistor
Dimming via 1−wire EZDimt Interface
Thermal Shutdown Protection
6−lead TSOT−23, SC−70, and 8−pad UDFN 2 mm x 2 mm Packages
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
LCD Display Backlight
Digital Still Cameras
Cellular Phones
Handheld Devices
Figure 1. Typical Application Circuit
CAT4004A
VIN
EN/DIM
RSET
GND
LED1 LED2 LED3 LED4
RSET
3.74 kW
One wire
programming
20 mA
1 mF
2.4 V
to
5.5 V
CIN
VIN
http://onsemi.com
ORDERING INFORMATION
SC70−6
SD SUFFIX
CASE 419AD
TSOT23−6
TD SUFFIX
CASE 419AF
UDFN−8
HU2G SUFFIX
CASE 517AW
PIN CONNECTIONS
CAT4004A
UDFN−8
VIN
RSET
LED4
LED3
EN/DIM
GND
LED1
LED2
1
1
RSET
LED2
EN/DIM
GND
VIN
LED1
CAT4002A
TSOT23−6
1
GND
LED2
VIN
RSET
LED1
EN/DIM
CAT4002A
SC70−6
(Top Views)
See detailed ordering and shipping information in the package
dimensions section on page 11 of this data sheet.


Similar Part No. - CAT4004A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4004A ONSEMI-CAT4004A Datasheet
183Kb / 11P
   Constant Current LED Driver with 32 Dimming Levels and Rset
July, 2010 ??Rev. 0
CAT4004AHU2-GT3 ONSEMI-CAT4004AHU2-GT3 Datasheet
183Kb / 11P
   Constant Current LED Driver with 32 Dimming Levels and Rset
July, 2010 ??Rev. 0
CAT4004AHU2-GT3 ONSEMI-CAT4004AHU2-GT3 Datasheet
165Kb / 11P
   Constant Current LED Driver
June, 2011 ??Rev. 2
CAT4004A ONSEMI-CAT4004A_11 Datasheet
165Kb / 11P
   Constant Current LED Driver
June, 2011 ??Rev. 2
More results

Similar Description - CAT4004A

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7618 SIPEX-SP7618 Datasheet
408Kb / 10P
   Constant Current LED Driver
logo
Texas Instruments
TPS61042 TI-TPS61042 Datasheet
552Kb / 20P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
logo
Diodes Incorporated
AL5890 DIODES-AL5890 Datasheet
824Kb / 17P
   Constant Current LED Driver
logo
First Silicon Co., Ltd
FC2082G FS-FC2082G Datasheet
1Mb / 12P
   LED CONSTANT CURRENT DRIVER
logo
DIWELL Electronics Co.,...
SLE-24 DIWELL-SLE-24 Datasheet
418Kb / 9P
   Constant Current LED Driver
2012/07/19
CALE-48 DIWELL-CALE-48 Datasheet
444Kb / 7P
   Constant Current LED Driver
2016/09/23
logo
Texas Instruments
TPS61043 TI-TPS61043 Datasheet
516Kb / 21P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
logo
ON Semiconductor
CAT4004A ONSEMI-CAT4004A_11 Datasheet
165Kb / 11P
   Constant Current LED Driver
June, 2011 ??Rev. 2
logo
Protek Devices
PA5110 PROTEC-PA5110 Datasheet
178Kb / 7P
   Constant Current LED Driver.
logo
DIWELL Electronics Co.,...
CLE-12 DIWELL-CLE-12 Datasheet
1Mb / 8P
   Constant Current LED Driver
2016/09/12
logo
Rohm
BD1754HFN ROHM-BD1754HFN_15 Datasheet
1Mb / 21P
   Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com