Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT4002A Datasheet(PDF) 6 Page - ON Semiconductor

Part # CAT4002A
Description  Constant Current LED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4002A Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CAT4002A_11 Datasheet HTML 2Page - ON Semiconductor CAT4002A_11 Datasheet HTML 3Page - ON Semiconductor CAT4002A_11 Datasheet HTML 4Page - ON Semiconductor CAT4002A_11 Datasheet HTML 5Page - ON Semiconductor CAT4002A_11 Datasheet HTML 6Page - ON Semiconductor CAT4002A_11 Datasheet HTML 7Page - ON Semiconductor CAT4002A_11 Datasheet HTML 8Page - ON Semiconductor CAT4002A_11 Datasheet HTML 9Page - ON Semiconductor CAT4002A_11 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
CAT4002A, CAT4004A
http://onsemi.com
6
Table 6. PIN DESCRIPTIONS
Name
Function
EN/DIM
Device enable (active high) and dimming control
GND
Ground reference
LED1
LED1 cathode terminal
LED2
LED2 cathode terminal
LED3
LED3 cathode terminal (CAT4004A only)
LED4
LED4 cathode terminal (CAT4004A only)
RSET
Connect external RSET resistor to set the LED current
VIN
Device supply input, connect to battery or supply
TAB
Connect to GND on the PCB (CAT4004A only)
Pin Function
VIN is the supply pin for the charge pump. A small 1
mF
ceramic bypass capacitor is required between the VIN pin
and ground near the device. The operating input voltage
range is from 2.5 V to 5.5 V. Whenever the input supply falls
below the under−voltage threshold (2.0 V), all the LED
channels are disabled and the device enters shutdown mode.
EN/DIM is the enable and one wire dimming input for all
LED channels. Levels of logic high and logic low are set at
1.3 V and 0.4 V respectively. When EN/DIM is initially
taken high, the CAT400XA becomes enabled and the LED
channel current is set to the full scale according to the
resistor RSET. To place the device into “zero current”
shutdown mode, the EN/DIM pin must be held low for 3 ms
typical.
LED1 to LED4 provide the internal regulated current for
each of the LED cathodes. There pins enter a high
impedance zero current state whenver the device is placed
in shutdown mode.
RSET is connected to the resistor (RSET) to set the full scale
current for the LEDs. The voltage at this pin is regulated to
0.6 V. The ground side of the external resistor should be star
connected back to the GND of the PCB. In shutdown mode,
the RSET input becomes high impedance.
GND is the ground reference for the device. The pin must be
connected to the ground plane on the PCB.
TAB (CAT4004A only) is the exposed pad underneath the
package. For best thermal performance, the tab should be
soldered to the PCB and connected to the ground plane.
Block Diagram
4 Current Sink
Regulators
Current
Setting DAC
Undervoltage
Lockout
Register
Serial
Interface
RSET
100 kW
EN/DIM
GND
VIN
Reference
Voltage
Figure 15. CAT4004A Functional Block Diagram
VIN


Similar Part No. - CAT4002A_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4002A ONSEMI-CAT4002A_10 Datasheet
183Kb / 11P
   Constant Current LED Driver with 32 Dimming Levels and Rset
July, 2010 ??Rev. 0
More results

Similar Description - CAT4002A_11

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7618 SIPEX-SP7618 Datasheet
408Kb / 10P
   Constant Current LED Driver
logo
Texas Instruments
TPS61042 TI-TPS61042 Datasheet
552Kb / 20P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
logo
Diodes Incorporated
AL5890 DIODES-AL5890 Datasheet
824Kb / 17P
   Constant Current LED Driver
logo
First Silicon Co., Ltd
FC2082G FS-FC2082G Datasheet
1Mb / 12P
   LED CONSTANT CURRENT DRIVER
logo
DIWELL Electronics Co.,...
SLE-24 DIWELL-SLE-24 Datasheet
418Kb / 9P
   Constant Current LED Driver
2012/07/19
CALE-48 DIWELL-CALE-48 Datasheet
444Kb / 7P
   Constant Current LED Driver
2016/09/23
logo
Texas Instruments
TPS61043 TI-TPS61043 Datasheet
516Kb / 21P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
logo
ON Semiconductor
CAT4004A ONSEMI-CAT4004A_11 Datasheet
165Kb / 11P
   Constant Current LED Driver
June, 2011 ??Rev. 2
logo
Protek Devices
PA5110 PROTEC-PA5110 Datasheet
178Kb / 7P
   Constant Current LED Driver.
logo
DIWELL Electronics Co.,...
CLE-12 DIWELL-CLE-12 Datasheet
1Mb / 8P
   Constant Current LED Driver
2016/09/12
logo
Rohm
BD1754HFN ROHM-BD1754HFN_15 Datasheet
1Mb / 21P
   Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com