Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA9889TS Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA9889TS
Description  DVB selective AGC amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9889TS Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA9889TS Datasheet HTML 5Page - NXP Semiconductors TDA9889TS Datasheet HTML 6Page - NXP Semiconductors TDA9889TS Datasheet HTML 7Page - NXP Semiconductors TDA9889TS Datasheet HTML 8Page - NXP Semiconductors TDA9889TS Datasheet HTML 9Page - NXP Semiconductors TDA9889TS Datasheet HTML 10Page - NXP Semiconductors TDA9889TS Datasheet HTML 11Page - NXP Semiconductors TDA9889TS Datasheet HTML 12Page - NXP Semiconductors TDA9889TS Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
2004 Nov 02
9
Philips Semiconductors
Product specification
DVB selective AGC amplifier
TDA9888TS; TDA9889TS
αN+1
suppression of IF input
frequencies below wanted
band at low IF output
input frequency between
21 and 31 MHz; referenced
to 36 MHz
30
35
dB
C/N
carrier-to-noise ratio at low IF
at
∆f = 4.9 MHz; note 4a;
see Fig.5
112
116
dBc/Hz
at
∆f = 4.9 MHz; note 4b;
see Fig.5
90
100
dBc/Hz
αd3
intermodulation at
fLIF1 = 4.1 MHz or
fLIF2 = 5.9 MHz
fIF1 =fosc + 4.7 MHz and
fIF2 =fosc + 5.3 MHz;
see Fig.6
35
−−
dB
αd2
in-band harmonics
low IF = multiple of 1.31 MHz
up to 7.86 MHz
fIF1 =fosc + 1.31 MHz
40
−−
dB
αH(spur)
in-band spurious elements
(1 to 9 MHz)
AC load: ZL(diff) > 1.7 kΩ
50
−−
dB
out-band spurious elements
(>9 MHz)
50
−−
dB
PSRR
power supply ripple rejection
[residual ripple FM, peak
deviation
∆f at 2 V (p-p) low IF
signal]
fripple = 70 Hz; see Fig.7
−−
5Hz
fripple = 1 kHz; see Fig.7
25
35
Hz
fripple = 10 kHz; see Fig.7
1400
2000
Hz
fripple = 100 kHz; see Fig.7
2700
4000
Hz
power supply ripple rejection
[residual ripple AM, modulation
factor m at 2 V (p-p) low IF
signal]
fripple = 70 Hz; see Fig.7
1.4
%
IF AGC control; pin AGC
Ii(sink)(max)
maximum input sink current
−−
2
µA
Vi(max)
maximum allowable input
voltage
−−
VP
V
Gv
gain control voltage range
0
3V
SAGC
negative control steepness
∆GIF/∆Vcon
Gv = 0.8 to 2.2 V
45
dB/V
Tuner AGC; pin TAGC, operating as current output; see Figs 3 and 4
Vi(IF)(min)(p-p) minimum controlled IF input
signal voltage between
pins IF1 and IF2
(peak-to-peak value)
RTOP =22kΩ;
ITAGC(sink) = 100 µA
81
84
dB
µV
Vi(IF)(max)(p-p) maximum controlled IF input
signal voltage between
pins IF1 and IF2
(peak-to-peak value)
RTOP =0 Ω;
ITAGC(sink) = 100 µA
102
106
dB
µV
Vi(IF)/∆T
variation of AGC controlled IF
input voltage with temperature
RTOP = 8.2 kΩ;
ITAGC(sink) = 100 µA
−−
0.07
dB/K
Isink
sink current (tuner AGC
discharge current)
VTAGC = 1 V
400
500
600
µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - TDA9889TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9880 PHILIPS-TDA9880 Datasheet
195Kb / 40P
   Alignment-free multistandard vision and FM sound IF-PLL demodulator
1999 Jul 21
TDA9880T PHILIPS-TDA9880T Datasheet
195Kb / 40P
   Alignment-free multistandard vision and FM sound IF-PLL demodulator
1999 Jul 21
TDA9881 NXP-TDA9881 Datasheet
226Kb / 42P
   Alignment-free vision and FM sound IF PLL demodulator for negative modulated TV standards
Rev. 01-16 November 2004
TDA9881HN NXP-TDA9881HN Datasheet
226Kb / 42P
   Alignment-free vision and FM sound IF PLL demodulator for negative modulated TV standards
Rev. 01-16 November 2004
TDA9881TS NXP-TDA9881TS Datasheet
226Kb / 42P
   Alignment-free vision and FM sound IF PLL demodulator for negative modulated TV standards
Rev. 01-16 November 2004
More results

Similar Description - TDA9889TS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN761666 TI1-SN761666_14 Datasheet
167Kb / 10P
[Old version datasheet]   AGC AMPLIFIER
logo
Spectrum Microwave, Inc...
TMG9553 SPECTRUM-TMG9553 Datasheet
41Kb / 1P
   AGC AMPLIFIER
logo
SIRENZA MICRODEVICES
S510069-28Z SIRENZA-S510069-28Z Datasheet
654Kb / 8P
   AGC Amplifier
logo
Texas Instruments
SN761666 TI-SN761666 Datasheet
156Kb / 9P
[Old version datasheet]   AGC AMPLIFIER
SN761643 TI1-SN761643 Datasheet
842Kb / 10P
[Old version datasheet]   AGC AMPLIFIER
logo
OKI electronic componet...
KGF2441 OKI-KGF2441 Datasheet
88Kb / 6P
   AGC Amplifier
logo
Texas Instruments
SN761643 TI1-SN761643_14 Datasheet
520Kb / 8P
[Old version datasheet]   AGC AMPLIFIER
SN761663 TI-SN761663 Datasheet
211Kb / 9P
[Old version datasheet]   AGC Amplifier
logo
ANADIGICS, Inc
ATA01501 ANADIGICS-ATA01501 Datasheet
417Kb / 12P
   AGC Transimpedance Amplifier
ATA06211 ANADIGICS-ATA06211 Datasheet
212Kb / 8P
   AGC Transimpedance Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com