Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC90A53F Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TC90A53F
Description  3-LINE DIGITAL Y / C SEPARATOR IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC90A53F Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TC90A53F Datasheet HTML 2Page - Toshiba Semiconductor TC90A53F Datasheet HTML 3Page - Toshiba Semiconductor TC90A53F Datasheet HTML 4Page - Toshiba Semiconductor TC90A53F Datasheet HTML 5Page - Toshiba Semiconductor TC90A53F Datasheet HTML 6Page - Toshiba Semiconductor TC90A53F Datasheet HTML 7Page - Toshiba Semiconductor TC90A53F Datasheet HTML 8Page - Toshiba Semiconductor TC90A53F Datasheet HTML 9Page - Toshiba Semiconductor TC90A53F Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
TC90A53N/F
2001-02-08 6/17
PIN
No.
PIN
NAME
FUNCTION
I / O
INTERFACE
19
CORING
Selects coring.
L : Coring ON (2LSB)
H : Coring OFF (0LSB)
I
20
VDD3
Digital power supply (
+5 V)
¾
¾
21
VSS3
Digital GND
¾
¾
22
BIAS3
DAC bias pin. Fixed internally to
3.5 V (typ.). Connect a 0.01
mF
capacitor between this pin and GND.
¾
23
COUT
Outputs C signal.
O
24
BIAS2
DAC bias pin. Fixed internally to
1.6 V (typ.). Connect a 0.01
mF
capacitor between this pin and GND.
¾
25
YOUT
Outputs Y signal.
O
26
VREF1
DAC bias pin. Sets lower limit of range D
for DAC. Supply power by dividing
power for DAC using a resistor.
Recommended value : 3.0 V
I
27
VDD4
DAC power supply (
+5 V)
¾
¾
28
VSS4
DAC GND
¾
¾


Similar Part No. - TC90A53F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC90A58F TOSHIBA-TC90A58F Datasheet
349Kb / 36P
   3-Channel AD Converter
More results

Similar Description - TC90A53F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC90A13N TOSHIBA-TC90A13N Datasheet
542Kb / 14P
   3 LINE DIGITAL Y/C SEPARATION IC
TC90A49P TOSHIBA-TC90A49P Datasheet
337Kb / 17P
   3LINE DIGITAL Y / C SEPARATOR IC (MULTICOLOR TYPE)
logo
Sanyo Semicon Device
LA76600M SANYO-LA76600M Datasheet
247Kb / 8P
   Monolithic Linear IC Video Signal Y/C Separator IC
logo
Toshiba Semiconductor
TC90A44P TOSHIBA-TC90A44P Datasheet
245Kb / 11P
   NTSC 2-LINE DIGITAL Y / C SEPARATION IC
TC90A44P TOSHIBA-TC90A44P Datasheet
410Kb / 11P
   NTSC 2-LINE DIGITAL Y/C SEPARATION IC
logo
Sony Corporation
CXA1213AS SONY-CXA1213AS Datasheet
699Kb / 26P
   Y/C/JUNGLE IC FOR PAL/NTSC
logo
Panasonic Semiconductor
MN82832 PANASONIC-MN82832 Datasheet
83Kb / 4P
   3-Dimension Y/C Separation LSI
logo
Mitsumi Electronics, Co...
MM1188 MITSUMI-MM1188 Datasheet
119Kb / 5P
   3-Input 1-Output Video Switch (with Y-C mix) Monolithic IC
logo
Rohm
BA7071F ROHM-BA7071F Datasheet
75Kb / 7P
   SYNC separator IC with AFC
BA7046 ROHM-BA7046 Datasheet
92Kb / 7P
   SYNC separator IC with AFC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com