Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA48033S Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TA48033S
Description  1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA48033S Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TA48033S Datasheet HTML 1Page - Toshiba Semiconductor TA48033S Datasheet HTML 2Page - Toshiba Semiconductor TA48033S Datasheet HTML 3Page - Toshiba Semiconductor TA48033S Datasheet HTML 4Page - Toshiba Semiconductor TA48033S Datasheet HTML 5Page - Toshiba Semiconductor TA48033S Datasheet HTML 6Page - Toshiba Semiconductor TA48033S Datasheet HTML 7Page - Toshiba Semiconductor TA48033S Datasheet HTML 8Page - Toshiba Semiconductor TA48033S Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TA48018,02,025,03,033,05F/S
2004-07-01
4
TA4802F/S
Electrical Characteristics
(Unless otherwise specified, CIN = 0.33 µF, COUT = 10 µF, Tj = 25°C)
Characteristics
Symbol
Test Conditions
Min
Typ.
Max
Unit
VIN = 4.0 V, IOUT = 0.5 A
1.94
2.0
2.06
Output voltage
VOUT
3.0 V <= VIN <= 12 V, 5 mA <= IOUT <= 1 A,
0°C <= Tj <= 125°C
1.91
2.0
2.09
V
Line regulation
Reg・line
3.0 V <= VIN <= 12 V, IOUT = 0.5 A
5
20
mV
Load regulation
Reg・load
VIN = 4.0 V, 5 mA <= IOUT <= 1 A
5
20
mV
3.0 V <= VIN <= 12 V, IOUT = 0 A
0.8
1.8
Quiescent current
IB
3.0 V <= VIN <= 12 V, IOUT = 1 A
10
20
mA
VIN = 2.1 V, IOUT = 0 A
0.7
5
Starting quiescent current
IBstart
VIN = 2.6 V, IOUT = 1 A
10
30
mA
Output noise voltage
VNO
VIN = 4.0 V, IOUT = 50 mA
10 Hz <= f <= 100 kHz
80
µVrms
Ripple rejection
R.R.
3.0 V <= VIN ≤ 12 V, IOUT = 50 mA
f = 120 Hz
52
68
dB
IOUT = 0.5 A
0.3
0.5
Dropout voltage
VD
IOUT = 1 A
0.6
V
Average temperature coefficient of
output voltage
TCVO
VIN = 4.0 V, IOUT = 5 mA,
0°C <= Tj <= 125°C
0.18
mV/°C
TA48025F/S
Electrical Characteristics
(Unless otherwise specified, CIN = 0.33 µF, COUT = 10 µF, Tj = 25°C)
Characteristics
Symbol
Test Conditions
Min
Typ.
Max
Unit
VIN = 4.5 V, IOUT = 0.5 A
2.425
2.5
2.575
Output voltage
VOUT
3.5 V <= VIN <= 12 V, 5 mA <= IOUT <= 1 A,
0°C <= Tj <= 125°C
2.388
2.5
2.612
V
Line regulation
Reg・line
3.5 V <= VIN <= 12 V, IOUT = 0.5 A
5
20
mV
Load regulation
Reg・load
VIN = 4.5 V, 5 mA <= IOUT <= 1 A
5
20
mV
3.5 V <= VIN <= 12 V, IOUT = 0 A
0.8
1.8
Quiescent current
IB
3.5 V <= VIN <= 12 V, IOUT = 1 A
10
20
mA
VIN = 2.1 V, IOUT = 0 A
0.9
5
Starting quiescent current
IBstart
VIN = 2.65 V, IOUT = 1 A
12
30
mA
Output noise voltage
VNO
VIN = 4.5 V, IOUT = 50 mA
10 Hz <= f <= 100 kHz
95
µVrms
Ripple rejection
R.R.
3.5 V <= VIN ≤ 12 V, IOUT = 50 mA
f = 120 Hz
52
68
dB
IOUT = 0.5 A
0.3
0.5
Dropout voltage
VD
IOUT = 1 A
0.4
V
Average temperature coefficient of
output voltage
TCVO
VIN = 4.5 V, IOUT = 5 mA,
0°C <= Tj <= 125°C
0.24
mV/°C


Similar Part No. - TA48033S

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA48033S TOSHIBA-TA48033S Datasheet
298Kb / 12P
   1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
More results

Similar Description - TA48033S

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA48018F TOSHIBA-TA48018F_06 Datasheet
298Kb / 12P
   1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
TA48L018F TOSHIBA-TA48L018F Datasheet
188Kb / 10P
   1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 0.15 A
logo
Allegro MicroSystems
SI-3006KWM ALLEGRO-SI-3006KWM Datasheet
369Kb / 9P
   1 A, Low-Dropout, Dual Output, 1.8 V & 3.3 V Regulator
logo
Sanken electric
SI-3003KWM SANKEN-SI-3003KWM Datasheet
369Kb / 9P
   1 A, Low-Dropout, Dual Output, 1.8 V & 2.5 V Regulator
logo
Allegro MicroSystems
SI-3002KWF ALLEGRO-SI-3002KWF Datasheet
261Kb / 6P
   1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
SI-3002KWD ALLEGRO-SI-3002KWD Datasheet
440Kb / 9P
   1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
SI-3002KWM ALLEGRO-SI-3002KWM Datasheet
368Kb / 9P
   1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
logo
Toshiba Semiconductor
TA48015F TOSHIBA-TA48015F Datasheet
242Kb / 9P
   1.5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
logo
Allegro MicroSystems
SI-3018KM ALLEGRO-SI-3018KM Datasheet
371Kb / 9P
   1 A, Low-Dropout, 1.8 V Regulator
SI-3033KM ALLEGRO-SI-3033KM Datasheet
330Kb / 9P
   1 A, Low-Dropout, 3.3 V Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com