Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC55VCM208ASTN40 Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TC55VCM208ASTN40
Description  524,288-WORD BY 8-BIT FULL CMOS STATIC RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC55VCM208ASTN40 Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TC55VCM208ASTN40 Datasheet HTML 2Page - Toshiba Semiconductor TC55VCM208ASTN40 Datasheet HTML 3Page - Toshiba Semiconductor TC55VCM208ASTN40 Datasheet HTML 4Page - Toshiba Semiconductor TC55VCM208ASTN40 Datasheet HTML 5Page - Toshiba Semiconductor TC55VCM208ASTN40 Datasheet HTML 6Page - Toshiba Semiconductor TC55VCM208ASTN40 Datasheet HTML 7Page - Toshiba Semiconductor TC55VCM208ASTN40 Datasheet HTML 8Page - Toshiba Semiconductor TC55VCM208ASTN40 Datasheet HTML 9Page - Toshiba Semiconductor TC55VCM208ASTN40 Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TC55VCM208ASTN40,55
2003-08-11
6/12
AC TEST CONDITIONS
PARAMETER
TEST CONDITION
Input pulse level
0.2 V, VDD × 0.7 V + 0.2 V
tR, tF
1V / ns(Fig.1)
Timing measurements
VDD × 0.5
Reference level
VDD × 0.5
Output load
30 pF
+ 1 TTL Gate(Fig.2)
Fig.1 : Input rise and fall time
Fig.2 : Output load
Dout
30 pF
R2
VTM
R1
R1
= 810 Ω
R2
= 1610 Ω
VTM = 2.3 V
GND
90%
1 V/ns
tR
10%
90%
10%
tF
VDD Typ
1 V/ns


Similar Part No. - TC55VCM208ASTN40

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55VCM216ASTN40 TOSHIBA-TC55VCM216ASTN40 Datasheet
201Kb / 14P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VCM216ASTN55 TOSHIBA-TC55VCM216ASTN55 Datasheet
201Kb / 14P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results

Similar Description - TC55VCM208ASTN40

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55V040AFT-55 TOSHIBA-TC55V040AFT-55 Datasheet
105Kb / 11P
   524,288-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55W800FT-55 TOSHIBA-TC55W800FT-55 Datasheet
188Kb / 13P
   524,288-WORD BY 16-BIT/1,048,576-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55W800XB7 TOSHIBA-TC55W800XB7 Datasheet
200Kb / 12P
   524,288-WORD BY 16-BIT FULL CMOS STATIC RAM
TC55V4000ST-70 TOSHIBA-TC55V4000ST-70 Datasheet
169Kb / 10P
   524,288-WORD BY 8-BIT STATIC RAM
TC55NEM208AFPV TOSHIBA-TC55NEM208AFPV Datasheet
120Kb / 11P
   524,288-WORD BY 8-BIT STATIC RAM
TC55W1600FT TOSHIBA-TC55W1600FT Datasheet
202Kb / 13P
   1,048,576-WORD BY 16-BIT/2,097,152-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55VBM416AFTN55 TOSHIBA-TC55VBM416AFTN55 Datasheet
204Kb / 14P
   1,048,576-WORD BY 16-BIT/2,097,152-WORD BY 8-BIT FULL CMOS STATIC RAM
TC518512PL-70LV TOSHIBA-TC518512PL-70LV Datasheet
561Kb / 11P
   524,288 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518512PI TOSHIBA-TC518512PI Datasheet
213Kb / 8P
   524,288 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC51V8512AF TOSHIBA-TC51V8512AF Datasheet
444Kb / 9P
   524,288 WORD x 8 BIT CMOS PSEUDO STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com