Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC55V040AFT-70 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC55V040AFT-70
Description  524,288-WORD BY 8-BIT FULL CMOS STATIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC55V040AFT-70 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC55V040AFT-70 Datasheet HTML 1Page - Toshiba Semiconductor TC55V040AFT-70 Datasheet HTML 2Page - Toshiba Semiconductor TC55V040AFT-70 Datasheet HTML 3Page - Toshiba Semiconductor TC55V040AFT-70 Datasheet HTML 4Page - Toshiba Semiconductor TC55V040AFT-70 Datasheet HTML 5Page - Toshiba Semiconductor TC55V040AFT-70 Datasheet HTML 6Page - Toshiba Semiconductor TC55V040AFT-70 Datasheet HTML 7Page - Toshiba Semiconductor TC55V040AFT-70 Datasheet HTML 8Page - Toshiba Semiconductor TC55V040AFT-70 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TC55V040AFT-55,-70
2003-08-06
5/11
AC CHARACTERISTICS AND OPERATING CONDITIONS
(Ta
= −40° to 85°C, VDD = 2.3 to 3.6 V)
READ CYCLE
TC55V040AFT
-55
-70
SYMBOL
PARAMETER
MIN
MAX
MIN
MAX
UNIT
tRC
Read Cycle Time
70
85
tACC
Address Access Time
70
85
tCO1
Chip Enable(
1
CE ) Access Time
70
85
tCO2
Chip Enable(CE2) Access Time
70
85
tOE
Output Enable Access Time
35
45
tCOE
Chip Enable Low to Output Active
5
5
tOEE
Output Enable Low to Output Active
0
0
tOD
Chip Enable High to Output High-Z
30
35
tODO
Output Enable High to Output High-Z
30
35
tOH
Output Data Hold Time
10
10
ns
WRITE CYCLE
TC55V040AFT
-55
-70
SYMBOL
PARAMETER
MIN
MAX
MIN
MAX
UNIT
tWC
Write Cycle Time
70
85
tWP
Write Pulse Width
50
55
tCW
Chip Enable to End of Write
60
70
tAS
Address Setup Time
0
0
tWR
Write Recovery Time
0
0
tODW
R/W Low to Output High-Z
30
35
tOEW
R/W High to Output Active
0
0
tDS
Data Setup Time
30
35
tDH
Data Hold Time
0
0
ns
AC TEST CONDITIONS
PARAMETER
TEST CONDITION
Output load
30 pF
+ 1 TTL Gate
Input pulse level
VDD 0.2 V, 0.2 V
Timing measurements
VDD × 0.5
Reference level
VDD × 0.5
tR, tF
5 ns


Similar Part No. - TC55V040AFT-70

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55V1001AF TOSHIBA-TC55V1001AF Datasheet
562Kb / 13P
   131,072-WORD BY 8-BIT CMOS STATIC RAM
TC55V1001AF-10 TOSHIBA-TC55V1001AF-10 Datasheet
562Kb / 13P
   131,072-WORD BY 8-BIT CMOS STATIC RAM
TC55V1001AF-10L TOSHIBA-TC55V1001AF-10L Datasheet
562Kb / 13P
   131,072-WORD BY 8-BIT CMOS STATIC RAM
TC55V1001AF-85 TOSHIBA-TC55V1001AF-85 Datasheet
562Kb / 13P
   131,072-WORD BY 8-BIT CMOS STATIC RAM
TC55V1001AF-85L TOSHIBA-TC55V1001AF-85L Datasheet
562Kb / 13P
   131,072-WORD BY 8-BIT CMOS STATIC RAM
More results

Similar Description - TC55V040AFT-70

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55VCM208ASTN40 TOSHIBA-TC55VCM208ASTN40 Datasheet
111Kb / 12P
   524,288-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55W800FT-55 TOSHIBA-TC55W800FT-55 Datasheet
188Kb / 13P
   524,288-WORD BY 16-BIT/1,048,576-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55W800XB7 TOSHIBA-TC55W800XB7 Datasheet
200Kb / 12P
   524,288-WORD BY 16-BIT FULL CMOS STATIC RAM
TC55V4000ST-70 TOSHIBA-TC55V4000ST-70 Datasheet
169Kb / 10P
   524,288-WORD BY 8-BIT STATIC RAM
TC55NEM208AFPV TOSHIBA-TC55NEM208AFPV Datasheet
120Kb / 11P
   524,288-WORD BY 8-BIT STATIC RAM
TC55W1600FT TOSHIBA-TC55W1600FT Datasheet
202Kb / 13P
   1,048,576-WORD BY 16-BIT/2,097,152-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55VBM416AFTN55 TOSHIBA-TC55VBM416AFTN55 Datasheet
204Kb / 14P
   1,048,576-WORD BY 16-BIT/2,097,152-WORD BY 8-BIT FULL CMOS STATIC RAM
TC518512PL-70LV TOSHIBA-TC518512PL-70LV Datasheet
561Kb / 11P
   524,288 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518512PI TOSHIBA-TC518512PI Datasheet
213Kb / 8P
   524,288 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC51V8512AF TOSHIBA-TC51V8512AF Datasheet
444Kb / 9P
   524,288 WORD x 8 BIT CMOS PSEUDO STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com