Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TC55V040AFT-55 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part No. TC55V040AFT-55
Description  524,288-WORD BY 8-BIT FULL CMOS STATIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC55V040AFT-55 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC55V040AFT-55 Datasheet HTML 1Page - Toshiba Semiconductor TC55V040AFT-55 Datasheet HTML 2Page - Toshiba Semiconductor TC55V040AFT-55 Datasheet HTML 3Page - Toshiba Semiconductor TC55V040AFT-55 Datasheet HTML 4Page - Toshiba Semiconductor TC55V040AFT-55 Datasheet HTML 5Page - Toshiba Semiconductor TC55V040AFT-55 Datasheet HTML 6Page - Toshiba Semiconductor TC55V040AFT-55 Datasheet HTML 7Page - Toshiba Semiconductor TC55V040AFT-55 Datasheet HTML 8Page - Toshiba Semiconductor TC55V040AFT-55 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TC55V040AFT-55,-70
2003-08-06
4/11
AC CHARACTERISTICS AND OPERATING CONDITIONS
(Ta
= −40° to 85°C, VDD = 2.7 to 3.6 V)
READ CYCLE
TC55V040AFT
-55
-70
SYMBOL
PARAMETER
MIN
MAX
MIN
MAX
UNIT
tRC
Read Cycle Time
55
70
tACC
Address Access Time
55
70
tCO1
Chip Enable(
1
CE ) Access Time
55
70
tCO2
Chip Enable(CE2) Access Time
55
70
tOE
Output Enable Access Time
30
35
tCOE
Chip Enable Low to Output Active
5
5
tOEE
Output Enable Low to Output Active
0
0
tOD
Chip Enable High to Output High-Z
25
30
tODO
Output Enable High to Output High-Z
25
30
tOH
Output Data Hold Time
10
10
ns
WRITE CYCLE
TC55V040AFT
-55
-70
SYMBOL
PARAMETER
MIN
MAX
MIN
MAX
UNIT
tWC
Write Cycle Time
55
70
tWP
Write Pulse Width
45
50
tCW
Chip Enable to End of Write
50
60
tAS
Address Setup Time
0
0
tWR
Write Recovery Time
0
0
tODW
R/W Low to Output High-Z
25
30
tOEW
R/W High to Output Active
0
0
tDS
Data Setup Time
25
30
tDH
Data Hold Time
0
0
ns
AC TEST CONDITIONS
PARAMETER
TEST CONDITION
Output load
30 pF
+ 1 TTL Gate
Input pulse level
0.4 V, 2.4 V
Timing measurements
VDD × 0.5
Reference level
VDD × 0.5
tR, tF
5 ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn