Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5121DKDR Datasheet(PDF) 6 Page - Texas Instruments

Part # TAS5121DKDR
Description  DIGITAL AMPLIFIER POWER STAGE
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5121DKDR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TAS5121DKDR Datasheet HTML 2Page - Texas Instruments TAS5121DKDR Datasheet HTML 3Page - Texas Instruments TAS5121DKDR Datasheet HTML 4Page - Texas Instruments TAS5121DKDR Datasheet HTML 5Page - Texas Instruments TAS5121DKDR Datasheet HTML 6Page - Texas Instruments TAS5121DKDR Datasheet HTML 7Page - Texas Instruments TAS5121DKDR Datasheet HTML 8Page - Texas Instruments TAS5121DKDR Datasheet HTML 9Page - Texas Instruments TAS5121DKDR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
TAS5121
SLES086A − NOVEMBER 2003 − REVISED MARCH 2004
www.ti.com
6
ELECTRICAL CHARACTERISTICS
PVDD_X = 30.5 V, GVDD_x = 12 V, DVDD connected to DREG via a 100-
Ω resistor, RL = 4 Ω, 8X fs = 384 kHz, TAS5026 PWM processor,
unless otherwise noted
TYPICAL
OVER TEMPERATURE
SYMBOL
PARAMETER
TEST CONDITIONS
TA=25°C
TA=25°C TC=75°C
UNITS
MIN/TYP/
MAX
INTERNAL VOLTAGE REGULATOR AND CURRENT CONSUMPTION
DREG
Voltage regulator
Io = 1 mA
3.3
V
Min
DREG
Voltage regulator
Io = 1 mA
3.3
V
Max
IGVDD_x
Total GVDD supply current, operating
fS = 384 kHz, no load,
50% duty cycle
24
30
mA
Max
IDVDD
DVDD supply current, operating
fS = 384 kHz, no load
1
5
mA
Max
OUTPUT STAGE MOSFETs
RDSon,LS Forward on-resistance, low side
TJ = 25°C
120
132
m
Max
RDSon,HS Forward on-resistance, high side
TJ = 25°C
120
132
m
Max
INPUT/OUTPUT PROTECTION
Vuvp,G
Undervoltage protection limit, GVDD
7.6
7
V
Min
Vuvp,G
Undervoltage protection limit, GVDD
7.6
8.2
V
Max
OTW
Overtemperature warning
Static
115
°C
Typ
OTE
Overtemperature error
Static
150
°C
Typ
OC
Overcurrent protection
See Note 1.
9.5
A
Min
STATIC DIGITAL INPUT SPECIFICATION, PWM, PROTECTION MODE SELECTION PINS AND OUTPUT MODE SELECTION PINS
VIH
High-level input voltage
2
V
Min
VIH
High-level input voltage
DVDD
V
Max
VIL
Low-level input voltage
0.8
V
Max
Leakage
Input leakage current
−10
µA
Min
Leakage
Input leakage current
10
µA
Max
OTW/SHUTDOWN (SD)
Internal pullup resistor from OTW and
SD to DVDD
32
22
k
Min
VOL
Low-level output voltage
IO = 1 mA
0.4
V
Max
(1) To optimize device performance and prevent overcurrent (OC) protection activation, the demodulation filter must be designed with special care.
See Demodulation Filter Design in the Application Information section of the data sheet and consider the recommended inductors and capacitors
for optimal performance. It is also important to consider PCB design and layout for optimum performance of the TAS5121.


Similar Part No. - TAS5121DKDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5121DKDR TI-TAS5121DKDR Datasheet
379Kb / 18P
[Old version datasheet]   DIGITAL AMPLIIFIER POWER STAGE
TAS5121DKDRE4 TI-TAS5121DKDRE4 Datasheet
379Kb / 18P
[Old version datasheet]   DIGITAL AMPLIIFIER POWER STAGE
More results

Similar Description - TAS5121DKDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5111A TI-TAS5111A_15 Datasheet
428Kb / 19P
[Old version datasheet]   DIGITAL AMPLIFIER POWER STAGE
TAS5112A TI-TAS5112A_15 Datasheet
866Kb / 30P
[Old version datasheet]   DIGITAL AMPLIFIER POWER STAGE
TAS5112 TI1-TAS5112_16 Datasheet
271Kb / 20P
[Old version datasheet]   DIGITAL AMPLIFIER POWER STAGE
TAS5111 TI-TAS5111 Datasheet
202Kb / 16P
[Old version datasheet]   DIGITAL AMPLIFIER POWER STAGE
TAS5121I TI-TAS5121I_15 Datasheet
478Kb / 23P
[Old version datasheet]   DIGITAL AMPLIFIER POWER STAGE
TAS5112 TI-TAS5112 Datasheet
276Kb / 19P
[Old version datasheet]   DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132 Datasheet
388Kb / 23P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132_0702 TI-TAS5132_0702 Datasheet
512Kb / 31P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142 Datasheet
583Kb / 26P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152 TI-TAS5152_15 Datasheet
558Kb / 30P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com