Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV887721D1R2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCV887721D1R2G
Description  Automotive Grade Start-Stop Non-Synchronous Boost Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV887721D1R2G Datasheet(HTML) 2 Page - ON Semiconductor

  NCV887721D1R2G Datasheet HTML 1Page - ON Semiconductor NCV887721D1R2G Datasheet HTML 2Page - ON Semiconductor NCV887721D1R2G Datasheet HTML 3Page - ON Semiconductor NCV887721D1R2G Datasheet HTML 4Page - ON Semiconductor NCV887721D1R2G Datasheet HTML 5Page - ON Semiconductor NCV887721D1R2G Datasheet HTML 6Page - ON Semiconductor NCV887721D1R2G Datasheet HTML 7Page - ON Semiconductor NCV887721D1R2G Datasheet HTML 8Page - ON Semiconductor NCV887721D1R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
NCV8877
www.onsemi.com
2
Figure 1. Typical Application
BATTERY
IN
DISABLE
CC
RC
ROSC
CDRV
Q
DB
LP
VDRV
GND
ISNS
ROSC
VOUT
DISB
GDRV
VC
RSNS
Co
Cg
VOUT
Figure 2. Functional Waveforms
Wake Up Threshold
Wakeup
DISB
(Internal signal)
Battery In
VOUT
Regulation
Sleep Threshold
GDRV
Wake Up Delay
COMP
GDRV Switching Delay
Internal Clamp
Voltage
PACKAGE PIN DESCRIPTIONS
Pin No.
Pin
Symbol
Function
1
DISB
Disable input. This part is disabled when this pin is brought low.
2
ISNS
Current sense input. Connect this pin to the source of the external N−MOSFET, through a current−sense res-
istor to ground to sense the switching current for regulation and current limiting.
3
GND
Ground reference.
4
GDRV
Gate driver output. Connect to gate of the external N−MOSFET. A series resistance can be added from GDRV
to the gate to tailor EMC performance.
5
VDRV
Driving voltage. Internally−regulated supply for driving the external N−MOSFET, sourced from VOUT. Bypass
with a 1.0
mF ceramic capacitor to ground.
6
VOUT
Monitors output voltage and provides IC input voltage.
7
VC
Output of the voltage error transconductance amplifier. An external compensator network from VC to GND is
used to stabilize the converter.
8
ROSC
Use a resistor to ground to set the frequency.


Similar Part No. - NCV887721D1R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV887721D1R2G ONSEMI-NCV887721D1R2G Datasheet
131Kb / 17P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
April, 2017 ??Rev. 9
More results

Similar Description - NCV887721D1R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8876 ONSEMI-NCV8876 Datasheet
148Kb / 11P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
June, 2013 ??Rev. 1
NCV8877 ONSEMI-NCV8877_17 Datasheet
131Kb / 17P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
April, 2017 ??Rev. 9
NCV8877 ONSEMI-NCV8877 Datasheet
128Kb / 15P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
October, 2015 ??Rev. 5
NCV8878 ONSEMI-NCV8878_16 Datasheet
208Kb / 15P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
August, 2016 ??Rev. 2
NCV8876 ONSEMI-NCV8876_16 Datasheet
212Kb / 15P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
August, 2016 ??Rev. 12
NCV8878 ONSEMI-NCV8878 Datasheet
126Kb / 15P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
October, 2015 ??Rev. 1
NCV8877 ONSEMI-NCV8877_V01 Datasheet
257Kb / 17P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
November, 2021 ??Rev. 11
NCV8870 ONSEMI-NCV8870_16 Datasheet
239Kb / 15P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 10
NCV887200 ONSEMI-NCV887200 Datasheet
145Kb / 16P
   Automotive Grade Non-Synchronous Boost Controller
June, 2015 ??Rev. 7
NCV8871 ONSEMI-NCV8871_16 Datasheet
242Kb / 17P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com