Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8878 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCV8878
Description  Automotive Grade Start-Stop Non-Synchronous Boost Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8878 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCV8878_16 Datasheet HTML 5Page - ON Semiconductor NCV8878_16 Datasheet HTML 6Page - ON Semiconductor NCV8878_16 Datasheet HTML 7Page - ON Semiconductor NCV8878_16 Datasheet HTML 8Page - ON Semiconductor NCV8878_16 Datasheet HTML 9Page - ON Semiconductor NCV8878_16 Datasheet HTML 10Page - ON Semiconductor NCV8878_16 Datasheet HTML 11Page - ON Semiconductor NCV8878_16 Datasheet HTML 12Page - ON Semiconductor NCV8878_16 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
NCV8878
www.onsemi.com
9
leading edge blanking time, the peak current limit causes the
power switch to turn off for the remainder of the cycle. Set
the current limit with a resistor from ISNS to GND, with R
= VCL / Ilimit.
If the voltage across the current sense resistor exceeds the
over current threshold voltage the device enters over current
hiccup mode. The device will remain off for the hiccup time
and then go through the soft−start procedure.
UVLO
Input Undervoltage Lockout (UVLO) is provided to
ensure that unexpected behavior does not occur when VIN
is too low to support the internal rails and power the
controller. The IC will start up when enabled and VIN
surpasses the UVLO threshold plus the UVLO hysteresis
and will shut down when VIN drops below the UVLO
threshold or the part is disabled.
VDRV
An internal regulator provides the drive voltage for the
gate driver. Bypass with a ceramic capacitor to ground to
ensure fast turn on times. The capacitor should be between
0.1
mF and 1 mF, depending on switching speed and charge
requirements of the external MOSFET.
VDRV uses an internal linear regulator to charge the
VDRV bypass capacitor. VOUT must be decoupled at the IC
by a capacitor that is equal or larger in value than the VDRV
decoupling capacitor.
APPLICATION INFORMATION
Design Methodology
This section details an overview of the component selection
process for the NCV8878 in continuous conduction mode
boost. It is intended to assist with the design process but does
not remove all engineering design work. Many of the
equations make heavy use of the small ripple approximation.
This process entails the following steps:
1. Define Operational Parameters
2. Select Current Sense Resistor
3. Select Output Inductor
4. Select Output Capacitors
5. Select Input Capacitors
6. Select Compensator Components
7. Select MOSFET(s)
8. Select Diode
9. Design Notes
10. Determine Feedback Loop Compensation Network
1. Define Operational Parameters
Before beginning the design, define the operating
parameters of the application. These include:
VIN(min): minimum input voltage [V]
VIN(max): maximum input voltage [V]
VOUT: output voltage [V]
IOUT(max): maximum output current [A]
ICL: desired typical cycle-by-cycle current limit [A]
From this the ideal minimum and maximum duty cycles
can be calculated as follows:
Dmin + 1 *
VIN(max)
VOUT
Dmax + 1 *
VIN(min)
VOUT
Both duty cycles will actually be higher due to power loss
in the conversion. The exact duty cycles will depend on
conduction and switching losses. If the maximum input
voltage is higher than the output voltage, the minimum duty
cycle will be negative. This is because a boost converter
cannot have an output lower than the input. In situations
where the input is higher than the output, the output will
follow the input, minus the diode drop of the output diode
and the converter will not attempt to switch.
If the calculated Dmax is higher the Dmax of the NCV8878,
the conversion will not be possible. It is important for a boost
converter to have a restricted Dmax, because while the ideal
conversion ration of a boost converter goes up to infinity as
D approaches 1, a real converter’s conversion ratio starts to
decrease as losses overtake the increased power transfer. If
the converter is in this range it will not be able to regulate
properly.
If the following equation is not satisfied, the device will
skip pulses at high VIN:
Dmin
fs w
ton(min)
Where: fs: switching frequency [Hz]
ton(min): minimum on time [s]
2. Select Current Sense Resistor
Current sensing for peak current mode control and current
limit relies on the MOSFET current signal, which is
measured with a ground referenced amplifier. The easiest
method of generating this signal is to use a current sense
resistor from the source of the MOSFET to device ground.
The sense resistor should be selected as follows:
RS +
VCL
ICL
Where: RS: sense resistor [W]
VCL: current limit threshold voltage [V]
ICL: desire current limit [A]
3. Select Output Inductor
The output inductor controls the current ripple that occurs
over a switching period. A high current ripple will result in
excessive power loss and ripple current requirements. A low
current ripple will result in a poor control signal and a slow
current slew rate in case of load steps. A good starting point
for peak to peak ripple is around 20−40% of the inductor
current at the maximum load at the worst case VIN, but
operation should be verified empirically. The worst case VIN
is half of VOUT, or whatever VIN is closest to half of VOUT.
After choosing a peak current ripple value, calculate the
inductor value as follows:


Similar Part No. - NCV8878_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV887801D1R2G ONSEMI-NCV887801D1R2G Datasheet
126Kb / 15P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
October, 2015 ??Rev. 1
More results

Similar Description - NCV8878_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8876 ONSEMI-NCV8876 Datasheet
148Kb / 11P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
June, 2013 ??Rev. 1
NCV8877 ONSEMI-NCV8877_17 Datasheet
131Kb / 17P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
April, 2017 ??Rev. 9
NCV8877 ONSEMI-NCV8877 Datasheet
128Kb / 15P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
October, 2015 ??Rev. 5
NCV8876 ONSEMI-NCV8876_16 Datasheet
212Kb / 15P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
August, 2016 ??Rev. 12
NCV8878 ONSEMI-NCV8878 Datasheet
126Kb / 15P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
October, 2015 ??Rev. 1
NCV8877 ONSEMI-NCV8877_16 Datasheet
131Kb / 17P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
September, 2016 ??Rev. 7
NCV8877 ONSEMI-NCV8877_V01 Datasheet
257Kb / 17P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
November, 2021 ??Rev. 11
NCV8870 ONSEMI-NCV8870_16 Datasheet
239Kb / 15P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 10
NCV887200 ONSEMI-NCV887200 Datasheet
145Kb / 16P
   Automotive Grade Non-Synchronous Boost Controller
June, 2015 ??Rev. 7
NCV8871 ONSEMI-NCV8871_16 Datasheet
242Kb / 17P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com