Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV887720D1R2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCV887720D1R2G
Description  Automotive Grade Start-Stop Non-Synchronous Boost Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV887720D1R2G Datasheet(HTML) 3 Page - ON Semiconductor

  NCV887720D1R2G Datasheet HTML 1Page - ON Semiconductor NCV887720D1R2G Datasheet HTML 2Page - ON Semiconductor NCV887720D1R2G Datasheet HTML 3Page - ON Semiconductor NCV887720D1R2G Datasheet HTML 4Page - ON Semiconductor NCV887720D1R2G Datasheet HTML 5Page - ON Semiconductor NCV887720D1R2G Datasheet HTML 6Page - ON Semiconductor NCV887720D1R2G Datasheet HTML 7Page - ON Semiconductor NCV887720D1R2G Datasheet HTML 8Page - ON Semiconductor NCV887720D1R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
NCV8877
www.onsemi.com
3
ABSOLUTE MAXIMUM RATINGS (Voltages are with respect to GND, unless otherwise indicated)
Rating
Value
Unit
Dc Supply Voltage (VOUT)
−0.3 to 40
V
Peak Transient Voltage (Load Dump on VOUT)
45
V
Dc Supply Voltage (VDRV, GDRV)
12
V
Dc Voltage (VC, ISNS, ROSC)
−0.3 to 3.6
V
Dc Voltage (DISB)
−0.3 to 6
V
Dc Voltage Stress (VOUT − VDRV)
−0.7 to 40
V
Operating Junction Temperature
−40 to 150
°C
Storage Temperature Range
−65 to 150
°C
Peak Reflow Soldering Temperature: Pb−Free, 60 to 150 seconds at 217
°C
265 peak
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
PACKAGE CAPABILITIES
Characteristic
Value
Unit
ESD Capability (All Pins)
Human Body Model
Machine Model
≥2.0
≥200
kV
V
Moisture Sensitivity Level
1
Package Thermal Resistance
Junction−to−Ambient, RqJA (Note 1)
100
°C/W
1. 1 in2, 1 oz copper area used for heatsinking.
TYPICAL VALUES
Part No.
Dmax
fS
Sa
Vcl
Isrc
Isink
VOUT
SCE
NCV887700
83%
170 kHz
34 mV/
ms
400 mV
800 mA
600 mA
6.8 V
N
NCV887701
83%
170 kHz
53 mV/
ms
200 mV
800 mA
600 mA
6.8 V
N
NCV887711
83%
170 kHz
34 mV/
ms
200 mV
800 mA
600 mA
8.55 V
N
NCV887720
83%
170 kHz
53 mV/
ms
200 mV
800 mA
600 mA
10 V
N
NCV887721
83%
170 kHz
53 mV/
ms
200 mV
800 mA
600 mA
10.28 V
N
NCV887740
83%
170 kHz
53 mV/
ms
200 mV
800 mA
600 mA
12 V
N


Similar Part No. - NCV887720D1R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV887720D1R2G ONSEMI-NCV887720D1R2G Datasheet
128Kb / 15P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
October, 2015 ??Rev. 5
NCV887720D1R2G ONSEMI-NCV887720D1R2G Datasheet
131Kb / 17P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
April, 2017 ??Rev. 9
NCV887720D1R2G ONSEMI-NCV887720D1R2G Datasheet
257Kb / 17P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
November, 2021 ??Rev. 11
More results

Similar Description - NCV887720D1R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8876 ONSEMI-NCV8876 Datasheet
148Kb / 11P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
June, 2013 ??Rev. 1
NCV8877 ONSEMI-NCV8877_17 Datasheet
131Kb / 17P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
April, 2017 ??Rev. 9
NCV8877 ONSEMI-NCV8877 Datasheet
128Kb / 15P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
October, 2015 ??Rev. 5
NCV8878 ONSEMI-NCV8878_16 Datasheet
208Kb / 15P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
August, 2016 ??Rev. 2
NCV8876 ONSEMI-NCV8876_16 Datasheet
212Kb / 15P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
August, 2016 ??Rev. 12
NCV8878 ONSEMI-NCV8878 Datasheet
126Kb / 15P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
October, 2015 ??Rev. 1
NCV8877 ONSEMI-NCV8877_V01 Datasheet
257Kb / 17P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
November, 2021 ??Rev. 11
NCV8870 ONSEMI-NCV8870_16 Datasheet
239Kb / 15P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 10
NCV887200 ONSEMI-NCV887200 Datasheet
145Kb / 16P
   Automotive Grade Non-Synchronous Boost Controller
June, 2015 ??Rev. 7
NCV8871 ONSEMI-NCV8871_16 Datasheet
242Kb / 17P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com