Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV887601D1R2G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCV887601D1R2G
Description  Automotive Grade Start-Stop Non-Synchronous Boost Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV887601D1R2G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCV887601D1R2G Datasheet HTML 7Page - ON Semiconductor NCV887601D1R2G Datasheet HTML 8Page - ON Semiconductor NCV887601D1R2G Datasheet HTML 9Page - ON Semiconductor NCV887601D1R2G Datasheet HTML 10Page - ON Semiconductor NCV887601D1R2G Datasheet HTML 11Page - ON Semiconductor NCV887601D1R2G Datasheet HTML 12Page - ON Semiconductor NCV887601D1R2G Datasheet HTML 13Page - ON Semiconductor NCV887601D1R2G Datasheet HTML 14Page - ON Semiconductor NCV887601D1R2G Datasheet HTML 15Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
NCV8876
www.onsemi.com
11
The maximum power dissipation in the diode can be
calculated as follows:
PD + Vf(max) IOUT(max)
Where: Pd: Power dissipation in the diode [W]
Vf(max): Maximum forward voltage of the diode [V]
The 4 amp, 40 V NRVB440MFS SO−8FL package
Schottky diode is a recommended device.
10. Design Notes
VOUT serves a dual purpose (feedback and IC power).
The VDRV circuit has a current pulse power draw
resulting in current flow from the output sense location
to the IC. Trace ESL will cause voltage ripple to
develop at IC pin VOUT which could affect
performance.
Use a 1
mF IC VOUT pin decoupling capacitor close
to IC in addition to the VDRV decoupling capacitor.
Classic feedback loop measurements are not possible
(VOUT pin serves a dual purpose as a feedback path
and IC power). Feedback loop computer modeling
recommended.
A step load test for stability verification is
recommended.
Compensation ground must be dedicated and connected
directly to IC ground.
Do not use vias. Use a dedicated ground trace.
ROSC programming resistor ground must be dedicated
and connected directly to IC ground
Do not use vias. Use a dedicated ground trace.
IC ground & current sense resistor ground sense point
must be located on the same side of PCB.
Vias introduce sufficient ESR/ESL voltage drop
which can degrade the accuracy of the current
feedback signal amplitude (signal bounce) and
should be avoided.
Star ground should be located at IC ground pad.
This is the location for connecting the compensation
and current sense grounds.
The IC architecture has a leading edge ISNS blanking
circuit. In some instances, current pulse leading edge
current spike RC filter may be required.
If required, 120 pF + 750
W are a recommended
evaluation starting point.
11. Determine Feedback Loop Compensation Network
The purpose of a compensation network is to stabilize the
dynamic response of the converter. By optimizing the
compensation network, stable regulation response is
achieved for input line and load transients.
Compensator design involves the placement of poles and
zeros in the closed loop transfer function. Losses from the
boost inductor, MOSFET, current sensing and boost diode
losses also influence the gain and compensation
expressions. The OTA has an ESD protection structure
(RESD ≈ 502 W, data not provided in the datasheet) located
on the die between the OTA output and the IC package
compensation pin (VC). The information from the OTA
PWM feedback control signal (VCTRL) may differ from the
IC−VC signal if R2 is of similar order of magnitude as RESD.
The compensation and gain expressions which follow take
influence from the OTA output impedance elements into
account
.
Type−I compensation is not possible due to the presence
of RESD. The Figure 13 compensation network corresponds
to a Type−II network in series with RESD. The resulting
control−output transfer function is an accurate mathematical
model of the IC in a boost converter topology. The model
does have limitations and a more accurate SPICE model
should be considered for a more detailed analysis:
The attenuating effect of large value ceramic capacitors
in parallel with output electrolytic capacitor ESR is not
considered in the equations
.
The efficiency term h should be a reasonable operating
condition estimate.
Figure 13. NCV8876 OTA and Compensation
Rds(on)
Vd
L
Ri
COUT
VOUT
C1
R2
VIN
rL
rCf
C2
ROUT
GND
ISNS
VOUT
GDRV
VC
VCTRL
OTA
RESD
R1
RLOW
R0
VREF
RGDRV


Similar Part No. - NCV887601D1R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8876 ONSEMI-NCV8876 Datasheet
148Kb / 11P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
June, 2013 ??Rev. 1
More results

Similar Description - NCV887601D1R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8876 ONSEMI-NCV8876 Datasheet
148Kb / 11P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
June, 2013 ??Rev. 1
NCV8877 ONSEMI-NCV8877_17 Datasheet
131Kb / 17P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
April, 2017 ??Rev. 9
NCV8877 ONSEMI-NCV8877 Datasheet
128Kb / 15P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
October, 2015 ??Rev. 5
NCV8878 ONSEMI-NCV8878_16 Datasheet
208Kb / 15P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
August, 2016 ??Rev. 2
NCV8878 ONSEMI-NCV8878 Datasheet
126Kb / 15P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
October, 2015 ??Rev. 1
NCV8877 ONSEMI-NCV8877_16 Datasheet
131Kb / 17P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
September, 2016 ??Rev. 7
NCV8877 ONSEMI-NCV8877_V01 Datasheet
257Kb / 17P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
November, 2021 ??Rev. 11
NCV8870 ONSEMI-NCV8870_16 Datasheet
239Kb / 15P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 10
NCV887200 ONSEMI-NCV887200 Datasheet
145Kb / 16P
   Automotive Grade Non-Synchronous Boost Controller
June, 2015 ??Rev. 7
NCV8871 ONSEMI-NCV8871_16 Datasheet
242Kb / 17P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com