Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV86601BDT33RKG Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCV86601BDT33RKG
Description  Very Low Iq LD0 150 mA Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV86601BDT33RKG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCV86601BDT33RKG Datasheet HTML 2Page - ON Semiconductor NCV86601BDT33RKG Datasheet HTML 3Page - ON Semiconductor NCV86601BDT33RKG Datasheet HTML 4Page - ON Semiconductor NCV86601BDT33RKG Datasheet HTML 5Page - ON Semiconductor NCV86601BDT33RKG Datasheet HTML 6Page - ON Semiconductor NCV86601BDT33RKG Datasheet HTML 7Page - ON Semiconductor NCV86601BDT33RKG Datasheet HTML 8Page - ON Semiconductor NCV86601BDT33RKG Datasheet HTML 9Page - ON Semiconductor NCV86601BDT33RKG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
NCV8660B
http://onsemi.com
6
TYPICAL OPERATING CHARACTERISTICS
310
320
330
340
350
360
370
380
TEMPERATURE (°C)
Figure 9. Current Limit vs. Temperature
Vin = 13.2 V
0
100
200
300
400
500
600
OUTPUT CURRENT (mA)
Figure 10. Dropout Voltage vs. Output Current
150°C
25°C
−40°C
150 mA
TEMPERATURE (°C)
Figure 11. Dropout Voltage vs. Temperature
0
20
40
60
120
−40 −20
80
100
140 160
0
25
50
75
150
100
125
0
20
40
60
120
−40 −20
80
100
140 160
0
100
200
300
400
500
600
1 mA
10 mA
25 mA
50 mA
75 mA
100 mA
125 mA
Figure 12. Quiescent Current vs. Input Voltage
INPUT VOLTAGE (V)
0
5
10
15
20
25
30
35
40
02
4
6
12
810
14
16
Iout = 0 mA
TEMPERATURE (°C)
Figure 13. Quiescent Current vs. Temperature
23.5
24
24.5
25
25.5
26
26.5
27
27.5
0
20
40
60
120
−40 −20
80
100
140 160
28
29
28.5
OUTPUT CURRENT (mA)
Figure 14. Quiescent Current vs. Output Current
0
5
10
15
20
25
30
35
150°C
25°C
−40°C
0
20
40
60
120
80
100
140
160


Similar Part No. - NCV86601BDT33RKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV86601BDT33RKG ONSEMI-NCV86601BDT33RKG Datasheet
133Kb / 14P
   Very Low Iq LD0 150 mA Regulator Delay Time Select
March, 2018 ??Rev. 5
More results

Similar Description - NCV86601BDT33RKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8660B ONSEMI-NCV8660B_18 Datasheet
133Kb / 14P
   Very Low Iq LD0 150 mA Regulator Delay Time Select
March, 2018 ??Rev. 5
NCV8660C ONSEMI-NCV8660C Datasheet
144Kb / 11P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
May, 2015 ??Rev. 0
NCV8660B ONSEMI-NCV8660B Datasheet
187Kb / 12P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
May, 2010 ??Rev. 2
NCV8660 ONSEMI-NCV8660 Datasheet
177Kb / 14P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
January, 2009 ??Rev. 9
NCV8669 ONSEMI-NCV8669 Datasheet
212Kb / 14P
   Very Low Iq 150 mA LDO Regulator with Reset and Early Warning
July, 2011 ??Rev. 1
NCV8768C ONSEMI-NCV8768C Datasheet
560Kb / 19P
   LDO Regulator - Very Low Iq, Window Watchdog, Enable and Reset 150 mA
February, 2022 ??Rev. 0
NCP571 ONSEMI-NCP571_14 Datasheet
258Kb / 11P
   150 mA CMOS Low Iq Low Output Voltage Regulator
June, 2014 ??Rev. 5
NCV8665 ONSEMI-NCV8665 Datasheet
147Kb / 11P
   150 mA Very Low Iq Low Dropout Linear Regulator with Reset and Delay Reset
September, 2008 ??Rev. 1
NCP511 ONSEMI-NCP511 Datasheet
85Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2004 ??Rev. 9
NCP511 ONSEMI-NCP511_06 Datasheet
94Kb / 11P
   150 mA CMOS Low Iq Low?묭ropout Voltage Regulator
February, 2006 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com