Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8605MN33T2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCV8605MN33T2G
Description  CMOS LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8605MN33T2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCV8605MN33T2G Datasheet HTML 3Page - ON Semiconductor NCV8605MN33T2G Datasheet HTML 4Page - ON Semiconductor NCV8605MN33T2G Datasheet HTML 5Page - ON Semiconductor NCV8605MN33T2G Datasheet HTML 6Page - ON Semiconductor NCV8605MN33T2G Datasheet HTML 7Page - ON Semiconductor NCV8605MN33T2G Datasheet HTML 8Page - ON Semiconductor NCV8605MN33T2G Datasheet HTML 9Page - ON Semiconductor NCV8605MN33T2G Datasheet HTML 10Page - ON Semiconductor NCV8605MN33T2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
NCV8605, NCV8606
http://onsemi.com
7
TYPICAL CHARACTERISTICS
Figure 15. Short Circuit Current Limit vs.
Temperature (Vout = 1.25 V)
200
400
600
800
1000
1200
1400
1600
−40 −20
0
20
40
60
80
100
TA, AMBIENT TEMPERATURE (C)
Vin = 1.75 V
Vin = 6.0 V
Figure 16. PSRR vs. Frequency (Vout = 1.25 V)
f, FREQUENCY (Hz)
Vout = 1.25 V
Vin = 2.25 V
Cout = 1.0 mF
TA = 25C
Iout = 500 mA
Iout = 1mA
Figure 17. PSRR vs. Frequency (Vout = 2.5 V)
10
100
1000
10000
100000
f, FREQUENCY (Hz)
Vout = 2.5 V
Vin = 3.5 V
Cout = 1.0 mF
TA = 25C
Iout = 500 mA
Iout = 1mA
Figure 18. Noise Density vs. Frequency
(Vout = 1.25 V)
0
200
400
600
800
1000
1200
1400
1600
10
100
1000
10000
100000
f, FREQUENCY (Hz)
Vin = Vout + 0.5 V = 1.75 V
Cin = Cout = 1.0 mF
Iout = 500 mA
TA = 25C
Vn = 47 mVrms
Figure 19. Noise Density vs. Frequency
(Vout = 2.5 V)
0
500
1000
1500
2000
2500
10
100
1000
10000
100000
f, FREQUENCY (Hz)
Vin = Vout + 0.5 V = 3.0 V
Cin = Cout = 1.0 mF
Iout = 500 mA
TA = 25C
Vn = 70 mVrms
Figure 20. Load Transient (Vout = 2.5 V)
TIME (40 ms/div)
Vout
200 mV/div
Iout
500 mA/div
Vin = 3.0 V
Vout = 2.5 V
Cout = 10 mF
trise = tfall = 1 ms
TA = 25C
Vout = 1.25 V
0
10
20
30
40
50
60
70
80
10
100
1000
10000
100000
0
10
20
30
40
50
60
70
80
120 140


Similar Part No. - NCV8605MN33T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8605MN33T2G ONSEMI-NCV8605MN33T2G Datasheet
170Kb / 13P
   500 mA, Low IGND, CMOS LDO Regulator with/without Enable and with Enhanced ESD Protection
May, 2010 ??Rev. 0
More results

Similar Description - NCV8605MN33T2G

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217 Datasheet
266Kb / 10P
   150mA CMOS LDO Regulator
logo
BCD Semiconductor Manuf...
AP2132 BCDSEMI-AP2132 Datasheet
126Kb / 2P
   2A CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219_08 Datasheet
282Kb / 10P
   500mA CMOS LDO Regulator
CAT6218 CATALYST-CAT6218 Datasheet
267Kb / 10P
   300mA CMOS LDO Regulator
CAT6219 CATALYST-CAT6219 Datasheet
297Kb / 10P
   500mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5168 SEAWARD-SE5168 Datasheet
215Kb / 8P
   150mA CMOS LDO Regulator
logo
BCD Semiconductor Manuf...
AP2132 BCDSEMI-AP2132_10 Datasheet
669Kb / 13P
   2A CMOS LDO Regulator
logo
List of Unclassifed Man...
CYT6118 ETC2-CYT6118 Datasheet
1Mb / 6P
   500mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217_08 Datasheet
274Kb / 10P
   150mA CMOS LDO Regulator
CAT6218 CATALYST-CAT6218_08 Datasheet
274Kb / 10P
   300mA CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com