Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8774-PP Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCV8774-PP
Description  Ultra Low Iq 350 mA LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8774-PP Datasheet(HTML) 5 Page - ON Semiconductor

  NCV8774-PP Datasheet HTML 1Page - ON Semiconductor NCV8774-PP Datasheet HTML 2Page - ON Semiconductor NCV8774-PP Datasheet HTML 3Page - ON Semiconductor NCV8774-PP Datasheet HTML 4Page - ON Semiconductor NCV8774-PP Datasheet HTML 5Page - ON Semiconductor NCV8774-PP Datasheet HTML 6Page - ON Semiconductor NCV8774-PP Datasheet HTML 7Page - ON Semiconductor NCV8774-PP Datasheet HTML 8Page - ON Semiconductor NCV8774-PP Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
NCV8774
http://onsemi.com
5
TYPICAL CHARACTERISTICS
3.26
3.28
3.3
3.32
3.34
3.36
4.90
4.93
4.95
4.98
5.00
5.03
5.05
5.08
5.10
14
15
16
17
18
19
20
21
22
23
24
0
50
100
150
200
250
300
350
14
15
16
17
18
19
20
21
22
23
24
−40 −20 0
20
40
60
80 100 120 140 160
Figure 4. Quiescent Current vs. Temperature
TJ, JUNCTION TEMPERATURE (°C)
Vin = 13.2 V
Iout = 100 mA
Figure 5. Quiescent Current vs. Input Voltage
100
0
5
10
15
20
25
30
35
40
Vin, INPUT VOLTAGE (V)
Iout = 100 mA
TJ = 25°C
Figure 6. Quiescent Current vs. Output Current
IOUT, OUTPUT CURRENT (mA)
Vin = 13.2 V
TJ = 25°C
TJ = −40°C
TJ = 150°C
Figure 7. Output Voltage vs. Temperature
(5 V Option)
TJ, JUNCTION TEMPERATURE (°C)
Vin = 13.2 V
Iout = 100 mA
Figure 8. Output Voltage vs. Temperature
(3.3 V Option)
−40 −20
0
20
40
60
80 100 120 140 160
TJ, JUNCTION TEMPERATURE (°C)
Vin = 13.2 V
Iout = 100 mA
80
60
40
20
0
−40 −20 0
20
40
60
80 100 120 140 160


Similar Part No. - NCV8774-PP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8774 ONSEMI-NCV8774 Datasheet
255Kb / 12P
   Ultra Low Iq 350 mA LDO Regulator
April, 2013 ??Rev. 0
NCV8774C ONSEMI-NCV8774C Datasheet
171Kb / 13P
   LDO Regulator - Ultra Low Iq 350 mA
May, 2020 ??Rev. 2
NCV8774CDT33RKG ONSEMI-NCV8774CDT33RKG Datasheet
171Kb / 13P
   LDO Regulator - Ultra Low Iq 350 mA
May, 2020 ??Rev. 2
NCV8774CDT50RKG ONSEMI-NCV8774CDT50RKG Datasheet
171Kb / 13P
   LDO Regulator - Ultra Low Iq 350 mA
May, 2020 ??Rev. 2
NCV8774DT33RKG ONSEMI-NCV8774DT33RKG Datasheet
255Kb / 12P
   Ultra Low Iq 350 mA LDO Regulator
April, 2013 ??Rev. 0
More results

Similar Description - NCV8774-PP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8774C ONSEMI-NCV8774C Datasheet
171Kb / 13P
   LDO Regulator - Ultra Low Iq 350 mA
May, 2020 ??Rev. 2
NCV8774DT33RKG ONSEMI-NCV8774DT33RKG Datasheet
255Kb / 12P
   Ultra Low Iq 350 mA LDO Regulator
April, 2013 ??Rev. 0
NCV8770 ONSEMI-NCV8770 Datasheet
210Kb / 13P
   Ultra Low Iq 350 mA LDO Regulator with Reset
February, 2013 ??Rev. 1
NCV8775C ONSEMI-NCV8775C Datasheet
225Kb / 15P
   Ultra Low Iq 350 mA LDO Regulator with Reset
December, 2019 ??Rev. 1
NCV87725D7S50R4G ONSEMI-NCV87725D7S50R4G Datasheet
310Kb / 17P
   Ultra Low Iq 350 mA LDO Regulator with Enable and
December, 2011 ??Rev. 3
NCV8772 ONSEMI-NCV8772 Datasheet
310Kb / 17P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
NCV8772 ONSEMI-NCV8772 Datasheet
209Kb / 14P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
NCV8170 ONSEMI-NCV8170 Datasheet
594Kb / 20P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
May, 2015 ??Rev. 2
NCP583 ONSEMI-NCP583_16 Datasheet
73Kb / 10P
   Ultra-Low Iq 150 mA CMOS LDO Regulator with Enable
January, 2016 ??Rev. 15
NCP170 ONSEMI-NCP170 Datasheet
664Kb / 20P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
February, 2015 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com