Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV86604BDT50RKG Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCV86604BDT50RKG
Description  Very Low Iq LD0 150 mA Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV86604BDT50RKG Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCV86604BDT50RKG Datasheet HTML 5Page - ON Semiconductor NCV86604BDT50RKG Datasheet HTML 6Page - ON Semiconductor NCV86604BDT50RKG Datasheet HTML 7Page - ON Semiconductor NCV86604BDT50RKG Datasheet HTML 8Page - ON Semiconductor NCV86604BDT50RKG Datasheet HTML 9Page - ON Semiconductor NCV86604BDT50RKG Datasheet HTML 10Page - ON Semiconductor NCV86604BDT50RKG Datasheet HTML 11Page - ON Semiconductor NCV86604BDT50RKG Datasheet HTML 12Page - ON Semiconductor NCV86604BDT50RKG Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
NCV8660B
http://onsemi.com
9
DETAILED OPERATING DESCRIPTION
General
The NCV8660B is a 5 V and 3.3 V linear regulator
providing low drop−out voltage for 150 mA at low quiescent
current levels. Also featured in this part is a reset output with
selectable delay times. Delay times are selectable via part
selection and control through the Delay Time Select (DT)
pin. No pull−up resistor is needed on the reset output (RO).
Pull−up and pull−down capability are included. Only a small
bypass capacitor on the input (IN) supply pin and output
(OUT) voltage pin are required for normal operation.
Thermal shutdown functionality protects the IC from
damage caused from excessively high temperatures
appearing on the IC.
Output Voltage
Output stability is determined by the capacitor selected
from OUT to GND. The NCV8660B has been designed to
work with low ESR (equivalent series resistance) ceramic
capacitors. The device is extremely stable using virtually
any capacitor 2.2
mF and above. Reference the Output
Capacitor Stability graph in Figure 21.
The output capacitor value will affect overshoot during
power−up. A lower value capacitor will cause higher
overshoot on the output. System evaluation should be
performed with minimum loading for evaluation of
overshoot.
Selection of process technology for the NCV8660B
allows for low quiescent current independent of loading.
Quiescent current will remain flat across the entire range of
loads providing a low quiescent current condition in standby
and under heavy loads. This is highly beneficial to systems
requiring microprocessor interrupts during standby mode as
duty cycle and load changes have no impact on the standby
current. Reference Figure 14 for Quiescent Current vs
Output Current.
Current Limit
Current limit is provided on OUT to protect the IC. The
minimum specification is 205 mA. Current limit is specified
under two conditions (OUT = 96% x OUT nominal) and
(OUT = 0 V). No fold−back circuitry exists. Any measured
differences can be attributed to change in die temperature.
The part may be operated up to 205 mA provided thermal die
temperature is considered and is kept below 150
°C.
Degradation of electrical parameters at this current is
expected at these elevated levels. A reset (RO) will not occur
with a load less than 205 mA.
Reset Output
A reset signal is provided on the Reset Output (RO) pin to
provide feedback to the microprocessor of an out of
regulation condition. This is in the form of a logic signal on
RO. Output (OUT) voltage conditions below the RESET
threshold cause RO to go low. The RO integrity is
maintained down to OUT = 1.0 V.
The Reset Output (RO) circuitry includes an active
internal pullup to the output (OUT) as shown in Figure 24.
No external pullup is neccessary.
Figure 24. Reset Output Circuitry
OUT
RO
Reset
Control
Signal


Similar Part No. - NCV86604BDT50RKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV86604BDT50RKG ONSEMI-NCV86604BDT50RKG Datasheet
133Kb / 14P
   Very Low Iq LD0 150 mA Regulator Delay Time Select
March, 2018 ??Rev. 5
More results

Similar Description - NCV86604BDT50RKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8660B ONSEMI-NCV8660B_18 Datasheet
133Kb / 14P
   Very Low Iq LD0 150 mA Regulator Delay Time Select
March, 2018 ??Rev. 5
NCV8660C ONSEMI-NCV8660C Datasheet
144Kb / 11P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
May, 2015 ??Rev. 0
NCV8660B ONSEMI-NCV8660B Datasheet
187Kb / 12P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
May, 2010 ??Rev. 2
NCV8660 ONSEMI-NCV8660 Datasheet
177Kb / 14P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
January, 2009 ??Rev. 9
NCV8669 ONSEMI-NCV8669 Datasheet
212Kb / 14P
   Very Low Iq 150 mA LDO Regulator with Reset and Early Warning
July, 2011 ??Rev. 1
NCV8768C ONSEMI-NCV8768C Datasheet
560Kb / 19P
   LDO Regulator - Very Low Iq, Window Watchdog, Enable and Reset 150 mA
February, 2022 ??Rev. 0
NCP571 ONSEMI-NCP571_14 Datasheet
258Kb / 11P
   150 mA CMOS Low Iq Low Output Voltage Regulator
June, 2014 ??Rev. 5
NCV8665 ONSEMI-NCV8665 Datasheet
147Kb / 11P
   150 mA Very Low Iq Low Dropout Linear Regulator with Reset and Delay Reset
September, 2008 ??Rev. 1
NCP511 ONSEMI-NCP511 Datasheet
85Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2004 ??Rev. 9
NCP511 ONSEMI-NCP511_06 Datasheet
94Kb / 11P
   150 mA CMOS Low Iq Low?묭ropout Voltage Regulator
February, 2006 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com