Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8674DS50G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCV8674DS50G
Description  Low Dropout Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8674DS50G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCV8674DS50G Datasheet HTML 3Page - ON Semiconductor NCV8674DS50G Datasheet HTML 4Page - ON Semiconductor NCV8674DS50G Datasheet HTML 5Page - ON Semiconductor NCV8674DS50G Datasheet HTML 6Page - ON Semiconductor NCV8674DS50G Datasheet HTML 7Page - ON Semiconductor NCV8674DS50G Datasheet HTML 8Page - ON Semiconductor NCV8674DS50G Datasheet HTML 9Page - ON Semiconductor NCV8674DS50G Datasheet HTML 10Page - ON Semiconductor NCV8674DS50G Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
NCV8674
http://onsemi.com
7
TYPICAL CHARACTERISTIC CURVES − 12 V OPTION
Figure 15. ESR Stability Region vs. Output
Current
Figure 16. Output Voltage vs. Temperature
Figure 17. Quiescent Current vs. Temperature
Figure 18. Current Limit vs. Temperature
Figure 19. Output Voltage vs. Input Voltage
Figure 20. Quiescent Current vs. Output Load
11.75
11.80
11.85
11.90
11.95
12.00
12.05
12.10
12.15
0
20
40
60
120
TEMPERATURE (°C)
−40 −20
80
100
140 160
TEMPERATURE (°C)
0
10
20
30
40
50
60
0
20
40
60
120
−40 −20
80
100
140 160
0
100
200
300
400
500
600
700
TEMPERATURE (°C)
Vin = 13.5 V
0
204060
120
−40 −20
80
100
140 160
Vin = 13.5 V
Iout = 100 mA
12.20
12.25
800
900
1000
Vin = 13.5 V
Iout = 100 mA
70
80
90
100
INPUT VOLTAGE (V)
0
2
4
6
8
10
12
0
5
10
15
30
20
25
35
14
40
45
OUTPUT LOAD (mA)
0
5
10
15
20
25
35
0
100
200
300
400
125°C
25°C
−40°C
Vin = 13.5 V
Vout(nom) = 12 V
Vout(nom) = 12 V
Vout(nom) = 12 V
Vout(nom) = 12 V
Vout(nom) = 12 V
30
OUTPUT CURRENT (mA)
0.001
0.01
0.1
1
0
50
100
150
300
200
250
350
Unstable Region
Stable Region
10
100
Vout(nom) = 12 V
Unexplored Region*
*The min specified ESR is based on Murata’s capacitor
GRM32ER71C226ME18 used in measurement. The true
min ESR limit might be lower than shown.
Cout = 22 mF
TA = −40°C to 150°C


Similar Part No. - NCV8674DS50G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8674DS50G ONSEMI-NCV8674DS50G Datasheet
155Kb / 11P
   Very Low Iq Low Dropout Linear Regulator
November, 2008 ??Rev. 2
More results

Similar Description - NCV8674DS50G

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
   low-dropout linear regulator.
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_V01 Datasheet
527Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
logo
Texas Instruments
TPS71525-DIE TI1-TPS71525-DIE Datasheet
62Kb / 4P
[Old version datasheet]   LOW-DROPOUT LINEAR REGULATOR
logo
Ceramate Technical
CP1117 CERAMATE-CP1117 Datasheet
444Kb / 12P
   Low Dropout Linear Regulator
logo
Diodes Incorporated
AZ1117C DIODES-AZ1117C Datasheet
839Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
AZ2117 DIODES-AZ2117 Datasheet
355Kb / 9P
   LOW DROPOUT LINEAR REGULATOR
July 2017
logo
DONGGUAN YOU FENG WEI E...
AMS1117-X.X YFWDIODE-AMS1117-X.X Datasheet
820Kb / 4P
   Low Dropout Linear Regulator
logo
Guangdong Kexin Industr...
KS1117 KEXIN-KS1117 Datasheet
1,018Kb / 3P
   Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC2951 AIC-AIC2951 Datasheet
153Kb / 10P
   Low Dropout Linear Regulator
logo
Analog Devices
ADP3308 AD-ADP3308_15 Datasheet
128Kb / 8P
   Low Dropout Linear Regulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com