Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8560MN150R2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV8560MN150R2G
Description  High Performance Low-Power, LDO Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8560MN150R2G Datasheet(HTML) 1 Page - ON Semiconductor

  NCV8560MN150R2G Datasheet HTML 1Page - ON Semiconductor NCV8560MN150R2G Datasheet HTML 2Page - ON Semiconductor NCV8560MN150R2G Datasheet HTML 3Page - ON Semiconductor NCV8560MN150R2G Datasheet HTML 4Page - ON Semiconductor NCV8560MN150R2G Datasheet HTML 5Page - ON Semiconductor NCV8560MN150R2G Datasheet HTML 6Page - ON Semiconductor NCV8560MN150R2G Datasheet HTML 7Page - ON Semiconductor NCV8560MN150R2G Datasheet HTML 8Page - ON Semiconductor NCV8560MN150R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
 Semiconductor Components Industries, LLC, 2013
May, 2013 − Rev. 4
1
Publication Order Number:
NCV8560/D
NCV8560
High Performance
Low-Power, LDO Regulator
with Enable
The NCV8560 provides 150 mA of output current at fixed voltage
options, or an adjustable output voltage from 5.0 V down to 1.250 V. It
is designed for portable battery powered applications and offers high
performance features such as low power operation, fast enable
response time, and low dropout.
The device is designed to be used with low cost ceramic capacitors
and is packaged in the DFN6, 3x3 and TSOP−5 packages.
Features
Output Voltage Options:
Adjustable, 1.3 V, 1.5 V, 1.8 V, 2.5 V, 2.8 V, 3.0 V, 3.3 V, 3.5 V, 5.0 V
Ultra−Low Dropout Voltage of 150 mV at 150 mA
Adjustable Output by External Resistors from 5.0 V down to 1.250 V
Fast Enable Turn−on Time of 15 ms
Wide Supply Voltage Range Operating Range
Excellent Line and Load Regulation
High Accuracy up to 1.5% Output Voltage Tolerance over All
Operating Conditions
Typical Noise Voltage of 50 mVrms without a Bypass Capacitor
NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These Devices are Pb−Free and are RoHS Compliant
Typical Applications
SMPS Post−Regulation
Hand−held Instrumentation
Noise Sensitive Circuits – VCO, RF Stages, etc.
Camcorders and Cameras
Figure 1. Simplified Block Diagram
Driver w/
Current Limit
Thermal
Shutdown
-
+
ENABLE
VOUT
ADJ
GND
VIN
+
1.25 V
Fixed Voltage Only
Adjustable Version Only
MARKING DIAGRAMS
http://onsemi.com
V8560 = Specific Device Code
xxx
= ADJ, 150, 180, 250, 280,
300, 330, 350 or 500
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
DFN6
MN SUFFIX
CASE 488AE
See detailed ordering and shipping information in the
package dimensions section on page 13 of this data sheet.
ORDERING INFORMATION
(Note: Microdot may be in either location)
V8560
xxx
ALYWG
TSOP−5
SN SUFFIX
CASE 483
1
5
xxxAYWG
G
xxx
= Specific Device Code
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
TSOP−5
DFN6


Similar Part No. - NCV8560MN150R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8560MN150R2G ONSEMI-NCV8560MN150R2G Datasheet
178Kb / 15P
   High Performance Low-Power, LDO Regulator with Enable
May, 2008 ??Rev. 1
NCV8560MN150R2G ONSEMI-NCV8560MN150R2G Datasheet
139Kb / 16P
   High Performance Low-Power, LDO Regulator with Enable
February, 2017 ??Rev. 5
More results

Similar Description - NCV8560MN150R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP600 ONSEMI-NCP600 Datasheet
107Kb / 13P
   High Performance Low-Power, LDO Regulator with Enable
September, 2006 ??Rev. 3
NCV8560 ONSEMI-NCV8560_17 Datasheet
139Kb / 16P
   High Performance Low-Power, LDO Regulator with Enable
February, 2017 ??Rev. 5
NCP600SN350T1G ONSEMI-NCP600SN350T1G Datasheet
171Kb / 15P
   High Performance Low-Power, LDO Regulator with Enable
January, 2013 ??Rev. 11
NCV8560 ONSEMI-NCV8560 Datasheet
178Kb / 15P
   High Performance Low-Power, LDO Regulator with Enable
May, 2008 ??Rev. 1
logo
KEC(Korea Electronics)
KIC3213MF12 KEC-KIC3213MF12 Datasheet
450Kb / 9P
   150mA CMOS High Performance LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1253 YOBON-YB1253 Datasheet
476Kb / 11P
   300mA, Low Power, High PSRR LDO Regulator
logo
Advanced Analogic Techn...
AAT3238 ANALOGICTECH-AAT3238_08 Datasheet
1Mb / 13P
   300mA MicroPowerTM High Performance LDO Linear Regulator
logo
Maxim Integrated Produc...
MAX38909 MAXIM-MAX38909 Datasheet
1Mb / 20P
   2A High-Performance nMOS LDO Linear Regulator
19-100950; Rev 1; 11/20
logo
ON Semiconductor
NCP603 ONSEMI-NCP603_13 Datasheet
153Kb / 13P
   300 mA High Performance CMOS LDO Regulator
January, 2013 ??Rev. 3
logo
Advanced Analogic Techn...
AAT3238 ANALOGICTECH-AAT3238 Datasheet
322Kb / 14P
   300mA MicroPower??High Performance LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com